Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3386 Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # 3386
Description  3/8 Square Trimming Potentiometer
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

3386 Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  3386_06 Datasheet HTML 1Page - Bourns Electronic Solutions 3386_06 Datasheet HTML 2Page - Bourns Electronic Solutions 3386_06 Datasheet HTML 3Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
*RoHS Directive 2002/95/EC Jan 27 2003 including Annex.
Fluorinert is a registered trademark of 3M Co.
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
3386 - 3/8 ” Square Trimming Potentiometer
How To Order
3386 P - 1 - 103 T __ LF
Model
Style
Standard or Modified
Product Indicator
-1 = Standard Product
-EY5 = Extended Shaft
Resistance Code
Optional Suffix Letter
T =
Knob**
Packaging Designator
Blank = Tube (Standard)
R = Tape & Reel (W and U Pin Styles Only)
A = Ammo Pack (W and U Pin Styles Only)
Terminations
LF = 100 % Tin-plated (RoHS compliant)
Blank = 90 % Tin / 10 % Lead-plated
(Standard)
**Knob option is available only in standard Tube
packaging.
Consult factory for other available options.
Features
Single Turn / Cermet / Industrial / Sealed
Available on tape and reel
Available with a knob for finger adjust
Available with extended shaft
Available with cross-slot rotor
Features
Top and side adjust types (F, P, H, W, X
most popular)
High voltage types available
(see Model 3386 HV2/3386 HV3 for
details)
RoHS compliant* version available
Electrical Characteristics
Standard Resistance Range
..................................10 to 2 megohms
(see standard resistance table)
Resistance Tolerance ............±10 % std.
(tighter tolerance available)
Absolute Minimum Resistance
.........................................2 ohms max.
Contact Resistance Variation
.............................2 % or 3 ohms max.
(whichever is greater)
Adjustability
Voltage ....................................±0.05 %
Resistance ..............................±0.15 %
Resolution.....................................Infinite
Insulation Resistance ................500 vdc.
1,000 megohms min.
Dielectric Strength
Sea Level .................................900 vac
70,000 Feet ..............................350 vac
Adjustment Angle ..................280 ° nom.
Environmental Characteristics
Power Rating (300 volts max.)
85 °C........................................0.5 watt
125 °C.........................................0 watt
Temperature Range ....-55 °C to +125 °C
Temperature Coefficient ....±100 ppm/°C
Seal Test........................85 °C Fluorinert
Humidity........MIL-STD-202 Method 103
96 hours
(2 % ∆TR, 10 Megohms min.)
Vibration.........30 G (1 % ∆TR; 1 % ∆VR)
Shock...........100 G (1 % ∆TR; 1 % ∆VR)
Load Life ..1,000 hours 0.5 watt @ 70 °C
(3 % ∆TR; 1 % or 1 ohm,
whichever is greater, CRV)
Rotational Life ........................200 cycles
(4 % ∆TR; 1 % or 1 ohm,
whichever is greater, CRV)
Physical Characteristics
Mechanical Angle ..................310 ° nom.
Torque .............................5.0 oz-in. max.
Stop Strength ................15.0 oz -in. min.
Terminals ........................Solderable pins
Weight ........................................0.03 oz.
Marking ...........................Manufacturer’s
trademark, resistance code,
wiring diagram, date code,
manufacturer’s model
number and style
Flammability ...........................U.L. 94V-0
Standard Packaging .....50 pcs. per tube
Wiper................50 % (Actual TR) ±10 %
Adjustment Tool ..............................H-90
9.53
(.375)
5.64
(.222)
5.97
± .89
(.235
± .035)
.38
(.015)
Common Dimensions
Side Adjust Models H,S,W
3.56
± .38
(.140
± .015)
3.81
(.150)
1
32
4.83
(.190)
3386B
2.54
(.100)
1
32
3386C
1.40
± .38
(.055
± .015)
13
2
3386H
2.44
(.096)
3.81
(.150)
1
32
3386J
2.44
(.096)
3
12
3386S
2.44
(.096)
3
12
3386W
31
2
3386X
ADJ. SLOT
.76
(.030)
.76
(.030)
3.15
(.124)
3.56
± .38
(.140
± .015)
1.40
± .38
(.055
± .015)
3.81
(.150)
WIDE
X
X
DEEP
LONG
2.54
(.100)
2.54
(.100)
2.54
(.100)
2.54
(.100)
2.54
(.100)
2.54
(.100)
2.54
(.100)
2.54
(.100)
2.54
(.100)
3.81
(.150)
MIN.
9.53
(.375)
5.33
(.210)
.51
± .05
(.020
± .002)
5.97
± .89
(.235
± .035)
.38
(.015)
Common Dimensions
Side Adjust Models B,C,J,X
ADJ. SLOT
.76
(.030)
.76
(.030)
3.15
(.124)
WIDE
X
X
DEEP
LONG
9.53
(.375)
9.53
(.375)
MIN.
DIA. PINS
.51
± .05
(.020
± .002)
DIA. PINS
3.81
(.150)
3.81
(.150)
DIMENSIONS ARE:
MM
(INCHES)
TOLERANCES: ± 0.25 (.010) EXCEPT WHERE NOTED
Resistance
Resistance
(Ohms)
Code
10
100
20
200
50
500
100
101
200
201
500
501
1,000
102
2,000
202
5,000
502
10,000
103
20,000
203
25,000
253
50,000
503
100,000
104
200,000
204
250,000
254
500,000
504
1,000,000
105
2,000,000
205
Standard Resistance Table
Popular distribution resistance values listed in
boldface. Special resistances available.


Similar Part No. - 3386_06

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
3386-P-100 DBLECTRO-3386-P-100 Datasheet
450Kb / 1P
Square Trimming Potentiometer
3386-P-101 DBLECTRO-3386-P-101 Datasheet
450Kb / 1P
Square Trimming Potentiometer
3386-P-102 DBLECTRO-3386-P-102 Datasheet
450Kb / 1P
Square Trimming Potentiometer
3386-P-103 DBLECTRO-3386-P-103 Datasheet
450Kb / 1P
Square Trimming Potentiometer
3386-P-104 DBLECTRO-3386-P-104 Datasheet
450Kb / 1P
Square Trimming Potentiometer
More results

Similar Description - 3386_06

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
3386 BOURNS-3386 Datasheet
167Kb / 3P
3/8 Square Trimming Potentiometer
3386 BOURNS-3386 Datasheet
167Kb / 3P
3/8 Square Trimming Potentiometer
3299W-1-103LF BOURNS-3299W-1-103LF Datasheet
131Kb / 1P
3/8 Square Trimming Potentiometer
logo
Bi technologies
67PR10KLF BITECH-67PR10KLF Datasheet
66Kb / 5P
3/8 Square Multiturn Cermet Trimming Potentiometer
logo
Bourns Electronic Solut...
3299W-1-103 BOURNS-3299W-1-103 Datasheet
308Kb / 1P
3/8??Square Trimming Potentiometer
RJ24 BOURNS-RJ24 Datasheet
169Kb / 1P
3/8 ??Square Trimming Potentiometer
3386P-1-502LF BOURNS-3386P-1-502LF Datasheet
168Kb / 3P
3386 - 3/8 ??Square Trimming Potentiometer
3386F-1-504LF BOURNS-3386F-1-504LF Datasheet
168Kb / 3P
3386 - 3/8 ??Square Trimming Potentiometer
3292 BOURNS-3292 Datasheet
149Kb / 1P
3/8 ??Square Trimpot짰 Trimming Potentiometer
3299W-1-103LF BOURNS-3299W-1-103LF_10 Datasheet
154Kb / 1P
3/8 Square Trimpot짰 Trimming Potentiometer
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com