Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HEF4521B Datasheet(PDF) 10 Page - NXP Semiconductors

Part # HEF4521B
Description  24-stage frequency divider and oscillator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HEF4521B Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button HEF4521B_09 Datasheet HTML 6Page - NXP Semiconductors HEF4521B_09 Datasheet HTML 7Page - NXP Semiconductors HEF4521B_09 Datasheet HTML 8Page - NXP Semiconductors HEF4521B_09 Datasheet HTML 9Page - NXP Semiconductors HEF4521B_09 Datasheet HTML 10Page - NXP Semiconductors HEF4521B_09 Datasheet HTML 11Page - NXP Semiconductors HEF4521B_09 Datasheet HTML 12Page - NXP Semiconductors HEF4521B_09 Datasheet HTML 13Page - NXP Semiconductors HEF4521B_09 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
HEF4521B_5
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 05 — 5 November 2009
10 of 17
NXP Semiconductors
HEF4521B
24-stage frequency divider and oscillator
14. Application information
(1) Optional for low power operation.
Fig 7.
Crystal oscillator circuit
HEF4521B
Y1
A1
VDD
VDD
R(1)
Ro
CS
CT
R(1)
VDD1
VSS
VSS1
MR
A2
Y2
Q18
Q24
1.8 M
001aae713
Table 11.
Typical characteristics for crystal oscillator
See Figure 7.
Parameter
500 kHz circuit
50 kHz circuit
Unit
Crystal characteristics
Resonance frequency
500
50
kHz
Crystal cut
S
N
-
Equivalent resistance; RS
1
6.2
k
External resistor/capacitor values
Ro
47
750
k
CT
82
82
pF
CS
20
20
pF


Similar Part No. - HEF4521B_09

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4521BD PHILIPS-HEF4521BD Datasheet
159Kb / 11P
24-stage frequency divider and oscillator
January 1995
HEF4521BF PHILIPS-HEF4521BF Datasheet
159Kb / 11P
24-stage frequency divider and oscillator
January 1995
HEF4521BN PHILIPS-HEF4521BN Datasheet
159Kb / 11P
24-stage frequency divider and oscillator
January 1995
HEF4521BP PHILIPS-HEF4521BP Datasheet
159Kb / 11P
24-stage frequency divider and oscillator
January 1995
HEF4521BT PHILIPS-HEF4521BT Datasheet
159Kb / 11P
24-stage frequency divider and oscillator
January 1995
More results

Similar Description - HEF4521B_09

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC14521B ONSEMI-MC14521B Datasheet
219Kb / 9P
24-Stage Frequency Divider
September, 2009 ??Rev. 7
logo
NXP Semiconductors
HEF4521B PHILIPS-HEF4521B Datasheet
159Kb / 11P
24-stage frequency divider and oscillator
January 1995
logo
STMicroelectronics
HCF4521B STMICROELECTRONICS-HCF4521B Datasheet
102Kb / 12P
24 STAGE FREQUENCY DIVIDER
logo
Texas Instruments
CD4521B TI-CD4521B Datasheet
282Kb / 8P
CMOS 24-STAGE FREQUENCY DIVIDER
logo
Hitachi Semiconductor
HD14521B HITACHI-HD14521B Datasheet
97Kb / 6P
24-Stage Frequency Divider
logo
Toshiba Semiconductor
TC4521BP TOSHIBA-TC4521BP_07 Datasheet
396Kb / 9P
24-Stage Frequency Divider
logo
Texas Instruments
CD4521BE TI-CD4521BE Datasheet
1Mb / 18P
CMOS 24-Stage Frequency Divider
CD4521B TI-CD4521B_15 Datasheet
1Mb / 18P
CMOS 24-STAGE FREQUENCY DIVIDER
logo
ON Semiconductor
MC14521B ONSEMI-MC14521B Datasheet
188Kb / 9P
24-Stage Frequency Divider
September, 2009 ??Rev. 7
logo
Nexperia B.V. All right...
HEF4521B NEXPERIA-HEF4521B_V01 Datasheet
266Kb / 15P
24-stage frequency divider and oscillator
3 December 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com