Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HEF4521B Datasheet(PDF) 1 Page - NXP Semiconductors

Part # HEF4521B
Description  24-stage frequency divider and oscillator
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HEF4521B Datasheet(HTML) 1 Page - NXP Semiconductors

  HEF4521B_09 Datasheet HTML 1Page - NXP Semiconductors HEF4521B_09 Datasheet HTML 2Page - NXP Semiconductors HEF4521B_09 Datasheet HTML 3Page - NXP Semiconductors HEF4521B_09 Datasheet HTML 4Page - NXP Semiconductors HEF4521B_09 Datasheet HTML 5Page - NXP Semiconductors HEF4521B_09 Datasheet HTML 6Page - NXP Semiconductors HEF4521B_09 Datasheet HTML 7Page - NXP Semiconductors HEF4521B_09 Datasheet HTML 8Page - NXP Semiconductors HEF4521B_09 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
1.
General description
The HEF4521B consists of a chain of 24 toggle flip-flops with an overriding asynchronous
master reset input (MR), and an input circuit that allows three modes of operation. The
single inverting stage (A2 to Y2) will function as: a crystal oscillator, an input buffer for an
external oscillator or in combination with A1 as an RC oscillator. The crystal oscillator
operates in Low-power mode when pins VSS1 and VDD1 are supplied via external resistors.
Each flip-flop divides the frequency of the previous flip-flop by two, consequently the
HEF4521B will count up to 224 = 16777216. The counting advances on the HIGH-to-LOW
transition of the clock (A2). The outputs from each of the last seven stages (218 to 224) are
available for additional flexibility.
It operates over a recommended VDD power supply range of3Vto15 V referenced to VSS
(usually ground). Unused inputs must be connected to VDD, VSS, or another input. It is
also suitable for use over the full industrial (
−40 °C to +85 °C) temperature range.
2.
Features
I Low power crystal oscillator operation
I Fully static operation
I 5 V, 10 V, and 15 V parametric ratings
I Standardized symmetrical output characteristics
I Operates across the full industrial temperature range −40 °C to +85 °C
I Complies with JEDEC standard JESD 13-B
3.
Applications
I Industrial
4.
Ordering information
HEF4521B
24-stage frequency divider and oscillator
Rev. 05 — 5 November 2009
Product data sheet
Table 1.
Ordering information
All types operate from
−40 °C to +85 °C.
Type number
Package
Name
Description
Version
HEF4521BP
DIP16
plastic dual in-line package; 16-leads (300 mil)
SOT38-4
HEF4521BT
SO16
plastic small outline package; 16 leads; body width 3.9 mm
SOT109-1


Similar Part No. - HEF4521B_09

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4521BD PHILIPS-HEF4521BD Datasheet
159Kb / 11P
   24-stage frequency divider and oscillator
January 1995
HEF4521BF PHILIPS-HEF4521BF Datasheet
159Kb / 11P
   24-stage frequency divider and oscillator
January 1995
HEF4521BN PHILIPS-HEF4521BN Datasheet
159Kb / 11P
   24-stage frequency divider and oscillator
January 1995
HEF4521BP PHILIPS-HEF4521BP Datasheet
159Kb / 11P
   24-stage frequency divider and oscillator
January 1995
HEF4521BT PHILIPS-HEF4521BT Datasheet
159Kb / 11P
   24-stage frequency divider and oscillator
January 1995
More results

Similar Description - HEF4521B_09

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
HEF4521B NEXPERIA-HEF4521B_V01 Datasheet
266Kb / 15P
   24-stage frequency divider and oscillator
3 December 2021
logo
NXP Semiconductors
HEF4521B PHILIPS-HEF4521B Datasheet
159Kb / 11P
   24-stage frequency divider and oscillator
January 1995
logo
ON Semiconductor
MC14521B ONSEMI-MC14521B Datasheet
188Kb / 9P
   24-Stage Frequency Divider
September, 2009 ??Rev. 7
logo
STMicroelectronics
HCF4521B STMICROELECTRONICS-HCF4521B Datasheet
102Kb / 12P
   24 STAGE FREQUENCY DIVIDER
logo
Toshiba Semiconductor
TC4521BP TOSHIBA-TC4521BP_07 Datasheet
396Kb / 9P
   24-Stage Frequency Divider
logo
ON Semiconductor
MC14521B ONSEMI-MC14521B Datasheet
219Kb / 9P
   24-Stage Frequency Divider
September, 2009 ??Rev. 7
logo
Hitachi Semiconductor
HD14521B HITACHI-HD14521B Datasheet
97Kb / 6P
   24-Stage Frequency Divider
logo
Texas Instruments
CD4521BE TI-CD4521BE Datasheet
1Mb / 18P
[Old version datasheet]   CMOS 24-Stage Frequency Divider
CD4521B TI-CD4521B Datasheet
282Kb / 8P
[Old version datasheet]   CMOS 24-STAGE FREQUENCY DIVIDER
CD4521B TI-CD4521B_15 Datasheet
1Mb / 18P
[Old version datasheet]   CMOS 24-STAGE FREQUENCY DIVIDER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com