Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B32537 Datasheet(PDF) 6 Page - EPCOS

Part # B32537
Description  Film Capacitors Metallized Polyester Film Capacitors
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B32537 Datasheet(HTML) 6 Page - EPCOS

Back Button B32537 Datasheet HTML 2Page - EPCOS B32537 Datasheet HTML 3Page - EPCOS B32537 Datasheet HTML 4Page - EPCOS B32537 Datasheet HTML 5Page - EPCOS B32537 Datasheet HTML 6Page - EPCOS B32537 Datasheet HTML 7Page - EPCOS B32537 Datasheet HTML 8Page - EPCOS B32537 Datasheet HTML 9Page - EPCOS B32537 Datasheet HTML 10Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
Ordering codes and packing units
VR
V DC
VRMS
f
≤60 Hz
V AC
CR
µF
Max. dimensions
d
× l
mm
Ordering code
(composition see
below)
Untaped
pcs./MOQ
MOQ = Minimum Order Quantity, consisting of 4 packing units.
Further E series and intermediate capacitance values on request.
Composition of ordering code
+ =
Capacitance tolerance code:
K =
±10%
J =
±5%
630
200
0.033
7.4
× 18.5
B32537B8333+000
200
0.047
7.4
× 18.5
B32537B8473+000
200
0.068
8.4
× 21.0
B32537B8683+000
200
0.10
9.4
× 21.0
B32537B8104+000
80
0.15
9.4
× 21.0
B32537B8154+000
80
0.22
11.7
× 21.0
B32537B8224+000
80
0.33
12.7
× 21.0
B32537B8334+000
80
0.47
13.7
× 21.0
B32537B8474+000
80
0.68
12.7
× 34.0
B32537B8684+000
80
1.0
15.7
× 34.0
B32537B8105+000
80
1.5
17.7
× 34.0
B32537B8155+000
80
2.2
20.7
× 34.0
B32537B8225+000
80
3.3
25.7
× 34.0
B32537B8335+000
80
4.7
29.7
× 34.0
B32537B8475+000
80
B32537
High reliability (wound)
Page 6 of 20
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B32537

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32537 EPCOS-B32537 Datasheet
142Kb / 9P
Metallized Polyester Film Capacitors (MKT-S)
logo
TDK Electronics
B32537B1104J000 TDK-B32537B1104J000 Datasheet
313Kb / 24P
Metallized Polyester Film Capacitors (MKT-S)
B32537B1104K000 TDK-B32537B1104K000 Datasheet
313Kb / 24P
Metallized Polyester Film Capacitors (MKT-S)
B32537B1105J000 TDK-B32537B1105J000 Datasheet
313Kb / 24P
Metallized Polyester Film Capacitors (MKT-S)
B32537B1105K000 TDK-B32537B1105K000 Datasheet
313Kb / 24P
Metallized Polyester Film Capacitors (MKT-S)
More results

Similar Description - B32537

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32559S EPCOS-B32559S Datasheet
327Kb / 18P
Film Capacitors Metallized Polyester Film Capacitors
B32591 EPCOS-B32591 Datasheet
533Kb / 26P
Film Capacitors Metallized Polyester Film Capacitors
B32932 EPCOS-B32932 Datasheet
295Kb / 18P
Film Capacitors Metallized Polyester Film Capacitors
B32559C EPCOS-B32559C Datasheet
425Kb / 23P
Film Capacitors Metallized Polyester Film Capacitors
B32560 EPCOS-B32560_09 Datasheet
577Kb / 32P
Film Capacitors Metallized Polyester Film Capacitors
B32572 EPCOS-B32572 Datasheet
282Kb / 19P
Film Capacitors Metallized Polyester Film Capacitors
logo
TDK Electronics
B32520 TDK-B32520 Datasheet
1Mb / 49P
Film Capacitors Metallized Polyester Film Capacitors (MKT)
logo
EPCOS
B32612_614 EPCOS-B32612_614 Datasheet
577Kb / 32P
Film Capacitors Metallized Polyester Film Capacitors (MKT)
B32651_656 EPCOS-B32651_656 Datasheet
652Kb / 40P
Film Capacitors Metallized Polyester Film Capacitors (MKT)
B32520_529 EPCOS-B32520_529 Datasheet
881Kb / 46P
Film Capacitors Metallized Polyester Film Capacitors (MKT)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com