Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B32537 Datasheet(PDF) 12 Page - EPCOS

Part # B32537
Description  Film Capacitors Metallized Polyester Film Capacitors
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B32537 Datasheet(HTML) 12 Page - EPCOS

Back Button B32537 Datasheet HTML 8Page - EPCOS B32537 Datasheet HTML 9Page - EPCOS B32537 Datasheet HTML 10Page - EPCOS B32537 Datasheet HTML 11Page - EPCOS B32537 Datasheet HTML 12Page - EPCOS B32537 Datasheet HTML 13Page - EPCOS B32537 Datasheet HTML 14Page - EPCOS B32537 Datasheet HTML 15Page - EPCOS B32537 Datasheet HTML 16Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
1.3
General notes on soldering
Permissible heat exposure loads on film capacitors are primarily characterized by the upper cate-
gory temperature Tmax. Long exposure to temperatures above this type-related temperature limit
can lead to changes in the plastic dielectric and thus change irreversibly a capacitor's electrical
characteristics. For short exposures (as in practical soldering processes) the heat load (and thus
the possible effects on a capacitor) will also depend on other factors like:
Pre-heating temperature and time
Forced cooling immediately after soldering
Terminal characteristics:
diameter, length, thermal resistance, special configurations (e.g. crimping)
Height of capacitor above solder bath
Shadowing by neighboring components
Additional heating due to heat dissipation by neighboring components
Use of solder-resist coatings
The overheating associated with some of these factors can usually be reduced by suitable coun-
termeasures. For example, if a pre-heating step cannot be avoided, an additional or reinforced
cooling process may possibly have to be included.
EPCOS recommends the following conditions:
Pre-heating with a maximum temperature of 110
°C
Temperature inside the capacitor should not exceed the following limits:
MKP/MFP 110
°C
MKT 160
°C
When SMD components are used together with leaded ones, the leaded film capacitors should
not pass into the SMD adhesive curing oven. The leaded components should be assembled af-
ter the SMD curing step.
Leaded film capacitors are not suitable for reflow soldering.
Uncoated capacitors
For uncoated MKT capacitors with lead spacings
≤10 mm (B32560/B32561) the following mea-
sures are recommended:
pre-heating to not more than 110
°C in the preheater phase
rapid cooling after soldering
B32537
High reliability (wound)
Page 12 of 20
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B32537

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32537 EPCOS-B32537 Datasheet
142Kb / 9P
Metallized Polyester Film Capacitors (MKT-S)
logo
TDK Electronics
B32537B1104J000 TDK-B32537B1104J000 Datasheet
313Kb / 24P
Metallized Polyester Film Capacitors (MKT-S)
B32537B1104K000 TDK-B32537B1104K000 Datasheet
313Kb / 24P
Metallized Polyester Film Capacitors (MKT-S)
B32537B1105J000 TDK-B32537B1105J000 Datasheet
313Kb / 24P
Metallized Polyester Film Capacitors (MKT-S)
B32537B1105K000 TDK-B32537B1105K000 Datasheet
313Kb / 24P
Metallized Polyester Film Capacitors (MKT-S)
More results

Similar Description - B32537

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32520_529 EPCOS-B32520_529 Datasheet
881Kb / 46P
Film Capacitors Metallized Polyester Film Capacitors (MKT)
B32612_614 EPCOS-B32612_614 Datasheet
577Kb / 32P
Film Capacitors Metallized Polyester Film Capacitors (MKT)
B32651_656 EPCOS-B32651_656 Datasheet
652Kb / 40P
Film Capacitors Metallized Polyester Film Capacitors (MKT)
B32559C EPCOS-B32559C Datasheet
425Kb / 23P
Film Capacitors Metallized Polyester Film Capacitors
B32559S EPCOS-B32559S Datasheet
327Kb / 18P
Film Capacitors Metallized Polyester Film Capacitors
B32560 EPCOS-B32560_09 Datasheet
577Kb / 32P
Film Capacitors Metallized Polyester Film Capacitors
B32572 EPCOS-B32572 Datasheet
282Kb / 19P
Film Capacitors Metallized Polyester Film Capacitors
B32591 EPCOS-B32591 Datasheet
533Kb / 26P
Film Capacitors Metallized Polyester Film Capacitors
B32932 EPCOS-B32932 Datasheet
295Kb / 18P
Film Capacitors Metallized Polyester Film Capacitors
logo
TDK Electronics
B32520 TDK-B32520 Datasheet
1Mb / 49P
Film Capacitors Metallized Polyester Film Capacitors (MKT)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com