Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL88731AHRZ-T Datasheet(PDF) 1 Page - Intersil Corporation

Part # ISL88731AHRZ-T
Description  SMBus Level 2 Battery Charger
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL88731AHRZ-T Datasheet(HTML) 1 Page - Intersil Corporation

  ISL88731AHRZ-T Datasheet HTML 1Page - Intersil Corporation ISL88731AHRZ-T Datasheet HTML 2Page - Intersil Corporation ISL88731AHRZ-T Datasheet HTML 3Page - Intersil Corporation ISL88731AHRZ-T Datasheet HTML 4Page - Intersil Corporation ISL88731AHRZ-T Datasheet HTML 5Page - Intersil Corporation ISL88731AHRZ-T Datasheet HTML 6Page - Intersil Corporation ISL88731AHRZ-T Datasheet HTML 7Page - Intersil Corporation ISL88731AHRZ-T Datasheet HTML 8Page - Intersil Corporation ISL88731AHRZ-T Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
1
®
FN6738.1
ISL88731A
SMBus Level 2 Battery Charger
The ISL88731A is a highly integrated Lithium-ion battery
charger controller, programmable over the SMBus system
management bus (SMBus). The ISL88731A is intended to be
used in a smart battery charger (SBC) within a smart battery
system (SBS) that throttles the charge power such that the
current from the AC-adapter is automatically limited. High
efficiency is achieved with a DC/DC synchronous-rectifier
buck converter, equipped with diode emulation for enhanced
light load efficiency and system bus boosting prevention. The
ISL88731A charges one to four Lithium-ion series cells, and
delivers up to 8A charge current. Integrated MOSFET
drivers and bootstrap diode result in fewer components and
smaller implementation area. Low offset current-sense
amplifiers provide high accuracy with 10m
Ω sense resistors.
The ISL88731A provides 0.5% end-of-charge battery
voltage accuracy.
The ISL88731A provides a digital output that indicates the
presence of the AC-adapter as well as an analog output
which indicates the adapter current within 4% accuracy.
The ISL88731A is available in a small 5mmx5mm 28 Ld thin
(0.8mm) QFN package. An evaluation kit is available to
reduce design time. The ISL88731A is available in Pb-Free
packages.
Pinout
ISL88731A
(28 LD TQFN)
TOP VIEW
Features
• 0.5% Battery Voltage Accuracy
• 3% Adapter Current Limit Accuracy
• 3% Charge Current Accuracy
• SMBus 2 Wire Serial Interface
• Battery Short Circuit Protection
• Fast Response for Pulse-Charging
• Fast System-Load Transient Response
• Monitor Outputs
- Adapter Current (3% Accuracy)
- AC-Adapter Detection
• 11-Bit Battery Voltage Setting
• 6 Bit Charge Current/Adapter Current Setting
• 8A Maximum Battery Charger Current
• 11A Maximum Adapter Current
• +8V to +28V Adapter Voltage Range
• Pb-Free (RoHS compliant)
Applications
• Notebook Computers
• Tablet PCs
• Portable Equipment with Rechargeable Batteries
NC
ACIN
VREF
ICOMP
NC
VCOMP
NC
VDDP
LGATE
PGND
CSOP
CSON
NC
VFB
1
2
3
4
5
6
7
21
20
19
18
17
16
15
28
27
26
25
24
23
22
8
9
10
11
12
13
14
Ordering Information
PART
NUMBER
(Note)
PART
MARKING
TEMP
RANGE
(°C)
PACKAGE
(Pb-Free)
PKG.
DWG. #
ISL88731AHRZ
ISL887
31AHRZ
-10 to +100 28 Ld 5x5
TQFN
L28.5x5B
ISL88731AHRZ-T* ISL887
31AHRZ
-10 to +100 28 Ld 5x5
TQFN (Tape
and Reel)
L28.5x5B
*Please refer to TB347 for details on reel specifications.
NOTE: These Intersil Pb-free plastic packaged products employ special
Pb-free material sets, molding compounds/die attach materials, and
100% matte tin plate plus anneal (e3 termination finish, which is RoHS
compliant and compatible with both SnPb and Pb-free soldering
operations). Intersil Pb-free products are MSL classified at Pb-free peak
reflow temperatures that meet or exceed the Pb-free requirements of
IPC/JEDEC J STD-020.
Data Sheet
January 7, 2009
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright Intersil Americas Inc. 2008, 2009. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.


Similar Part No. - ISL88731AHRZ-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL88731AHRZ INTERSIL-ISL88731AHRZ Datasheet
772Kb / 23P
SMBus Level 2 Battery Charger
June 8, 2011
logo
Renesas Technology Corp
ISL88731AHRZ RENESAS-ISL88731AHRZ Datasheet
1Mb / 24P
SMBus Level 2 Battery Charger
More results

Similar Description - ISL88731AHRZ-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL88731 INTERSIL-ISL88731 Datasheet
462Kb / 22P
SMBus Level 2 Battery Charger
ISL88731C INTERSIL-ISL88731C Datasheet
624Kb / 25P
SMBus Level 2 Battery Charger
ISL88731HRZ INTERSIL-ISL88731HRZ Datasheet
806Kb / 22P
SMBus Level 2 Battery Charger
June 8, 2011
ISL88731AHRZ INTERSIL-ISL88731AHRZ Datasheet
772Kb / 23P
SMBus Level 2 Battery Charger
June 8, 2011
ISL88731CHRTZ INTERSIL-ISL88731CHRTZ Datasheet
897Kb / 25P
SMBus Level 2 Battery Charger
June 8, 2011
logo
ON Semiconductor
NCP3800V ONSEMI-NCP3800V Datasheet
221Kb / 15P
SMBus Level 2 Battery Charger
April, 2013 ??Rev. 0
logo
Renesas Technology Corp
ISL88731 RENESAS-ISL88731 Datasheet
1Mb / 22P
SMBus Level 2 Battery Charger
ISL88731A RENESAS-ISL88731A Datasheet
1Mb / 24P
SMBus Level 2 Battery Charger
ISL88731C RENESAS-ISL88731C Datasheet
1Mb / 26P
SMBus Level 2 Battery Charger
ISL88733 RENESAS-ISL88733 Datasheet
194Kb / 2P
SMBus Level 2 Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com