Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL88731AHRZ-T Datasheet(PDF) 5 Page - Intersil Corporation

Part # ISL88731AHRZ-T
Description  SMBus Level 2 Battery Charger
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL88731AHRZ-T Datasheet(HTML) 5 Page - Intersil Corporation

  ISL88731AHRZ-T Datasheet HTML 1Page - Intersil Corporation ISL88731AHRZ-T Datasheet HTML 2Page - Intersil Corporation ISL88731AHRZ-T Datasheet HTML 3Page - Intersil Corporation ISL88731AHRZ-T Datasheet HTML 4Page - Intersil Corporation ISL88731AHRZ-T Datasheet HTML 5Page - Intersil Corporation ISL88731AHRZ-T Datasheet HTML 6Page - Intersil Corporation ISL88731AHRZ-T Datasheet HTML 7Page - Intersil Corporation ISL88731AHRZ-T Datasheet HTML 8Page - Intersil Corporation ISL88731AHRZ-T Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
5
FN6738.1
January 7, 2009
SWITCHING REGULATOR
Frequency
330
400
440
kHz
BOOT Supply Current
UGATE High
170
290
400
µA
PHASE Input Bias Current
VDCON = 28V, VCSON = VPHASE = 20V
0
2
µA
UGATE ON-Resistance Low
IUGATE = -100mA (Note 4)
0.9
1.6
Ω
UGATE ON-Resistance High
IUGATE = 10mA (Note 4)
1.4
2.5
Ω
LGATE ON-Resistance High
ILGATE = +10mA (Note 4)
1.4
2.5
Ω
LGATE ON-Resistance Low
ILGATE = -100mA (Note 4)
0.9
1.6
Ω
Dead Time
Falling UGATE to rising LGATE or
falling LGATE to rising UGATE
35
50
80
ns
ERROR AMPLIFIERS
GMV Amplifier Transconductance
200
250
300
µA/V
GMI Amplifier Transconductance
40
50
60
µA/V
GMS Amplifier Transconductance
40
50
60
µA/V
GMI/GMS Saturation Current
15
21
25
µA
GMV Saturation Current
10
17
30
µA
ICOMP, VCOMP Clamp Voltage
0.25V < VICOMP, VCOMP < 3.5V
200
300
400
mV
LOGIC LEVELS
SDA/SCL Input Low Voltage
VDDSMB = 2.7V to 5.5V
0.8
V
SDA/SCL Input High Voltage
VDDSMB = 2.7V to 5.5V
2
V
SDA/SCL Input Bias Current
VDDSMB = 2.7V to 5.5V
-1
1
µA
SDA, Output Sink Current
VSDA = 0.4V
7
15
mA
Electrical Specifications
DCIN = CSSP = CSSN = 18V, CSOP = CSON = 12V, VDDP = 5V, BOOT-PHASE = 5.0V, GND = PGND = 0V,
CVDDP = 1µF, IVDDP = 0mA, TA = -10°C to +100°C. Parameters with MIN and/or MAX limits are 100% tested
at +25°C, unless otherwise specified. Temperature limits established by characterization and are not production
tested. (Continued)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
SMBus Timing Specification VDDSMB = 2.7V TO 5.5V
PARAMETERS
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
SMBus Frequency
FSMB
10
100
kHz
Bus Free Time
TBUF
4.7
µs
Start Condition Hold Time from SCL
THD:STA
4
µs
Start Condition Setup Time from SCL
TSU:STA
4.7
µs
Stop Condition Setup Time from SCL
TSU:STO
4
µs
SDA Hold Time from SCL
THD:DAT
300
ns
SDA Setup Time from SCL
TSU:DAT
250
ns
SCL Low Timeout (Note 3)
TTIMEOUT
22
25
30
ms
SCL Low Period
TLOW
4.7
µs
SCL High Period
THIGH
4
µs
Maximum Charging Period Without a SMBus Write to
ChargeVoltage or ChargeCurrent Register
140
180
220
s
NOTES:
3. If SCL is low for longer than the specified time, the charger is disabled.
4. Limits established by characterization and are not production tested.
ISL88731A


Similar Part No. - ISL88731AHRZ-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL88731AHRZ INTERSIL-ISL88731AHRZ Datasheet
772Kb / 23P
   SMBus Level 2 Battery Charger
June 8, 2011
logo
Renesas Technology Corp
ISL88731AHRZ RENESAS-ISL88731AHRZ Datasheet
1Mb / 24P
   SMBus Level 2 Battery Charger
More results

Similar Description - ISL88731AHRZ-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL88731AHRZ INTERSIL-ISL88731AHRZ Datasheet
772Kb / 23P
   SMBus Level 2 Battery Charger
June 8, 2011
ISL88731CHRTZ INTERSIL-ISL88731CHRTZ Datasheet
897Kb / 25P
   SMBus Level 2 Battery Charger
June 8, 2011
logo
ON Semiconductor
NCP3800V ONSEMI-NCP3800V Datasheet
221Kb / 15P
   SMBus Level 2 Battery Charger
April, 2013 ??Rev. 0
logo
Intersil Corporation
ISL88731HRZ INTERSIL-ISL88731HRZ Datasheet
806Kb / 22P
   SMBus Level 2 Battery Charger
June 8, 2011
logo
Renesas Technology Corp
ISL88731A RENESAS-ISL88731A Datasheet
1Mb / 24P
   SMBus Level 2 Battery Charger
ISL88733 RENESAS-ISL88733 Datasheet
194Kb / 2P
   SMBus Level 2 Battery Charger
ISL88731 RENESAS-ISL88731 Datasheet
1Mb / 22P
   SMBus Level 2 Battery Charger
ISL88731C RENESAS-ISL88731C Datasheet
1Mb / 26P
   SMBus Level 2 Battery Charger
logo
Intersil Corporation
ISL88731 INTERSIL-ISL88731 Datasheet
462Kb / 22P
   SMBus Level 2 Battery Charger
ISL88731C INTERSIL-ISL88731C Datasheet
624Kb / 25P
   SMBus Level 2 Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com