Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL88731AHRZ-T Datasheet(PDF) 3 Page - Intersil Corporation

Part # ISL88731AHRZ-T
Description  SMBus Level 2 Battery Charger
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL88731AHRZ-T Datasheet(HTML) 3 Page - Intersil Corporation

  ISL88731AHRZ-T Datasheet HTML 1Page - Intersil Corporation ISL88731AHRZ-T Datasheet HTML 2Page - Intersil Corporation ISL88731AHRZ-T Datasheet HTML 3Page - Intersil Corporation ISL88731AHRZ-T Datasheet HTML 4Page - Intersil Corporation ISL88731AHRZ-T Datasheet HTML 5Page - Intersil Corporation ISL88731AHRZ-T Datasheet HTML 6Page - Intersil Corporation ISL88731AHRZ-T Datasheet HTML 7Page - Intersil Corporation ISL88731AHRZ-T Datasheet HTML 8Page - Intersil Corporation ISL88731AHRZ-T Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
3
FN6738.1
January 7, 2009
Absolute Maximum Ratings
DCIN, CSSP, CSSN, CSOP, CSON, VFB . . . . . . . . . . -0.3V to +28V
CSSP-CSSN, CSOP-CSON, PGND-GND. . . . . . . . . -0.3V to +0.3V
PHASE to GND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -6V to +30V
BOOT to GND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to +33V
BOOT to PHASE . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to +6V
UGATE . . . . . . . . . . . . . . . . . . . . . . .PHASE - 0.3V to BOOT +0.3V
LGATE . . . . . . . . . . . . . . . . . . . . . . . .PGND - 0.3V to VDDP +0.3V
ICOMP, VCOMP, VREF, to GND . . . . . . . . . . . . -0.3V to VCC +0.3V
VDDSMB, SCL, SDA, ACIN, ACOK . . . . . . . . . . . . . . . -0.3V to +6V
VDDP, ICM, VCC to GND, VDDP to PGND. . . . . . . . . . -0.3V to +6V
Thermal Information
Thermal Resistance (Typical, Notes 1, 2)
θJA (°C/W) θJC (°C/W)
QFN Package. . . . . . . . . . . . . . . . . . . .
39
9.5
Junction Temperature Range. . . . . . . . . . . . . . . . . . -55
°C to +150°C
Operating Temperature Range . . . . . . . . . . . . . . . . -10
°C to +100°C
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . -65
°C to +150°C
Pb-Free Reflow Profile. . . . . . . . . . . . . . . . . . . . . . . . .see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product reliability and
result in failures not covered by warranty.
NOTES:
1.
θJA is measured with the component mounted on a highly effective thermal conductivity test board on free air. See Tech Brief TB379 for details.
2. For
θ
JC, the “case temp” location is the center of the exposed metal pad on the package underside.
Electrical Specifications
DCIN = CSSP = CSSN = 18V, CSOP = CSON = 12V, VDDP = 5V, BOOT-PHASE = 5.0V, GND = PGND = 0V,
CVDDP = 1µF, IVDDP = 0mA, TA = -10°C to +100°C. Parameters with MIN and/or MAX limits are 100% tested
at +25°C, unless otherwise specified. Temperature limits established by characterization and are not production
tested.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
CHARGE VOLTAGE REGULATION
Battery Full Charge Voltage and Accuracy ChargeVoltage = 0x41A0
16.716
16.8
16.884
V
-0.5
0.5
%
ChargeVoltage = 0x3130
12.529
12.592
12.655
V
-0.5
0.5
%
ChargeVoltage = 0x20D0
8.350
8.4
8.450
V
-0.6
0.6
%
ChargeVoltage = 0x1060
4.163
4.192
4.221
V
-0.7
0.7
%
Battery Undervoltage Lockout Trip Point
for Trickle Charge
VFB rising
2.55
2.7
2.85
V
Battery Undervoltage Lockout Trip Point
Hysteresis
100
250
400
mV
CHARGE CURRENT REGULATION
CSOP to CSON Full-Scale Current-Sense
Voltage
78.22
80.64
83.06
mV
Charge Current and Accuracy
RS2 = 10m
Ω (see Figure 2)
ChargingCurrent = 0x1f80
7.822
8.064
8.306
A
-3
3
%
RS2 = 10m
Ω (see Figure 2)
ChargingCurrent = 0x0f80
3.809
3.968
4.126
A
-4
4
%
RS2 = 10m
Ω (see Figure 2)
ChargingCurrent = 0x0080
64
128
220
mA
Charge Current Gain Error
Based on charge current = 128mA and 8.064A
-1.6
1.4
%
CSOP/CSON Input Voltage Range
0
19
V
ISL88731A


Similar Part No. - ISL88731AHRZ-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL88731AHRZ INTERSIL-ISL88731AHRZ Datasheet
772Kb / 23P
SMBus Level 2 Battery Charger
June 8, 2011
logo
Renesas Technology Corp
ISL88731AHRZ RENESAS-ISL88731AHRZ Datasheet
1Mb / 24P
SMBus Level 2 Battery Charger
More results

Similar Description - ISL88731AHRZ-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL88731 INTERSIL-ISL88731 Datasheet
462Kb / 22P
SMBus Level 2 Battery Charger
ISL88731C INTERSIL-ISL88731C Datasheet
624Kb / 25P
SMBus Level 2 Battery Charger
ISL88731HRZ INTERSIL-ISL88731HRZ Datasheet
806Kb / 22P
SMBus Level 2 Battery Charger
June 8, 2011
ISL88731AHRZ INTERSIL-ISL88731AHRZ Datasheet
772Kb / 23P
SMBus Level 2 Battery Charger
June 8, 2011
ISL88731CHRTZ INTERSIL-ISL88731CHRTZ Datasheet
897Kb / 25P
SMBus Level 2 Battery Charger
June 8, 2011
logo
ON Semiconductor
NCP3800V ONSEMI-NCP3800V Datasheet
221Kb / 15P
SMBus Level 2 Battery Charger
April, 2013 ??Rev. 0
logo
Renesas Technology Corp
ISL88731 RENESAS-ISL88731 Datasheet
1Mb / 22P
SMBus Level 2 Battery Charger
ISL88731A RENESAS-ISL88731A Datasheet
1Mb / 24P
SMBus Level 2 Battery Charger
ISL88731C RENESAS-ISL88731C Datasheet
1Mb / 26P
SMBus Level 2 Battery Charger
ISL88733 RENESAS-ISL88733 Datasheet
194Kb / 2P
SMBus Level 2 Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com