Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B25667B4417A375 Datasheet(PDF) 2 Page - EPCOS

Part # B25667B4417A375
Description  PhaseCap Premium capacitors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B25667B4417A375 Datasheet(HTML) 2 Page - EPCOS

  B25667B4417A375 Datasheet HTML 1Page - EPCOS B25667B4417A375 Datasheet HTML 2Page - EPCOS B25667B4417A375 Datasheet HTML 3Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Power Capacitors
B25667B4417A375
Power Factor Correction
MKK440-D-25-01
Edition 2.
FK PFC RD / VA
20.10.05
Page 2 of 3
Maximum ratings
Umax (up to 8 h daily) 480 VAC
Umax (up to 1 min)
570 VAC
Imax
1.3 x IR (A)
IS
200 x IR (A)
Test data
UTT
950 VAC / 50 Hz during 10 s
UTC
3,000 VAC / 50 Hz during 10 s
tanδ (50 Hz)
≤ 0.6 W / kvar
Climatic category / -40/D
Tmin
(-)
40 ºC
Tmax
(+)
55 ºC
Humidity
av. rel. < 95%
Maximum altitude
4,000 m
Mean life expectancy
tLD
Up to 115,000 hours
Max. 5000 switchings per year acc. to IEC 60831
Design data
Dimensions (
∅ x l)
142 x 200 mm
Weight approx
2.0 kg
Impregnation
Dry, inert gas
Fixing
Threaded bolt M12
Max. torque (Al can stud)
10 Nm
Mounting position
Any mounting position
possible. See
“Maintenance and
Installation Manual” for
further details.
Label design


Similar Part No. - B25667B4417A375

ManufacturerPart #DatasheetDescription
logo
EPCOS
B25667B4417A375 EPCOS-B25667B4417A375 Datasheet
100Kb / 3P
   Power Factor Correction
B25667B4417A375 EPCOS-B25667B4417A375 Datasheet
36Kb / 2P
   Capacitors for Power Electronics
More results

Similar Description - B25667B4417A375

ManufacturerPart #DatasheetDescription
logo
EPCOS
B25667B2457A375 EPCOS-B25667B2457A375 Datasheet
141Kb / 3P
   PhaseCap Premium capacitors
B25667B4497A375 EPCOS-B25667B4497A375 Datasheet
139Kb / 3P
   PhaseCap Premium capacitors
B25667C2507A175 EPCOS-B25667C2507A175 Datasheet
142Kb / 10P
   PhaseCap Premium capacitors
B25667C3297A375 EPCOS-B25667C3297A375 Datasheet
132Kb / 10P
   PhaseCap Premium capacitors
B25667C3397A375 EPCOS-B25667C3397A375 Datasheet
132Kb / 10P
   PhaseCap Premium capacitors
B25667C4277A375 EPCOS-B25667C4277A375 Datasheet
357Kb / 10P
   PhaseCap Premium capacitors
B25667C4287A375 EPCOS-B25667C4287A375 Datasheet
133Kb / 10P
   PhaseCap Premium capacitors
B25667C4417A365 EPCOS-B25667C4417A365 Datasheet
139Kb / 10P
   PhaseCap Premium capacitors
B25667C4417A375 EPCOS-B25667C4417A375 Datasheet
133Kb / 10P
   PhaseCap Premium capacitors
B25667C4866A375 EPCOS-B25667C4866A375 Datasheet
136Kb / 10P
   PhaseCap Premium capacitors
B25667C5217A175 EPCOS-B25667C5217A175 Datasheet
142Kb / 10P
   PhaseCap Premium capacitors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com