Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRF7105 Datasheet(PDF) 6 Page - International Rectifier

Part # IRF7105
Description  HEXFET POWER MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF7105 Datasheet(HTML) 6 Page - International Rectifier

Back Button IRF7105 Datasheet HTML 2Page - International Rectifier IRF7105 Datasheet HTML 3Page - International Rectifier IRF7105 Datasheet HTML 4Page - International Rectifier IRF7105 Datasheet HTML 5Page - International Rectifier IRF7105 Datasheet HTML 6Page - International Rectifier IRF7105 Datasheet HTML 7Page - International Rectifier IRF7105 Datasheet HTML 8Page - International Rectifier IRF7105 Datasheet HTML 9Page - International Rectifier IRF7105 Datasheet HTML 10Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
IRF7105
6
www.irf.com
Fig 18. Typical Source-Drain Diode
Forward Voltage
Fig 19. Maximum Safe Operating Area
Fig 22a. Gate Charge Test Circuit
Fig 20. Maximum Drain Current Vs.
Ambient Temperature
Pulse Width ≤ 1 µs
Duty Factor ≤ 0.1 %
D.U.T.
VDS
90%
10%
VGS
td(on)
tr
td(off) tf
Fig 21b. Switching Time Waveforms
Fig 21a. Switching Time Test Circuit
QG
QGS
QGD
VG
Charge
Fig 22b. Basic Gate Charge Waveform
RG
VGS
VDS
RD
VDD
-10V
D.U.T.
VDS
ID
IG
-3mA
VGS
.3
µF
50K
.2
µF
12V
Current Regulator
Same Type as D.U.T.
Current Sampling Resistors
-10V
P-Channel
VSD , Source-to-Drain Voltage ( V )
VDS , Drain-to-Source Voltage ( V )
TA , Ambient Temperature ( °C )


Similar Part No. - IRF7105

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
IRF7105 MICROSEMI-IRF7105 Datasheet
339Kb / 18P
   EVALUATION KIT
logo
EVER SEMICONDUCTOR CO.,...
IRF7105 EVVOSEMI-IRF7105 Datasheet
452Kb / 9P
   Dual N P Channel MOSFET
Rev:2023A2
logo
International Rectifier
IRF7105PBF IRF-IRF7105PBF Datasheet
302Kb / 10P
   HEXFET짰 Power MOSFET
IRF7105PBF IRF-IRF7105PBF Datasheet
307Kb / 10P
   Advanced Process Technology
IRF7105PBF IRF-IRF7105PBF Datasheet
307Kb / 10P
   ADVANCED PROCESS TECHNOLOGY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com