Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V26SM20 Datasheet(PDF) 4 Page - Littelfuse

Part # V26SM20
Description  Varistor Products - Surface Mount Varistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

V26SM20 Datasheet(HTML) 4 Page - Littelfuse

  V26SM20 Datasheet HTML 1Page - Littelfuse V26SM20 Datasheet HTML 2Page - Littelfuse V26SM20 Datasheet HTML 3Page - Littelfuse V26SM20 Datasheet HTML 4Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Varistor Products
©2010 Littelfuse, Inc.
Revision: May 11, 2010
SM20 Series Varistor
Surface Mount Varistors > SM20 Series
Specifications are subject to change without notice.
Please refer to www.littelfuse.com/series/sm20.html for current information.
Part Numbering System
For “VARISTOR”
Max Voltage Rating
(Two or three digits -- refer to
ratings and specifications table)
V 275 SM20
SM20 SERIES



6
6
6ROGHULQJ3DG/D\RXW
+
+
W
:
'
Product Dimensions
Symbol
Millimeters
Min
Max
D
(diameter)
---
26
H1
---
10.5
H2
1.0
--
t
0.50
0.70
S1
32.5
35
S2
3.0
4.5
W
6.2
6.6
Packaging
192 mm
30 mm
typical
192 mm
30 mm
typical
8.4 mm
typical
Radius
30 mm
typical
11.7 mm
pocket
depth
Standard Packaging is in "Waffle" trays:
Quantity per tray: 36 pieces
Quantity per box: 108 pieces


Similar Part No. - V26SM20

ManufacturerPart #DatasheetDescription
logo
Moxa Inc.
V2616A MOXA-V2616A Datasheet
1Mb / 6P
   Intel 3rd Gen Core CPU, EN 50155 railway computer
V2616A-C5 MOXA-V2616A-C5 Datasheet
1Mb / 6P
   Intel 3rd Gen Core CPU, EN 50155 railway computer
V2616A-C5-CTLX MOXA-V2616A-C5-CTLX Datasheet
1Mb / 6P
   Intel 3rd Gen Core CPU, EN 50155 railway computer
V2616A-C5-CTW7E MOXA-V2616A-C5-CTW7E Datasheet
1Mb / 6P
   Intel 3rd Gen Core CPU, EN 50155 railway computer
V2616A-C5-LX MOXA-V2616A-C5-LX Datasheet
1Mb / 6P
   Intel 3rd Gen Core CPU, EN 50155 railway computer
More results

Similar Description - V26SM20

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V360CH8T LITTELFUSE-V360CH8T Datasheet
633Kb / 6P
   Varistor Products Surface Mount Varistors > CH Series
V22CH8T LITTELFUSE-V22CH8T Datasheet
850Kb / 6P
   Varistor Products Surface Mount Varistors > CH Series
V39CH8T LITTELFUSE-V39CH8T Datasheet
633Kb / 6P
   Varistor Products Surface Mount Varistors > CH Series
V120CH8T LITTELFUSE-V120CH8T Datasheet
633Kb / 6P
   Varistor Products Surface Mount Varistors > CH Series
V18MLA0805H LITTELFUSE-V18MLA0805H Datasheet
875Kb / 8P
   Varistor Products Surface Mount Multilayer Varistors (MLVs) > MLA Series
V5-5MLA0603NH LITTELFUSE-V5-5MLA0603NH Datasheet
969Kb / 8P
   Varistor Products Surface Mount Multilayer Varistors (MLVs) > MLA Series
V0603MHS03NH LITTELFUSE-V0603MHS03NH Datasheet
836Kb / 5P
   Varistor Products Surface Mount Multilayer Varistors (MLVs) > MHS Series
V14MLA0805NH LITTELFUSE-V14MLA0805NH Datasheet
875Kb / 8P
   Varistor Products Surface Mount Multilayer Varistors (MLVs) > MLA Series
V18MLA1206H LITTELFUSE-V18MLA1206H Datasheet
969Kb / 8P
   Varistor Products Surface Mount Multilayer Varistors (MLVs) > MLA Series
V26MLA1206H LITTELFUSE-V26MLA1206H Datasheet
875Kb / 8P
   Varistor Products Surface Mount Multilayer Varistors (MLVs) > MLA Series
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com