Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V26SM20 Datasheet(PDF) 3 Page - Littelfuse

Part # V26SM20
Description  Varistor Products - Surface Mount Varistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

V26SM20 Datasheet(HTML) 3 Page - Littelfuse

  V26SM20 Datasheet HTML 1Page - Littelfuse V26SM20 Datasheet HTML 2Page - Littelfuse V26SM20 Datasheet HTML 3Page - Littelfuse V26SM20 Datasheet HTML 4Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Varistor Products
©2010 Littelfuse, Inc.
Revision: May 11, 2010
SM20 Series Varistor
Surface Mount Varistors > SM20 Series
Specifications are subject to change without notice.
Please refer to www.littelfuse.com/series/sm20.html for current information.
Lead (Pb) Soldering Recommendations
The principal techniques used for the soldering of
components in surface mount technology are IR Re-flow
and Wave soldering. Typical profiles are shown on the right.
The terminals of SM20 series devices are tin plated copper,
and the recommended solder is 62/36/2 (Sn/Pb/Ag), 60/40
(Sn/Pb) or 63/37 (Sn/Pb). Littelfuse also recommends an
RMA solder flux.
Wave soldering is the most strenuous of the processes.
To avoid the possibility of generating stresses due to
thermal shock, a preheat stage in the soldering process
is recommended, and the peak temperature of the solder
process should be rigidly controlled.
When using a reflow process, care should be taken to
ensure that the SM20 chip is not subjected to a thermal
gradient steeper than 4 degrees per second; the ideal
gradient being 2 degrees per second. During the soldering
process, preheating to within 100 degrees of the solder's
peak temperature is essential to minimize thermal shock.
Once the soldering process has been completed, it is
still necessary to ensure that any further thermal shocks
are avoided. One possible cause of thermal shock is hot
printed circuit boards being removed from the solder
process and subjected to cleaning solvents at room
temperature. The boards must be allowed to cool gradually
to less than 50ºC before cleaning.
Lead–free (Pb-free) Soldering Recommendations
The terminals of SM20 series devices are tin plated copper,
and the recommended Lead-free solder is 96.5/3.0/0.5
(SnAgCu) with an RMA flux, though there is a wide
selection of pastes and fluxes available that should be
compatible.
The reflow profile must be constrained by the maximums
in the Lead–free Reflow Profile. For Lead–free Wave
soldering, the Wave Solder Profile still applies.
Note: the Lead–free paste, flux and profile were used for
evaluation purposes by Littelfuse, based upon industry
standards and practices. There are multiple choices of all
three available, it is advised that the customer explores the
optimum combination for their process as processes vary
considerably from site to site.
PREHEAT ZONE
PREHEAT DWELL
RAMP RATE
<2°C/s
MAXIMUM TEMPERATURE
230°C
TIME (MINUTES)
250
200
150
100
50
0
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
40-80
SECONDS
ABOVE 183°C
TIME (MINUTES)
300
250
200
150
100
50
0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
MAXIMUM WAVE 260°C
SECOND PREHEAT
FIRST PREHEAT
MAXIMUM TEMPERATURE 250˚C,
TIME WITHIN 5˚C OF PEAK
20 SECONDS MAXIMUM
PREHEAT ZONE
RAMP RATE
<3˚C/s
60 - 150 SEC
> 217˚C
TIME (MINUTES)
300
250
200
150
100
50
0
0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
Reflow Solder Profile
Wave Solder Profile
Lead–free Re-flow Solder Profile


Similar Part No. - V26SM20

ManufacturerPart #DatasheetDescription
logo
Moxa Inc.
V2616A MOXA-V2616A Datasheet
1Mb / 6P
   Intel 3rd Gen Core CPU, EN 50155 railway computer
V2616A-C5 MOXA-V2616A-C5 Datasheet
1Mb / 6P
   Intel 3rd Gen Core CPU, EN 50155 railway computer
V2616A-C5-CTLX MOXA-V2616A-C5-CTLX Datasheet
1Mb / 6P
   Intel 3rd Gen Core CPU, EN 50155 railway computer
V2616A-C5-CTW7E MOXA-V2616A-C5-CTW7E Datasheet
1Mb / 6P
   Intel 3rd Gen Core CPU, EN 50155 railway computer
V2616A-C5-LX MOXA-V2616A-C5-LX Datasheet
1Mb / 6P
   Intel 3rd Gen Core CPU, EN 50155 railway computer
More results

Similar Description - V26SM20

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V360CH8T LITTELFUSE-V360CH8T Datasheet
633Kb / 6P
   Varistor Products Surface Mount Varistors > CH Series
V22CH8T LITTELFUSE-V22CH8T Datasheet
850Kb / 6P
   Varistor Products Surface Mount Varistors > CH Series
V39CH8T LITTELFUSE-V39CH8T Datasheet
633Kb / 6P
   Varistor Products Surface Mount Varistors > CH Series
V120CH8T LITTELFUSE-V120CH8T Datasheet
633Kb / 6P
   Varistor Products Surface Mount Varistors > CH Series
V18MLA0805H LITTELFUSE-V18MLA0805H Datasheet
875Kb / 8P
   Varistor Products Surface Mount Multilayer Varistors (MLVs) > MLA Series
V5-5MLA0603NH LITTELFUSE-V5-5MLA0603NH Datasheet
969Kb / 8P
   Varistor Products Surface Mount Multilayer Varistors (MLVs) > MLA Series
V0603MHS03NH LITTELFUSE-V0603MHS03NH Datasheet
836Kb / 5P
   Varistor Products Surface Mount Multilayer Varistors (MLVs) > MHS Series
V14MLA0805NH LITTELFUSE-V14MLA0805NH Datasheet
875Kb / 8P
   Varistor Products Surface Mount Multilayer Varistors (MLVs) > MLA Series
V18MLA1206H LITTELFUSE-V18MLA1206H Datasheet
969Kb / 8P
   Varistor Products Surface Mount Multilayer Varistors (MLVs) > MLA Series
V26MLA1206H LITTELFUSE-V26MLA1206H Datasheet
875Kb / 8P
   Varistor Products Surface Mount Multilayer Varistors (MLVs) > MLA Series
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com