Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V26SM20 Datasheet(PDF) 2 Page - Littelfuse

Part # V26SM20
Description  Varistor Products - Surface Mount Varistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

V26SM20 Datasheet(HTML) 2 Page - Littelfuse

  V26SM20 Datasheet HTML 1Page - Littelfuse V26SM20 Datasheet HTML 2Page - Littelfuse V26SM20 Datasheet HTML 3Page - Littelfuse V26SM20 Datasheet HTML 4Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Varistor Products
©2010 Littelfuse, Inc.
Revision: May 11, 2010
SM20 Series Varistor
Surface Mount Varistors > SM20 Series
Specifications are subject to change without notice.
Please refer to www.littelfuse.com/series/sm20.html for current information.
Repetitive Surge Capability
V175SM20 - V320SM20
10,000
2,000
200
100
50
20
10
5
2
500
20
100
1,000
10,000
IMPULSE DURATION (μs)
1
2
104
105
106
MODEL SIZE 20mm
V175SM20 - V320SM20
103
INDEFINITE
1,000
102
10
5,000
1
For applications exceeding 85ºC ambient temperature, the peak
surge current and energy ratings must be reduced as shown below
Peak Pulse Current Test Waveform for Clamping Voltage
Peak Current, Energy and Power Derating Curve
0
1 = Virtual Origin of Wave
T = Time from 10% to 90% of Peak
T
1 = Rise Time = 1.25 x T
T
2 = Decay Time
Example - For an 8/20 μs Current Waveform:
8μs = T
1 = Rise Time
20μs = T
2 = Decay Time
0
50
100
TIM E
t
1
t
t
O
1
100
90
80
70
60
50
40
30
20
10
0
-55
50
60
70
80
90
100 110
120 130 140 150
AMBIENT TEMPERATURE ( oC)
SM20 Series Ratings & Specifications
Maximum Rating (85°C)
Specifications (25°C)
Continuous
Transient
Varistor Voltage
at 1mA DC
Test Current
Maximum
Clamping
Voltage
8 x 20 μs
Typical
Capacitance
f = 1MHz
V
RMS
V
DC
Energy
10 x 1000μs
Peak Current
8 x 20μs
Part
Number
Branding
V
M(AC)
V
M(DC)
W
TM
1x pulse
I
TM
1x pulse
V
NOM Min
V
NOM Max
V
C
I
PK
C
(V)
(V)
(J)
(A)
(V)
(V)
(V)
(A)
(pF)
V26SM20
26SM20
20
26
20
160 (note 1)
2000
32
(10mA)
40
(10mA)
63
20
12000
V175SM20
175SM20
175
225
90
6500
247
303
455
100
1400
V230SM20
230SM20
230
300
122
6500
324
396
595
100
1100
V250SM20
250SM20
250
330
130
6500
354
429
650
100
1000
V275SM20
275SM20
275
369
140
6500
389
473
710
100
900
V300SM20
300SM20
300
405
165
6500
420
517
775
100
800
V320SM20
320SM20
320
420
150
6500
462
540
810
100
750
1. Energy rating for impulse duration of 30ms minimum to one half of peak current (automotive load dump).


Similar Part No. - V26SM20

ManufacturerPart #DatasheetDescription
logo
Moxa Inc.
V2616A MOXA-V2616A Datasheet
1Mb / 6P
Intel 3rd Gen Core CPU, EN 50155 railway computer
V2616A-C5 MOXA-V2616A-C5 Datasheet
1Mb / 6P
Intel 3rd Gen Core CPU, EN 50155 railway computer
V2616A-C5-CTLX MOXA-V2616A-C5-CTLX Datasheet
1Mb / 6P
Intel 3rd Gen Core CPU, EN 50155 railway computer
V2616A-C5-CTW7E MOXA-V2616A-C5-CTW7E Datasheet
1Mb / 6P
Intel 3rd Gen Core CPU, EN 50155 railway computer
V2616A-C5-LX MOXA-V2616A-C5-LX Datasheet
1Mb / 6P
Intel 3rd Gen Core CPU, EN 50155 railway computer
More results

Similar Description - V26SM20

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V360CH8T LITTELFUSE-V360CH8T Datasheet
633Kb / 6P
Varistor Products Surface Mount Varistors > CH Series
V22CH8T LITTELFUSE-V22CH8T Datasheet
850Kb / 6P
Varistor Products Surface Mount Varistors > CH Series
V39CH8T LITTELFUSE-V39CH8T Datasheet
633Kb / 6P
Varistor Products Surface Mount Varistors > CH Series
V120CH8T LITTELFUSE-V120CH8T Datasheet
633Kb / 6P
Varistor Products Surface Mount Varistors > CH Series
V18MLA0805H LITTELFUSE-V18MLA0805H Datasheet
875Kb / 8P
Varistor Products Surface Mount Multilayer Varistors (MLVs) > MLA Series
V5-5MLA0603NH LITTELFUSE-V5-5MLA0603NH Datasheet
969Kb / 8P
Varistor Products Surface Mount Multilayer Varistors (MLVs) > MLA Series
V0603MHS03NH LITTELFUSE-V0603MHS03NH Datasheet
836Kb / 5P
Varistor Products Surface Mount Multilayer Varistors (MLVs) > MHS Series
V14MLA0805NH LITTELFUSE-V14MLA0805NH Datasheet
875Kb / 8P
Varistor Products Surface Mount Multilayer Varistors (MLVs) > MLA Series
V18MLA1206H LITTELFUSE-V18MLA1206H Datasheet
969Kb / 8P
Varistor Products Surface Mount Multilayer Varistors (MLVs) > MLA Series
V26MLA1206H LITTELFUSE-V26MLA1206H Datasheet
875Kb / 8P
Varistor Products Surface Mount Multilayer Varistors (MLVs) > MLA Series
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com