Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SD2580 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # 2SD2580
Description  Color TV Horizontal Deflection Output Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SD2580 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  2SD2580 Datasheet HTML 1Page - Sanyo Semicon Device 2SD2580 Datasheet HTML 2Page - Sanyo Semicon Device 2SD2580 Datasheet HTML 3Page - Sanyo Semicon Device 2SD2580 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
No.5796-3/4
2SD2580
80
100
120
140
160
60
40
20
0
80
100
120
140
160
60
40
20
0
0
20
40
80
60
70
0
1
2
3
4
PC - Ta
PC - Tc
No
heat
sink
Ambient Temperature, Ta –
°C
Case Temperature, Tc –
°C
10
100
0.1
2
3
5
7
1.0
2
3
5
2
3
5
2
3
5
7
10
7
0.1
2
3
5
1.0
7
2
3
5
2
3
5
10
7
35
7
2
35
7
1000
23
5
7
100
57
1000
23
5
2
3
5
7
7
0.1
1.0
10
22
35
7
2
35
7
0.1
1.0
10
72
3
5
7
2
3
5
7
1.0
2
3
5
2
3
5
7
7
0.1
7
1.0
2
3
5
7
10
2
3
5
7
0.1
7
VCC= 200V
IC/ IB1=5
IB2/ IB1=2
R load
tf
tstg
Tc = 25˚C
1 pulse
I C
I CP
P
C =70W
L = 500
µH
IB2= -3A
Tc = 25˚C
1 pulse
VCC= 200V
IC=6A
IB1= 1.2A
R load
tf
tstg
Forward Bias A S O
SW Time - I C
SW Time - I B2
Reverse Bias A S O
Collector-to-Emitter Voltage, VCE –V
Base Current, IB2 –A
Collector Current, IC –A
Collector-to-Emitter Voltage, VCE –V


Similar Part No. - 2SD2580

ManufacturerPart #DatasheetDescription
logo
Savantic, Inc.
2SD2580 SAVANTIC-2SD2580 Datasheet
170Kb / 4P
   Silicon NPN Power Transistors
logo
Inchange Semiconductor ...
2SD2580 ISC-2SD2580 Datasheet
164Kb / 4P
   Silicon NPN Power Transistors
logo
Savantic, Inc.
2SD2580 SAVANTIC-2SD2580 Datasheet
171Kb / 4P
   Silicon NPN Power Transistors
More results

Similar Description - 2SD2580

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SD2251 SANYO-2SD2251 Datasheet
86Kb / 3P
   Color TV Horizontal Deflection Output Applications???
2SD2634 SANYO-2SD2634 Datasheet
30Kb / 4P
   Color TV Horizontal Deflection Output Applications
2SD1880 SANYO-2SD1880 Datasheet
85Kb / 3P
   Color TV Horizontal Deflection Output Applications?
2SD1881 SANYO-2SD1881 Datasheet
85Kb / 3P
   Color TV Horizontal Deflection Output Applications?
2SD1882 SANYO-2SD1882 Datasheet
84Kb / 3P
   Color TV Horizontal Deflection Output Applications?
2SD2689LS SANYO-2SD2689LS Datasheet
35Kb / 4P
   Color TV Horizontal Deflection Output Applications
2SC6090LS SANYO-2SC6090LS Datasheet
55Kb / 4P
   Color TV Horizontal Deflection Output Applications
2SC6089 SANYO-2SC6089 Datasheet
56Kb / 4P
   Color TV Horizontal Deflection Output Applications
2SD1653 SANYO-2SD1653 Datasheet
347Kb / 9P
   COLOR TV HORIZONTAL DEFLECTION OUTPUT APPLICATIONS
2SD2688LS SANYO-2SD2688LS Datasheet
39Kb / 4P
   Color TV Horizontal Deflection Output Applications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com