Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SD2580 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # 2SD2580
Description  Color TV Horizontal Deflection Output Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SD2580 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  2SD2580 Datasheet HTML 1Page - Sanyo Semicon Device 2SD2580 Datasheet HTML 2Page - Sanyo Semicon Device 2SD2580 Datasheet HTML 3Page - Sanyo Semicon Device 2SD2580 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
No.5796-2/4
2SD2580
0
0
123456789
10
1
2
3
4
5
6
7
8
9
10
0
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1
2
3
4
5
6
7
8
9
11
10
1.0
0.1
1.0
10
10
7
7
2
3
5
2
3
5
7
1.0
2
3
5
2
3
5
7
7
0.1
3
5
7
22
35
7
2
35
7
0.1
1.0
10
72
2
35
7
2
35
7
VCE=5V
VCE=5V
25˚C
-40˚C
25˚C
120˚C
Ta = -40˚C
Ta
= 120˚C
IC/ IB=5
IB=0
2.0A
0.2A
0.4A
0.6A
0.8A
1.0A
1.2A
1.4A 1.6A
1.8A
hFE - I C
I C - VCE
I C - VBE
VCE(sat) - I C
Collector Current, IC –A
Collector Current, IC –A
Collector-to-Emitter Voltage, VCE –V
Base-to-Emitter Voltage, VBE –V
OUTPUT
PW=20
µs
DC
≤1%
INPUT
50
RL=33.3Ω
IB1
IB2
VR
RB
100
µF
470
µF
VBE=–2V
VCC=200V
+
+
Switching Time Test Circuit
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
t
i
d
n
o
C
s
g
n
i
t
a
R
t
i
n
U
n
i
mp
y
tx
a
m
e
g
a
t
l
o
V
n
o
i
t
a
r
u
t
a
S
r
e
t
t
i
m
E
-
o
t
-
r
o
t
c
e
ll
o
CV
)
t
a
s
(
E
C
IC
I
,
A
8
=
B
A
6
.
1
=5
V
e
g
a
t
l
o
V
n
o
i
t
a
r
u
t
a
S
r
e
t
t
i
m
E
-
o
t
-
e
s
a
BV
)
t
a
s
(
E
B
IC
I
,
A
8
=
B
A
6
.
1
=5
.
1V
n
i
a
G
t
n
e
r
r
u
C
C
D
h E
F 1V E
C
I
,
V
5
=
C
A
1
=5
10
3
h E
F 2V E
C
I
,
V
5
=
C
A
8
=5
8
e
m
i
T
ll
a
Ftf
IC
I
,
A
6
=
1
B
I
,
A
2
.
1
=
2
B
A
4
.
2
=3
.
0s
µ
Continued from preceiding page.


Similar Part No. - 2SD2580

ManufacturerPart #DatasheetDescription
logo
Savantic, Inc.
2SD2580 SAVANTIC-2SD2580 Datasheet
170Kb / 4P
   Silicon NPN Power Transistors
logo
Inchange Semiconductor ...
2SD2580 ISC-2SD2580 Datasheet
164Kb / 4P
   Silicon NPN Power Transistors
logo
Savantic, Inc.
2SD2580 SAVANTIC-2SD2580 Datasheet
171Kb / 4P
   Silicon NPN Power Transistors
More results

Similar Description - 2SD2580

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SD2251 SANYO-2SD2251 Datasheet
86Kb / 3P
   Color TV Horizontal Deflection Output Applications???
2SD2634 SANYO-2SD2634 Datasheet
30Kb / 4P
   Color TV Horizontal Deflection Output Applications
2SD1880 SANYO-2SD1880 Datasheet
85Kb / 3P
   Color TV Horizontal Deflection Output Applications?
2SD1881 SANYO-2SD1881 Datasheet
85Kb / 3P
   Color TV Horizontal Deflection Output Applications?
2SD1882 SANYO-2SD1882 Datasheet
84Kb / 3P
   Color TV Horizontal Deflection Output Applications?
2SD2689LS SANYO-2SD2689LS Datasheet
35Kb / 4P
   Color TV Horizontal Deflection Output Applications
2SC6090LS SANYO-2SC6090LS Datasheet
55Kb / 4P
   Color TV Horizontal Deflection Output Applications
2SC6089 SANYO-2SC6089 Datasheet
56Kb / 4P
   Color TV Horizontal Deflection Output Applications
2SD1653 SANYO-2SD1653 Datasheet
347Kb / 9P
   COLOR TV HORIZONTAL DEFLECTION OUTPUT APPLICATIONS
2SD2688LS SANYO-2SD2688LS Datasheet
39Kb / 4P
   Color TV Horizontal Deflection Output Applications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com