Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R5F64166DFB Datasheet(PDF) 29 Page - Renesas Technology Corp

Part # R5F64166DFB
Description  RENESAS MCU
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F64166DFB Datasheet(HTML) 29 Page - Renesas Technology Corp

Back Button R5F64166DFB Datasheet HTML 25Page - Renesas Technology Corp R5F64166DFB Datasheet HTML 26Page - Renesas Technology Corp R5F64166DFB Datasheet HTML 27Page - Renesas Technology Corp R5F64166DFB Datasheet HTML 28Page - Renesas Technology Corp R5F64166DFB Datasheet HTML 29Page - Renesas Technology Corp R5F64166DFB Datasheet HTML 30Page - Renesas Technology Corp R5F64166DFB Datasheet HTML 31Page - Renesas Technology Corp R5F64166DFB Datasheet HTML 32Page - Renesas Technology Corp R5F64166DFB Datasheet HTML 33Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 50 page
background image
REJ03B0253-0110
Rev.1.10
Page 29 of 95
Jun 23, 2010
R32C/116 Group
4. Special Function Registers (SFRs)
4.
Special Function Registers (SFRs)
SFRs are memory-mapped peripheral registers that control the operation of peripherals. Table 4.1 SFR List
(1) to Table 4.25 SFR List (25) list the SFR details.
Table 4.1
SFR List (1)
Address
Register
Symbol
Reset Value
000000h
000001h
000002h
000003h
000004h Clock Control Register
CCR
0001 1000b
000005h
000006h Flash Memory Control Register
FMCR
0000 0001b
000007h Protect Release Register
PRR
00h
000008h
000009h
00000Ah
00000Bh
00000Ch
00000Dh
00000Eh
00000Fh
000010h External Bus Control Register 3/Flash Memory Rewrite Bus
Control Register 3
EBC3/FEBC3
0000h
000011h
000012h Chip Selects 2 and 3 Boundary Setting Register
CB23
00h
000013h
000014h External Bus Control Register 2
EBC2
0000h
000015h
000016h Chip Selects 1 and 2 Boundary Setting Register
CB12
00h
000017h
000018h External Bus Control Register 1
EBC1
0000h
000019h
00001Ah Chip selects 0 and 1 Boundary Setting Register
CB01
00h
00001Bh
00001Ch External Bus Control Register 0/Flash Memory Rewrite Bus
Control Register 0
EBC0/FEBC0
0000h
00001Dh
00001Eh Peripheral Bus Control Register
PBC
0504h
00001Fh
000020h to
00005Fh
X: Undefined
Blanks are reserved. No access is allowed.


Similar Part No. - R5F64166DFB

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F64166DFB RENESAS-R5F64166DFB Datasheet
1Mb / 96P
   RENESAS MCU
R5F64166DFB RENESAS-R5F64166DFB Datasheet
798Kb / 98P
   RENESAS MCU
R5F64166DFB RENESAS-R5F64166DFB Datasheet
740Kb / 99P
   RENESAS MCU
More results

Similar Description - R5F64166DFB

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F21334TNFP RENESAS-R5F21334TNFP Datasheet
397Kb / 51P
   RENESAS MCU
R5F21386CNFP RENESAS-R5F21386CNFP Datasheet
537Kb / 57P
   RENESAS MCU
R5F2L357CNFP RENESAS-R5F2L357CNFP Datasheet
854Kb / 76P
   RENESAS MCU
32C8B RENESAS-32C8B Datasheet
1Mb / 69P
   RENESAS MCU
R8C33G RENESAS-R8C33G Datasheet
501Kb / 54P
   RENESAS MCU
R32C116A RENESAS-R32C116A Datasheet
819Kb / 102P
   RENESAS MCU
R5F64206JFB RENESAS-R5F64206JFB Datasheet
1Mb / 103P
   RENESAS MCU
R5F21321DNSP RENESAS-R5F21321DNSP Datasheet
514Kb / 46P
   RENESAS MCU
R5F21354DNFP RENESAS-R5F21354DNFP Datasheet
428Kb / 46P
   RENESAS MCU
R5F21346WJFP RENESAS-R5F21346WJFP Datasheet
623Kb / 70P
   RENESAS MCU
M16C5M RENESAS-M16C5M Datasheet
1,001Kb / 159P
   RENESAS MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com