Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R5F64166DFB Datasheet(PDF) 23 Page - Renesas Technology Corp

Part # R5F64166DFB
Description  RENESAS MCU
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F64166DFB Datasheet(HTML) 23 Page - Renesas Technology Corp

Back Button R5F64166DFB Datasheet HTML 19Page - Renesas Technology Corp R5F64166DFB Datasheet HTML 20Page - Renesas Technology Corp R5F64166DFB Datasheet HTML 21Page - Renesas Technology Corp R5F64166DFB Datasheet HTML 22Page - Renesas Technology Corp R5F64166DFB Datasheet HTML 23Page - Renesas Technology Corp R5F64166DFB Datasheet HTML 24Page - Renesas Technology Corp R5F64166DFB Datasheet HTML 25Page - Renesas Technology Corp R5F64166DFB Datasheet HTML 26Page - Renesas Technology Corp R5F64166DFB Datasheet HTML 27Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 50 page
background image
REJ03B0253-0110
Rev.1.10
Page 23 of 95
Jun 23, 2010
R32C/116 Group
1. Overview
Table 1.18
Pin Specifications
Notes:
1.
Pull-up resistors are selected in 4-pin units, but are only enabled for those pins set as input ports.
2.
N-channel open drain output can be enabled on the applicable pins on a discrete pin basis.
3.
5 V tolerant input is enabled when an applicable pin is set as an input port. When it is set as an I/O
port, to enable 5 V tolerant input, this pin should be set as N-channel open drain output.
Pin names
Package
Selectable Functions
5 V tolerant input (3)
144-
pin
100-
pin
Pull-up resistor (1)
N-channel
open drain (2)
P0_0 to P0_7
P1_0 to P1_7
P2_0 to P2_7
P3_0 to P3_7
P4_0 to P4_7
P5_0 to P5_3
P5_4 to P5_7
P6_0 to P6_7
P7_0 to P7_7
P8_0 to P8_3
P8_4, P8_6, P8_7
P9_0 to P9_3 (144-pin)
P9_1, P9_3 (100-pin)
P9_4 to P9_7
P10_0 to P10_7
P11_0 to P11_3
P11_4
P12_0 to P12_3
P12_4 to P12_7
P13_0 to P13_7
P14_1, P14_3
P14_4 to P14_6
P15_0 to P15_7


Similar Part No. - R5F64166DFB

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F64166DFB RENESAS-R5F64166DFB Datasheet
1Mb / 96P
   RENESAS MCU
R5F64166DFB RENESAS-R5F64166DFB Datasheet
798Kb / 98P
   RENESAS MCU
R5F64166DFB RENESAS-R5F64166DFB Datasheet
740Kb / 99P
   RENESAS MCU
More results

Similar Description - R5F64166DFB

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F21334TNFP RENESAS-R5F21334TNFP Datasheet
397Kb / 51P
   RENESAS MCU
R5F21386CNFP RENESAS-R5F21386CNFP Datasheet
537Kb / 57P
   RENESAS MCU
R5F2L357CNFP RENESAS-R5F2L357CNFP Datasheet
854Kb / 76P
   RENESAS MCU
32C8B RENESAS-32C8B Datasheet
1Mb / 69P
   RENESAS MCU
R8C33G RENESAS-R8C33G Datasheet
501Kb / 54P
   RENESAS MCU
R32C116A RENESAS-R32C116A Datasheet
819Kb / 102P
   RENESAS MCU
R5F64206JFB RENESAS-R5F64206JFB Datasheet
1Mb / 103P
   RENESAS MCU
R5F21321DNSP RENESAS-R5F21321DNSP Datasheet
514Kb / 46P
   RENESAS MCU
R5F21354DNFP RENESAS-R5F21354DNFP Datasheet
428Kb / 46P
   RENESAS MCU
R5F21346WJFP RENESAS-R5F21346WJFP Datasheet
623Kb / 70P
   RENESAS MCU
M16C5M RENESAS-M16C5M Datasheet
1,001Kb / 159P
   RENESAS MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com