Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R5F64166DFB Datasheet(PDF) 50 Page - Renesas Technology Corp

Part # R5F64166DFB
Description  RENESAS MCU
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F64166DFB Datasheet(HTML) 50 Page - Renesas Technology Corp

Back Button R5F64166DFB Datasheet HTML 42Page - Renesas Technology Corp R5F64166DFB Datasheet HTML 43Page - Renesas Technology Corp R5F64166DFB Datasheet HTML 44Page - Renesas Technology Corp R5F64166DFB Datasheet HTML 45Page - Renesas Technology Corp R5F64166DFB Datasheet HTML 46Page - Renesas Technology Corp R5F64166DFB Datasheet HTML 47Page - Renesas Technology Corp R5F64166DFB Datasheet HTML 48Page - Renesas Technology Corp R5F64166DFB Datasheet HTML 49Page - Renesas Technology Corp R5F64166DFB Datasheet HTML 50Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 50 / 50 page
background image
REJ03B0253-0110
Rev.1.10
Page 50 of 95
Jun 23, 2010
R32C/116 Group
4. Special Function Registers (SFRs)
Table 4.22
SFR List (22)
Address
Register
Symbol
Reset Value
0400F0h Port P10_0 Function Select Register
P10_0S
0XXX X000b
0400F1h Port P11_0 Function Select Register
P11_0S
X0XX X000b
0400F2h Port P10_1 Function Select Register
P10_1S
0XXX X000b
0400F3h Port P11_1 Function Select Register
P11_1S
X0XX X000b
0400F4h Port P10_2 Function Select Register
P10_2S
0XXX X000b
0400F5h Port P11_2 Function Select Register
P11_2S
X0XX X000b
0400F6h Port P10_3 Function Select Register
P10_3S
0XXX X000b
0400F7h Port P11_3 Function Select Register
P11_3S
X0XX X000b
0400F8h Port P10_4 Function Select Register
P10_4S
0XXX X000b
0400F9h Port P11_4 Function Select Register
P11_4S
XXXX X000b
0400FAh Port P10_5 Function Select Register
P10_5S
0XXX X000b
0400FBh
0400FCh Port P10_6 Function Select Register
P10_6S
0XXX X000b
0400FDh
0400FEh Port P10_7 Function Select Register
P10_7S
0XXX X000b
0400FFh
040100h Port P12_0 Function Select Register
P12_0S
X0XX X000b
040101h Port P13_0 Function Select Register
P13_0S
XXXX X000b
040102h Port P12_1 Function Select Register
P12_1S
X0XX X000b
040103h Port P13_1 Function Select Register
P13_1S
XXXX X000b
040104h Port P12_2 Function Select Register
P12_2S
X0XX X000b
040105h Port P13_2 Function Select Register
P13_2S
XXXX X000b
040106h Port P12_3 Function Select Register
P12_3S
X0XX X000b
040107h Port P13_3 Function Select Register
P13_3S
XXXX X000b
040108h Port P12_4 Function Select Register
P12_4S
XXXX X000b
040109h Port P13_4 Function Select Register
P13_4S
XXXX X000b
04010Ah Port P12_5 Function Select Register
P12_5S
XXXX X000b
04010Bh Port P13_5 Function Select Register
P13_5S
XXXX X000b
04010Ch Port P12_6 Function Select Register
P12_6S
XXXX X000b
04010Dh Port P13_6 Function Select Register
P13_6S
XXXX X000b
04010Eh Port P12_7 Function Select Register
P12_7S
XXXX X000b
04010Fh Port P13_7 Function Select Register
P13_7S
XXXX X000b
040110h
040111h Port P15_0 Function Select Register
P15_0S
00XX X000b
040112h
040113h Port P15_1 Function Select Register
P15_1S
00XX X000b
040114h
040115h Port P15_2 Function Select Register
P15_2S
00XX X000b
040116h Port P14_3 Function Select Register
P14_3S
XXXX X000b
040117h Port P15_3 Function Select Register
P15_3S
00XX X000b
040118h Port P14_4 Function Select Register
P14_4S
XXXX X000b
040119h Port P15_4 Function Select Register
P15_4S
00XX X000b
04011Ah Port P14_5 Function Select Register
P14_5S
XXXX X000b
04011Bh Port P15_5 Function Select Register
P15_5S
00XX X000b
04011Ch Port P14_6 Function Select Register
P14_6S
XXXX X000b
04011Dh Port P15_6 Function Select Register
P15_6S
00XX X000b
04011Eh
04011Fh Port P15_7 Function Select Register
P15_7S
00XX X000b
X: Undefined
Blanks are reserved. No access is allowed.


Similar Part No. - R5F64166DFB

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F64166DFB RENESAS-R5F64166DFB Datasheet
1Mb / 96P
RENESAS MCU
R5F64166DFB RENESAS-R5F64166DFB Datasheet
798Kb / 98P
RENESAS MCU
R5F64166DFB RENESAS-R5F64166DFB Datasheet
740Kb / 99P
RENESAS MCU
More results

Similar Description - R5F64166DFB

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F21334TNFP RENESAS-R5F21334TNFP Datasheet
397Kb / 51P
RENESAS MCU
R5F21386CNFP RENESAS-R5F21386CNFP Datasheet
537Kb / 57P
RENESAS MCU
R5F2L357CNFP RENESAS-R5F2L357CNFP Datasheet
854Kb / 76P
RENESAS MCU
32C8B RENESAS-32C8B Datasheet
1Mb / 69P
RENESAS MCU
R8C33G RENESAS-R8C33G Datasheet
501Kb / 54P
RENESAS MCU
R32C116A RENESAS-R32C116A Datasheet
819Kb / 102P
RENESAS MCU
R5F64206JFB RENESAS-R5F64206JFB Datasheet
1Mb / 103P
RENESAS MCU
R5F21321DNSP RENESAS-R5F21321DNSP Datasheet
514Kb / 46P
RENESAS MCU
R5F21354DNFP RENESAS-R5F21354DNFP Datasheet
428Kb / 46P
RENESAS MCU
R5F21346WJFP RENESAS-R5F21346WJFP Datasheet
623Kb / 70P
RENESAS MCU
M16C5M RENESAS-M16C5M Datasheet
1,001Kb / 159P
RENESAS MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com