Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT5615 Datasheet(PDF) 1 Page - Princeton Technology Corp

Part # PT5615
Description  Ballast Control IC
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT5615 Datasheet(HTML) 1 Page - Princeton Technology Corp

  PT5615 Datasheet HTML 1Page - Princeton Technology Corp PT5615 Datasheet HTML 2Page - Princeton Technology Corp PT5615 Datasheet HTML 3Page - Princeton Technology Corp PT5615 Datasheet HTML 4Page - Princeton Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PT5615
Ballast Control IC
Tel: 886-66296288Fax: 886-29174598http://www.princeton.com.tw2F, 233-1, Baociao Road, Sindian, Taipei 23145, Taiwan
DESCRIPTION
The PT5615 is a ballast control IC, with the 650V
half-bridge driver and full protections, designed to drive
all types of fluorescent lamps. The features such as
programmable
preheat
time
and
frequency,
programmable and precise run frequency, self-adapting
ignition time regulator and auto-restart for lamp
replacement, provide a high degree of flexibility for the
ballast design engineers. The protection features
include the filaments detection, ignition failure and
end-of-life protection for lamp and the over-current
protection for half bridge. It is easy to provide a
protection for multi-lamp application. The PT5615 is
available in both DIP16 and SOP16 packages.
APPLICATION
• Electronic ballast for all types of fluorescent lamps
FEATURES
• 650V half-bridge driver
• Programmable and precise oscillator
• Programmable preheat time and frequency
• Sweeping-frequency ignition
• Fixed dead time
• Self-adapting ignition time regulator
• Ignition failure protection
• End-of-life protection
• Programmable half-bridge over-current protection
• Low side and high side filaments detection
• Auto-restart for lamp replacement
• Support multi-lamp design
BLOCK DIAGRAM


Similar Part No. - PT5615

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT5611 PTC-PT5611 Datasheet
338Kb / 4P
   Dimming Ballast Controller IC
PT5611 PTC-PT5611 Datasheet
338Kb / 4P
   Dimming Ballast Controller IC
PT5611-D PTC-PT5611-D Datasheet
338Kb / 4P
   Dimming Ballast Controller IC
PT5611-D PTC-PT5611-D Datasheet
338Kb / 4P
   Dimming Ballast Controller IC
PT5611-S PTC-PT5611-S Datasheet
338Kb / 4P
   Dimming Ballast Controller IC
More results

Similar Description - PT5615

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR2156 IRF-IR2156 Datasheet
497Kb / 24P
   BALLAST CONTROL IC
logo
Fairchild Semiconductor
FAN7532 FAIRCHILD-FAN7532 Datasheet
252Kb / 16P
   Ballast Control IC
logo
SHANGHAI BELLING CO., L...
BL8305A BELLING-BL8305A Datasheet
274Kb / 8P
   BALLAST CONTROL IC
logo
International Rectifier
IR2156STRPBF IRF-IR2156STRPBF Datasheet
783Kb / 21P
   BALLAST CONTROL IC
IR2156PBF IRF-IR2156PBF_15 Datasheet
783Kb / 21P
   BALLAST CONTROL IC
logo
Samsung semiconductor
KA7531 SAMSUNG-KA7531 Datasheet
870Kb / 21P
   BALLAST CONTROL IC
logo
Fairchild Semiconductor
FAN7711 FAIRCHILD-FAN7711 Datasheet
1Mb / 23P
   Ballast Control IC
logo
International Rectifier
IRS2166DSPBF IRF-IRS2166DSPBF Datasheet
501Kb / 20P
   PFC BALLAST CONTROL IC
IR2166STRPBF IRF-IR2166STRPBF Datasheet
620Kb / 33P
   PFC & BALLAST CONTROL IC
IR2166SPBF IRF-IR2166SPBF Datasheet
371Kb / 29P
   PFC & BALLAST CONTROL IC
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com