![]() |
Electronic Components Datasheet Search |
|
PT2315E Datasheet(PDF) 1 Page - Princeton Technology Corp |
|
|
PT2315E Datasheet(HTML) 1 Page - Princeton Technology Corp |
1 / 5 page ![]() PT2315E Stereo Audio Processor for Home TV Audio Tel: 886-66296288‧Fax: 886-29174598‧ http://www.princeton.com.tw‧2F, 233-1, Baociao Road, Sindian, Taipei 23145, Taiwan DESCRIPTION The PT2315E is an audio processor designed for versatile application, includes master volume control with low frequency loudness compensation, speaker output attenuator and tone control. It is a good solution for the home audio signal processing. Due to the high reliability requirement from the audio business, the PT2315E improves both audio performances and input surge current capability, these causes the PT2315E is the best solution for the cost-effective audio systems. APPLICATIONS • Flat Panel TV • Home Audio System • Powered Speaker System FEATURES • Master volume from 0 dB to -78.75dB in 1.25dB/step • Speaker attenuator for balance, range from 0dB to -38.75dB in 1.25dB/step • Each channel output can be muted individually. • Low frequency loudness compensation • Bass and Treble control, range from -14dB to +14dB in 2dB/step • Wide operation range (VDD=4V to 10V) • Low harmonic distortion, low noise • Improved and replace PT2315 and PT2315A BLOCK DIAGRAM LOUDNESS LIN LOUD_L REF BOUT_L BIN_L TREB_L TREBLE BASS OUT_L REF REF LOUDNESS REF TREBLE BASS OUT_R TREB_R BOUT_R LOUD_R RIN VDD REF AGND REF SCL SDA DGND I2C DECODER BIAS BIN_R Master Volume Speaker Attenuator With Mute INT Ref Loud SW |
Similar Part No. - PT2315E_10 |
|
Similar Description - PT2315E_10 |
|
|
Link URL |