Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX34440 Datasheet(PDF) 40 Page - Maxim Integrated Products

Part # MAX34440
Description  PMBus 6-Channel Power-Supply Manager
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX34440 Datasheet(HTML) 40 Page - Maxim Integrated Products

Back Button MAX34440 Datasheet HTML 35Page - Maxim Integrated Products MAX34440 Datasheet HTML 36Page - Maxim Integrated Products MAX34440 Datasheet HTML 37Page - Maxim Integrated Products MAX34440 Datasheet HTML 38Page - Maxim Integrated Products MAX34440 Datasheet HTML 39Page - Maxim Integrated Products MAX34440 Datasheet HTML 40Page - Maxim Integrated Products MAX34440 Datasheet HTML 41Page - Maxim Integrated Products MAX34440 Datasheet HTML 42Page - Maxim Integrated Products MAX34440 Datasheet HTML 43Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 40 / 43 page
background image
PMBus 6-Channel Power-Supply Manager
40
MFR_TIME_COUNT (DDh)
The MFR_TIME_COUNT command returns the number of seconds the device has been operating since the last time
power was applied to the device, RST was toggled, or a soft reset occurred. The counter is a 32-bit value and cannot
be reset by the user.
MFR_MARGIN_CONFIG (E0h)
The MFR_MARGIN_CONFIG command configures the digital PWM outputs to margin the power supplies. The
MFR_MARGIN_CONFIG command is described in Table 25.
Power-supply margining is implemented using the PWM outputs. The PWM frequency is 62.5kHz. The device close-loop
controls the duty cycle to margin the power supply. The device provides 6 bits of duty-cycle resolution.
The device margins the power supplies when OPERATION is set to one of the margin states. Margining of the sup-
plies does not begin until all enabled power supplies have exceeded their programmed POWER_GOOD_ON levels.
When this happens, the PWM output is enabled and the seed value from MFR_MARGIN_CONFIG is loaded as the
initial PWM duty cycle. The device then averages eight samples of VOUT for a total time of 40ms. If the measured
VOUT and the target (set by either VOUT_MARGIN_HIGH or VOUT_MARGIN_LOW) differ by more than 1%, the
PWM duty cycle is adjusted by one step. The direction of the duty cycle adjustment is determined by the SLOPE bit
in MFR_MARGIN_CONFIG. All changes to the PWM are made after averaging eight samples of VOUT over a 40ms
period.
The device is unable to successfully margin a power supply to the programmed target when the PWM duty cycle
reaches 0% or 100% and the target voltage has not been achieved. If this occurs, the device continues attempting to
margin the power supply and does the following:
1) Sets the NONE OF THE ABOVE bit in STATUS_BYTE.
2) Sets the NONE OF THE ABOVE and MFR bits in STATUS_WORD.
3) Sets the MARGIN_FAULT bit in STATUS_MFR_SPECIFIC.
4) Notifies the host through ALERT assertion (if enabled in MFR_MODE).
Also, the averaged VOUT after the PWM has initially been enabled with the seed value is compared to the target value.
If the programmed seed value causes VOUT to exceed the target, a MARGIN_FAULT is declared. For example, if the
target is VOUT_MARGIN_LOW and VOUT is less than VOUT_MARGIN_LOW after seeding, MARGIN_FAULT is set. In
response to this fault, the device continues margining the power supply and does the following:
1) Sets the NONE OF THE ABOVE bit in STATUS_BYTE.
2) Sets the NONE OF THE ABOVE and MFR bits in STATUS_WORD.
3) Sets the MARGIN_FAULT bit in STATUS_MFR_SPECIFIC.
4) Notifies the host through ALERT assertion (if enabled in MFR_MODE).
Table 25. MFR_MARGIN_CONFIG
BIT
BIT NAME
MEANING
15
SLOPE
PWM duty cycle to resulting voltage relationship.
0 = Negative slope (increasing duty cycle results in a lower voltage).
1 = Positive slope (increasing duty cycle results in a higher voltage).
14:6
0
These bits always return a 0.
5:0
SEED
This 6-bit value is used as the initial PWM duty cycle (i.e., seed value) when the device
begins to margin a power supply either up or down.


Similar Part No. - MAX34440

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX34440 MAXIM-MAX34440 Datasheet
1Mb / 43P
   PMBus 6-Channel Power-Supply Manager
Rev 2; 2/12
MAX34440ETL++ MAXIM-MAX34440ETL+ Datasheet
1Mb / 43P
   PMBus 6-Channel Power-Supply Manager
Rev 2; 2/12
MAX34440ETL++ MAXIM-MAX34440ETL+ Datasheet
705Kb / 43P
   PMBus 6-Channel Power-Supply Manager
2015
MAX34440ETL+T MAXIM-MAX34440ETL+T Datasheet
1Mb / 43P
   PMBus 6-Channel Power-Supply Manager
Rev 2; 2/12
MAX34440ETL+T MAXIM-MAX34440ETL+T Datasheet
705Kb / 43P
   PMBus 6-Channel Power-Supply Manager
2015
More results

Similar Description - MAX34440

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX34440 MAXIM-MAX34440_V01 Datasheet
705Kb / 43P
   PMBus 6-Channel Power-Supply Manager
2015
MAX34440 MAXIM-MAX34440_12 Datasheet
1Mb / 43P
   PMBus 6-Channel Power-Supply Manager
Rev 2; 2/12
logo
Linear Technology
LTC2974CUP-PBF LINER-LTC2974CUP-PBF Datasheet
1Mb / 98P
   4-Channel PMBus Power System Manager
logo
Maxim Integrated Produc...
MAX34441 MAXIM-MAX34441 Datasheet
2Mb / 53P
   PMBus 5-Channel Power-Supply Manager and Intelligent Fan Controller
Rev 0; 8/10
MAX34441 MAXIM-MAX34441_V01 Datasheet
1Mb / 53P
   PMBus 5-Channel Power-Supply Manager and Intelligent Fan Controller
2012
logo
Linear Technology
LTC2979 LINER-LTC2979 Datasheet
243Kb / 20P
   16-Channel PMBus Low-Voltage Power System Manager
LTC2972 LINER-LTC2972 Datasheet
2Mb / 112P
   2-Channel PMBus Power System Manager Featuring Programmable Power Good Outputs
LTC2978A LINER-LTC2978A Datasheet
891Kb / 80P
   8-Channel PMBus Power System Manager Featuring Accurate Output Voltage Measurement
logo
Analog Devices
LTC2977 AD-LTC2977 Datasheet
1Mb / 92P
   8-Channel PMBus Power System Manager Featuring Accurate Output Voltage Measurement
Rev. F
logo
Linear Technology
LTC2977 LINER-LTC2977 Datasheet
927Kb / 92P
   8-Channel PMBus Power System Manager Featuring Accurate Output Voltage Measurement
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com