Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX34440 Datasheet(PDF) 37 Page - Maxim Integrated Products

Part # MAX34440
Description  PMBus 6-Channel Power-Supply Manager
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX34440 Datasheet(HTML) 37 Page - Maxim Integrated Products

Back Button MAX34440 Datasheet HTML 33Page - Maxim Integrated Products MAX34440 Datasheet HTML 34Page - Maxim Integrated Products MAX34440 Datasheet HTML 35Page - Maxim Integrated Products MAX34440 Datasheet HTML 36Page - Maxim Integrated Products MAX34440 Datasheet HTML 37Page - Maxim Integrated Products MAX34440 Datasheet HTML 38Page - Maxim Integrated Products MAX34440 Datasheet HTML 39Page - Maxim Integrated Products MAX34440 Datasheet HTML 40Page - Maxim Integrated Products MAX34440 Datasheet HTML 41Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 43 page
background image
PMBus 6-Channel Power-Supply Manager
37
MFR_FAULT_RETRY (DAh)
The MFR_FAULT_RETRY command sets the delay time between a power supply being shut down by a fault response
and the power supply restarting. This command sets the retry time delay in multiples of 1ms. This command value is
used for all fault responses that require delay retry. If global supplies are being sequenced off, the retry delay time does
not begin until the last global channel is turned off. The 2 data bytes are in DIRECT format. When MFR_FAULT_RETRY
= 0000h, the device restarts the power supply at the next available time period.
MFR_NV_FAULT_LOG (DCh)
Each time the MFR_NV_FAULT_LOG command is executed, the device returns a block of 255 bytes containing one
of the 15 nonvolatile fault logs. The MFR_NV_FAULT_LOG command must be executed 15 times to dump the com-
plete nonvolatile fault log. If the returned fault log is all FFs, this indicates that this fault log has not been written by the
device. As the device is operating, it is reading the latest operating conditions for voltage, current, and temperature,
and it is updating the status registers. All this information is stored in on-board RAM. When a fault is detected (if so
enabled in MFR_FAULT_RESPONSE), the device automatically logs this information to one of the 15 nonvolatile fault
logs. After 15 faults have been written, bit 0 of STATUS_CML is set and the host must clear the fault log by setting the
CLEAR_NV_FAULT_LOG bit in MFR_MODE before any additional faults are logged. All the latest status information is
logged as well as eight readings of voltage from the last 800ms in 100ms increments and four readings of current from
the last 800ms of operation. If a power supply is not enabled to measure either current or voltage or if a temperature
sensor is disabled, the associated fault log position returns 0000h.
There is a FAULT_LOG_COUNT (16-bit counter) at the beginning of each fault log that indicates which fault log is
the latest. This counter rolls over should more than 65,535 faults be logged. This counter is not cleared when the
CLEAR_NV_FAULT_LOG bit in MFR_MODE is toggled. The 255 bytes returned by the MFR_NV_FAULT_LOG com-
mand are described in Table 24.
Table 23. MFR_FAULT_RESPONSE Codes
Note: ALERT is asserted if enabled when a new status bit is set. A status bit is latched the first time a particular fault or warning
occurs.
RESPONSE
SETTING
[1:0]
FAULT RESPONSE
11
Set the corresponding fault bit in the appropriate status register.
Log fault into MFR_NV_FAULT_LOG if NV_LOG = 1.
Continue power-supply operation.
10
Set the corresponding fault bit in the appropriate status register.
Log fault into MFR_NV_FAULT_LOG if NV_LOG = 1.
If GLOBAL = 1, assert the FAULT output until faults on all GLOBAL supplies clear and MFR_FAULT_RETRY
expires.
Shut down the power supply by deasserting the PSEN output. Wait for the time configured in
MFR_FAULT_RETRY and restart the supply. If GLOBAL = 1, all enabled power supplies with GLOBAL = 1
are shut down in sequence as configured with TOFF_DELAY, or they are all shut down immediately as con-
figured by bit 0 in ON_OFF_CONFIG. Wait for the time configured in MFR_FAULT_RETRY and restart sup-
plies in sequence as configured with TON_DELAY.
01
Set the corresponding fault bit in the appropriate status register.
Log fault into MFR_NV_FAULT_LOG if NV_LOG = 1.
If GLOBAL = 1, assert the FAULT output until power supplies are restarted by the user.
Latch-off the power supply by deasserting the PSEN output. If GLOBAL = 1, all enabled power supplies with
GLOBAL = 1 are either shut down in sequence as configured with TOFF_DELAY, or they are all shut down
immediately as configured by bit 0 in ON_OFF_CONFIG.
00
Set the corresponding fault bit in the appropriate status register.
Continue power-supply operation.


Similar Part No. - MAX34440

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX34440 MAXIM-MAX34440 Datasheet
1Mb / 43P
   PMBus 6-Channel Power-Supply Manager
Rev 2; 2/12
MAX34440ETL++ MAXIM-MAX34440ETL+ Datasheet
1Mb / 43P
   PMBus 6-Channel Power-Supply Manager
Rev 2; 2/12
MAX34440ETL++ MAXIM-MAX34440ETL+ Datasheet
705Kb / 43P
   PMBus 6-Channel Power-Supply Manager
2015
MAX34440ETL+T MAXIM-MAX34440ETL+T Datasheet
1Mb / 43P
   PMBus 6-Channel Power-Supply Manager
Rev 2; 2/12
MAX34440ETL+T MAXIM-MAX34440ETL+T Datasheet
705Kb / 43P
   PMBus 6-Channel Power-Supply Manager
2015
More results

Similar Description - MAX34440

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX34440 MAXIM-MAX34440_V01 Datasheet
705Kb / 43P
   PMBus 6-Channel Power-Supply Manager
2015
MAX34440 MAXIM-MAX34440_12 Datasheet
1Mb / 43P
   PMBus 6-Channel Power-Supply Manager
Rev 2; 2/12
logo
Linear Technology
LTC2974CUP-PBF LINER-LTC2974CUP-PBF Datasheet
1Mb / 98P
   4-Channel PMBus Power System Manager
logo
Maxim Integrated Produc...
MAX34441 MAXIM-MAX34441 Datasheet
2Mb / 53P
   PMBus 5-Channel Power-Supply Manager and Intelligent Fan Controller
Rev 0; 8/10
MAX34441 MAXIM-MAX34441_V01 Datasheet
1Mb / 53P
   PMBus 5-Channel Power-Supply Manager and Intelligent Fan Controller
2012
logo
Linear Technology
LTC2979 LINER-LTC2979 Datasheet
243Kb / 20P
   16-Channel PMBus Low-Voltage Power System Manager
LTC2972 LINER-LTC2972 Datasheet
2Mb / 112P
   2-Channel PMBus Power System Manager Featuring Programmable Power Good Outputs
LTC2978A LINER-LTC2978A Datasheet
891Kb / 80P
   8-Channel PMBus Power System Manager Featuring Accurate Output Voltage Measurement
logo
Analog Devices
LTC2977 AD-LTC2977 Datasheet
1Mb / 92P
   8-Channel PMBus Power System Manager Featuring Accurate Output Voltage Measurement
Rev. F
logo
Linear Technology
LTC2977 LINER-LTC2977 Datasheet
927Kb / 92P
   8-Channel PMBus Power System Manager Featuring Accurate Output Voltage Measurement
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com