Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX34440 Datasheet(PDF) 36 Page - Maxim Integrated Products

Part # MAX34440
Description  PMBus 6-Channel Power-Supply Manager
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX34440 Datasheet(HTML) 36 Page - Maxim Integrated Products

Back Button MAX34440 Datasheet HTML 32Page - Maxim Integrated Products MAX34440 Datasheet HTML 33Page - Maxim Integrated Products MAX34440 Datasheet HTML 34Page - Maxim Integrated Products MAX34440 Datasheet HTML 35Page - Maxim Integrated Products MAX34440 Datasheet HTML 36Page - Maxim Integrated Products MAX34440 Datasheet HTML 37Page - Maxim Integrated Products MAX34440 Datasheet HTML 38Page - Maxim Integrated Products MAX34440 Datasheet HTML 39Page - Maxim Integrated Products MAX34440 Datasheet HTML 40Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 43 page
background image
PMBus 6-Channel Power-Supply Manager
36
MFR_VOUT_PEAK (D4h)
The MFR_VOUT_PEAK command returns the maximum actual measured output voltage. To reset this value to 0, write to this
command with a data value of 0. Any values written to this command are used as a comparison for future peak updates. The
2 data bytes are in DIRECT format.
MFR_IOUT_PEAK (D5h)
The MFR_IOUT_PEAK command returns the maximum measured current. To reset this value to 0, write to this com-
mand with a data value of 0. Any values written to this command are used as a comparison for future peak updates.
The 2 data bytes are in DIRECT format.
MFR_TEMPERATURE_PEAK (D6h)
The MFR_TEMPERATURE_PEAK command returns the maximum measured temperature. To reset this value to its low-
est value, write to this command with a data value of 8000h. Any other values written by this command are used as a
comparison for future peak updates. The 2 data bytes are in DIRECT format.
MFR_VOUT_MIN (D7h)
The MFR_VOUT_MIN command returns the minimum actual measured output voltage. To reset this value, write to this com-
mand with a data value of 7FFFh. Any values written to this command are used as a comparison for future minimum updates.
The 2 data bytes are in DIRECT format.
MFR_FAULT_RESPONSE (D9h)
The MFR_FAULT_RESPONSE command specifies the response to each fault condition supported by the device. In
response to a fault, the device always reports the fault in the appropriate status register and asserts the ALERT output
(if enabled in MFR_MODE). A CML fault cannot cause any device action other than setting the status bit and asserting
the ALERT output. The MFR_FAULT_RESPONSE command is described in Table 22.
Table 22. MFR_FAULT_RESPONSE
Note 1: All enabled temperature sensor faults are logically ORed together.
Note 2: Temperature faults affect all enabled power supplies. Supplies that are designated as global all respond in the same
manner. This response is the worst-case response of the global channels for the given fault. Supplies that are not global
respond to a temperature fault based upon the programmed response for the particular supply.
Note 3: The fault response for a power-supply fault is determined by MFR_FAULT_RESPONSE for the faulting channel. If this
channel is part of a global group, this fault response is performed for all the global channels.
BIT
BIT NAME
MEANING
15
NV_LOG
0 = Do not log the fault into MFR_NV_FAULT_LOG.
1 = Log the fault into MFR_NV_FAULT_LOG.
14
GLOBAL
0 = Affect only the selected page power supply.
1 = Affect all supplies with GLOBAL = 1.
13
UV_OV_FILTER
0 = Fault on first voltage sample excursion occurrence.
1 = Requires two consecutive voltage sample excursions before a fault is
declared and action is taken.
12:10
0
These bits always return a 0.
9:8
IOUT_OC_FAULT_LIMIT_RESPONSE[1:0] See Table 23.
7:6
OT_FAULT_LIMIT_RESPONSE[1:0]
See Table 23 (see Notes 1 and 2).
5:4
TON_MAX_FAULT_LIMIT_RESPONSE[1:0] See Table 23.
3:2
VOUT_UV_FAULT_LIMIT_RESPONSE[1:0] See Table 23.
1:0
VOUT_OV_FAULT_LIMIT_RESPONSE[1:0] See Table 23.


Similar Part No. - MAX34440

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX34440 MAXIM-MAX34440 Datasheet
1Mb / 43P
PMBus 6-Channel Power-Supply Manager
Rev 2; 2/12
MAX34440ETL++ MAXIM-MAX34440ETL+ Datasheet
1Mb / 43P
PMBus 6-Channel Power-Supply Manager
Rev 2; 2/12
MAX34440ETL++ MAXIM-MAX34440ETL+ Datasheet
705Kb / 43P
PMBus 6-Channel Power-Supply Manager
2015
MAX34440ETL+T MAXIM-MAX34440ETL+T Datasheet
1Mb / 43P
PMBus 6-Channel Power-Supply Manager
Rev 2; 2/12
MAX34440ETL+T MAXIM-MAX34440ETL+T Datasheet
705Kb / 43P
PMBus 6-Channel Power-Supply Manager
2015
More results

Similar Description - MAX34440

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX34440 MAXIM-MAX34440_V01 Datasheet
705Kb / 43P
PMBus 6-Channel Power-Supply Manager
2015
MAX34440 MAXIM-MAX34440_12 Datasheet
1Mb / 43P
PMBus 6-Channel Power-Supply Manager
Rev 2; 2/12
logo
Linear Technology
LTC2974CUP-PBF LINER-LTC2974CUP-PBF Datasheet
1Mb / 98P
4-Channel PMBus Power System Manager
logo
Maxim Integrated Produc...
MAX34441 MAXIM-MAX34441 Datasheet
2Mb / 53P
PMBus 5-Channel Power-Supply Manager and Intelligent Fan Controller
Rev 0; 8/10
MAX34441 MAXIM-MAX34441_V01 Datasheet
1Mb / 53P
PMBus 5-Channel Power-Supply Manager and Intelligent Fan Controller
2012
logo
Linear Technology
LTC2979 LINER-LTC2979 Datasheet
243Kb / 20P
16-Channel PMBus Low-Voltage Power System Manager
LTC2972 LINER-LTC2972 Datasheet
2Mb / 112P
2-Channel PMBus Power System Manager Featuring Programmable Power Good Outputs
LTC2978A LINER-LTC2978A Datasheet
891Kb / 80P
8-Channel PMBus Power System Manager Featuring Accurate Output Voltage Measurement
logo
Analog Devices
LTC2977 AD-LTC2977 Datasheet
1Mb / 92P
8-Channel PMBus Power System Manager Featuring Accurate Output Voltage Measurement
Rev. F
logo
Linear Technology
LTC2977 LINER-LTC2977 Datasheet
927Kb / 92P
8-Channel PMBus Power System Manager Featuring Accurate Output Voltage Measurement
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com