Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX34440 Datasheet(PDF) 35 Page - Maxim Integrated Products

Part # MAX34440
Description  PMBus 6-Channel Power-Supply Manager
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX34440 Datasheet(HTML) 35 Page - Maxim Integrated Products

Back Button MAX34440 Datasheet HTML 31Page - Maxim Integrated Products MAX34440 Datasheet HTML 32Page - Maxim Integrated Products MAX34440 Datasheet HTML 33Page - Maxim Integrated Products MAX34440 Datasheet HTML 34Page - Maxim Integrated Products MAX34440 Datasheet HTML 35Page - Maxim Integrated Products MAX34440 Datasheet HTML 36Page - Maxim Integrated Products MAX34440 Datasheet HTML 37Page - Maxim Integrated Products MAX34440 Datasheet HTML 38Page - Maxim Integrated Products MAX34440 Datasheet HTML 39Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 43 page
background image
PMBus 6-Channel Power-Supply Manager
35
MFR_MODE (D1h)
The MFR_MODE command is used to configure the device to support manufacturer specific commands. The MFR_
MODE command is described in Table 21.
Table 21. MFR_MODE
Note: VDD must be above 2.9V for the device to clear or log data into MFR_NV_FAULT_LOG. MFR_MODE should not be changed
while power supplies are being sequenced.
BIT
BIT NAME
MEANING
15
FORCE_NV_FAULT_LOG
Setting this bit to 1 forces the device to log data into the nonvolatile fault log. Once set, the
device clears this bit when the action is completed. The host must set again for subsequent
action. If an error occurs during this action, the device sets the CML bit in STATUS_BYTE
and STATUS_WORD; no bits are set in STATUS_CML.
14
CLEAR_NV_FAULT_LOG
Setting this bit to 1 forces the device to clear the nonvolatile fault log by writing FFh to all
byte locations. Once set, the device clears this bit when the action is completed. The host
must set again for subsequent action. If an error occurs during this action, the device sets
the CML bit in STATUS_BYTE and STATUS_WORD; no bits are set in STATUS_CML.
13
ALERT
0 = ALERT disabled (device does not respond to ARA).
1 = ALERT enabled (device responds to ARA and ARA must be used).
12
0
This bit always returns a 0.
11
SOFT_RESET
This bit must be set, then cleared and set again within 8ms for a soft reset to occur.
10:9
PGTIME[1:0]
PGTIME1
PGTIME0
TIME FROM POWER GOOD DETERMINED
UNTIL PG OUTPUT IS ASSERTED (ms)
0
0
Immediately
0
1
100
1
0
500
1
1
1000
8
0
This bit always returns a 0.
7
PSEN_PP_OD
Applies to all PSEN outputs.
0 = PSEN push-pull output.
1 = PSEN open-drain output.
6
PSEN_HI_LO
Applies to all PSEN outputs.
0 = PSEN active low.
1 = PSEN active high.
5:0
0
These bits always return a 0.


Similar Part No. - MAX34440

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX34440 MAXIM-MAX34440 Datasheet
1Mb / 43P
   PMBus 6-Channel Power-Supply Manager
Rev 2; 2/12
MAX34440ETL++ MAXIM-MAX34440ETL+ Datasheet
1Mb / 43P
   PMBus 6-Channel Power-Supply Manager
Rev 2; 2/12
MAX34440ETL++ MAXIM-MAX34440ETL+ Datasheet
705Kb / 43P
   PMBus 6-Channel Power-Supply Manager
2015
MAX34440ETL+T MAXIM-MAX34440ETL+T Datasheet
1Mb / 43P
   PMBus 6-Channel Power-Supply Manager
Rev 2; 2/12
MAX34440ETL+T MAXIM-MAX34440ETL+T Datasheet
705Kb / 43P
   PMBus 6-Channel Power-Supply Manager
2015
More results

Similar Description - MAX34440

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX34440 MAXIM-MAX34440_V01 Datasheet
705Kb / 43P
   PMBus 6-Channel Power-Supply Manager
2015
MAX34440 MAXIM-MAX34440_12 Datasheet
1Mb / 43P
   PMBus 6-Channel Power-Supply Manager
Rev 2; 2/12
logo
Linear Technology
LTC2974CUP-PBF LINER-LTC2974CUP-PBF Datasheet
1Mb / 98P
   4-Channel PMBus Power System Manager
logo
Maxim Integrated Produc...
MAX34441 MAXIM-MAX34441 Datasheet
2Mb / 53P
   PMBus 5-Channel Power-Supply Manager and Intelligent Fan Controller
Rev 0; 8/10
MAX34441 MAXIM-MAX34441_V01 Datasheet
1Mb / 53P
   PMBus 5-Channel Power-Supply Manager and Intelligent Fan Controller
2012
logo
Linear Technology
LTC2979 LINER-LTC2979 Datasheet
243Kb / 20P
   16-Channel PMBus Low-Voltage Power System Manager
LTC2972 LINER-LTC2972 Datasheet
2Mb / 112P
   2-Channel PMBus Power System Manager Featuring Programmable Power Good Outputs
LTC2978A LINER-LTC2978A Datasheet
891Kb / 80P
   8-Channel PMBus Power System Manager Featuring Accurate Output Voltage Measurement
logo
Analog Devices
LTC2977 AD-LTC2977 Datasheet
1Mb / 92P
   8-Channel PMBus Power System Manager Featuring Accurate Output Voltage Measurement
Rev. F
logo
Linear Technology
LTC2977 LINER-LTC2977 Datasheet
927Kb / 92P
   8-Channel PMBus Power System Manager Featuring Accurate Output Voltage Measurement
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com