Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX34440 Datasheet(PDF) 34 Page - Maxim Integrated Products

Part # MAX34440
Description  PMBus 6-Channel Power-Supply Manager
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX34440 Datasheet(HTML) 34 Page - Maxim Integrated Products

Back Button MAX34440 Datasheet HTML 30Page - Maxim Integrated Products MAX34440 Datasheet HTML 31Page - Maxim Integrated Products MAX34440 Datasheet HTML 32Page - Maxim Integrated Products MAX34440 Datasheet HTML 33Page - Maxim Integrated Products MAX34440 Datasheet HTML 34Page - Maxim Integrated Products MAX34440 Datasheet HTML 35Page - Maxim Integrated Products MAX34440 Datasheet HTML 36Page - Maxim Integrated Products MAX34440 Datasheet HTML 37Page - Maxim Integrated Products MAX34440 Datasheet HTML 38Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 43 page
background image
PMBus 6-Channel Power-Supply Manager
34
READ_VOUT (8Bh)
The READ_VOUT command returns the actual measured (not commanded) output voltage. READ_VOUT is measured
and updated every 5ms. The 2 data bytes are in DIRECT format.
READ_IOUT (8Ch)
The READ_IOUT command returns the latest measured current value. READ_IOUT is measured and updated every
200ms. The 2 data bytes are in DIRECT format.
READ_TEMPERATURE_1 (8Dh)
The READ_TEMPERATURE_1 command returns the temperature returned from the temperature sensor.
READ_TEMPERATURE_1 returns 7FFFh if the sensor is faulty and 0000h if the sensor is disabled. READ_TEMPERATURE_1
is measured and updated once a second. The 2 data bytes are in DIRECT format.
PMBUS_REVISION (98h)
The PMBUS_REVISION command returns the revision of the PMBus specification to which the device is compliant. The
command has 1 data byte. Bits [7:4] indicate the revision of PMBus specification Part I to which the device is compli-
ant. Bits [3:0] indicate the revision of PMBus specification Part II to which the device is compliant. This command is
read-only. The PMBUS_REVISION value returned is always 11h, which indicates that it is compliant with Part I Rev 1.1
and Part II Rev 1.1.
MFR_ID (99h)
The MFR_ID command returns the text (ISO/IEC 8859-1) character of the manufacturer’s (Maxim) identification. The
default MFR_ID value is 4Dh (M). This command is read-only.
MFR_MODEL (9Ah)
The MFR_MODEL command returns the text (ISO/IEC 8859-1) character of the device model number. The default
MFR_MODEL value is 51h (Q). This command is read-only.
MFR_REVISION (9Bh)
The MFR_REVISION command returns two text (ISO/IEC 8859-1) characters that contain the device revision numbers
for hardware (upper byte) and firmware (lower byte). The default MFR_REVISION value is 3030h (00). This command
is read-only.
MFR_LOCATION (9Ch)
The MFR_LOCATION command loads the device with text (ISO/IEC 8859-1) characters that identify the facility that
manufactures the power supply. The maximum number of characters is 8. This data is written to internal flash using
the STORE_DEFAULT_ALL command. The factory default text string value is 10101010.
MFR_DATE (9Dh)
The MFR_DATE command loads the device with text (ISO/IEC 8859-1) characters that identify the date of manu-
facture of the power supply. The maximum number of characters is 8. This data is written to internal flash using the
STORE_DEFAULT_ALL command. The factory default text string value is 10101010.
MFR_SERIAL (9Eh)
The MFR_SERIAL command loads the device with text (ISO/IEC 8859-1) characters that uniquely identify the device.
The maximum number of characters is 8. This data is written to internal flash using the STORE_DEFAULT_ALL com-
mand. The factory default text string value is 10101010.


Similar Part No. - MAX34440

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX34440 MAXIM-MAX34440 Datasheet
1Mb / 43P
PMBus 6-Channel Power-Supply Manager
Rev 2; 2/12
MAX34440ETL++ MAXIM-MAX34440ETL+ Datasheet
1Mb / 43P
PMBus 6-Channel Power-Supply Manager
Rev 2; 2/12
MAX34440ETL++ MAXIM-MAX34440ETL+ Datasheet
705Kb / 43P
PMBus 6-Channel Power-Supply Manager
2015
MAX34440ETL+T MAXIM-MAX34440ETL+T Datasheet
1Mb / 43P
PMBus 6-Channel Power-Supply Manager
Rev 2; 2/12
MAX34440ETL+T MAXIM-MAX34440ETL+T Datasheet
705Kb / 43P
PMBus 6-Channel Power-Supply Manager
2015
More results

Similar Description - MAX34440

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX34440 MAXIM-MAX34440_V01 Datasheet
705Kb / 43P
PMBus 6-Channel Power-Supply Manager
2015
MAX34440 MAXIM-MAX34440_12 Datasheet
1Mb / 43P
PMBus 6-Channel Power-Supply Manager
Rev 2; 2/12
logo
Linear Technology
LTC2974CUP-PBF LINER-LTC2974CUP-PBF Datasheet
1Mb / 98P
4-Channel PMBus Power System Manager
logo
Maxim Integrated Produc...
MAX34441 MAXIM-MAX34441 Datasheet
2Mb / 53P
PMBus 5-Channel Power-Supply Manager and Intelligent Fan Controller
Rev 0; 8/10
MAX34441 MAXIM-MAX34441_V01 Datasheet
1Mb / 53P
PMBus 5-Channel Power-Supply Manager and Intelligent Fan Controller
2012
logo
Linear Technology
LTC2979 LINER-LTC2979 Datasheet
243Kb / 20P
16-Channel PMBus Low-Voltage Power System Manager
LTC2972 LINER-LTC2972 Datasheet
2Mb / 112P
2-Channel PMBus Power System Manager Featuring Programmable Power Good Outputs
LTC2978A LINER-LTC2978A Datasheet
891Kb / 80P
8-Channel PMBus Power System Manager Featuring Accurate Output Voltage Measurement
logo
Analog Devices
LTC2977 AD-LTC2977 Datasheet
1Mb / 92P
8-Channel PMBus Power System Manager Featuring Accurate Output Voltage Measurement
Rev. F
logo
Linear Technology
LTC2977 LINER-LTC2977 Datasheet
927Kb / 92P
8-Channel PMBus Power System Manager Featuring Accurate Output Voltage Measurement
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com