Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX34440 Datasheet(PDF) 33 Page - Maxim Integrated Products

Part # MAX34440
Description  PMBus 6-Channel Power-Supply Manager
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX34440 Datasheet(HTML) 33 Page - Maxim Integrated Products

Back Button MAX34440 Datasheet HTML 29Page - Maxim Integrated Products MAX34440 Datasheet HTML 30Page - Maxim Integrated Products MAX34440 Datasheet HTML 31Page - Maxim Integrated Products MAX34440 Datasheet HTML 32Page - Maxim Integrated Products MAX34440 Datasheet HTML 33Page - Maxim Integrated Products MAX34440 Datasheet HTML 34Page - Maxim Integrated Products MAX34440 Datasheet HTML 35Page - Maxim Integrated Products MAX34440 Datasheet HTML 36Page - Maxim Integrated Products MAX34440 Datasheet HTML 37Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 43 page
background image
PMBus 6-Channel Power-Supply Manager
33
STATUS_VOUT (7Ah)
The STATUS_VOUT command returns 1 byte of information with contents as described in Table 18.
STATUS_CML (7Eh)
The STATUS_CML command returns 1 byte of information with contents as described in Table 19.
STATUS_MFR_SPECIFIC (80h)
The STATUS_MFR_SPECIFIC command returns 1 byte of information with a summary of the reason for a fault. The
STATUS_MFR_SPECIFIC message content is described in Table 20.
Note: The settings of the OFF and POWER_GOOD# bits do not assert the ALERT signal.
Table 20. STATUS_MFR_SPECIFIC
Table 19. STATUS_CML
Table 18. STATUS_VOUT
BIT
BIT NAME
MEANING
7
OFF
This bit is set if the power supply is off (due to either a fault or sequencing delay; this bit is
not set if the power supply is disabled).
6
OT_WARN
Overtemperature warning.
5
OT_FAULT
Overtemperature fault.
4
WATCHDOG
A watchdog reset has occurred.
3
MARGIN_FAULT
This bit is set if the device cannot properly close-loop margin the power supply.
2
POWER_GOOD#
Power-supply voltage has fallen from POWER_GOOD_ON to less than POWER_GOOD_OFF.
1
OC_FAULT
IOUT overcurrent fault.
0
OC_WARN
IOUT overcurrent warning.
BIT
BIT NAME
MEANING
7
COMM_FAULT
An invalid or unsupported command has been received.
6
DATA_FAULT
An invalid or unsupported data has been received.
5:1
0
These bits always return a 0.
0
FAULT_LOG_FULL
MFR_NV_FAULT_LOG is full and needs to be cleared.
BIT
BIT NAME
MEANING
7
VOUT_OV_FAULT
VOUT overvoltage fault.
6
VOUT_OV_WARN
VOUT overvoltage warning.
5
VOUT_UV_WARN
VOUT undervoltage warning.
4
VOUT_UV_FAULT
VOUT undervoltage fault.
3
0
This bit always returns a 0.
2
TON_MAX_FAULT
TON maximum fault.
1:0
0
These bits always return a 0.


Similar Part No. - MAX34440

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX34440 MAXIM-MAX34440 Datasheet
1Mb / 43P
   PMBus 6-Channel Power-Supply Manager
Rev 2; 2/12
MAX34440ETL++ MAXIM-MAX34440ETL+ Datasheet
1Mb / 43P
   PMBus 6-Channel Power-Supply Manager
Rev 2; 2/12
MAX34440ETL++ MAXIM-MAX34440ETL+ Datasheet
705Kb / 43P
   PMBus 6-Channel Power-Supply Manager
2015
MAX34440ETL+T MAXIM-MAX34440ETL+T Datasheet
1Mb / 43P
   PMBus 6-Channel Power-Supply Manager
Rev 2; 2/12
MAX34440ETL+T MAXIM-MAX34440ETL+T Datasheet
705Kb / 43P
   PMBus 6-Channel Power-Supply Manager
2015
More results

Similar Description - MAX34440

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX34440 MAXIM-MAX34440_V01 Datasheet
705Kb / 43P
   PMBus 6-Channel Power-Supply Manager
2015
MAX34440 MAXIM-MAX34440_12 Datasheet
1Mb / 43P
   PMBus 6-Channel Power-Supply Manager
Rev 2; 2/12
logo
Linear Technology
LTC2974CUP-PBF LINER-LTC2974CUP-PBF Datasheet
1Mb / 98P
   4-Channel PMBus Power System Manager
logo
Maxim Integrated Produc...
MAX34441 MAXIM-MAX34441 Datasheet
2Mb / 53P
   PMBus 5-Channel Power-Supply Manager and Intelligent Fan Controller
Rev 0; 8/10
MAX34441 MAXIM-MAX34441_V01 Datasheet
1Mb / 53P
   PMBus 5-Channel Power-Supply Manager and Intelligent Fan Controller
2012
logo
Linear Technology
LTC2979 LINER-LTC2979 Datasheet
243Kb / 20P
   16-Channel PMBus Low-Voltage Power System Manager
LTC2972 LINER-LTC2972 Datasheet
2Mb / 112P
   2-Channel PMBus Power System Manager Featuring Programmable Power Good Outputs
LTC2978A LINER-LTC2978A Datasheet
891Kb / 80P
   8-Channel PMBus Power System Manager Featuring Accurate Output Voltage Measurement
logo
Analog Devices
LTC2977 AD-LTC2977 Datasheet
1Mb / 92P
   8-Channel PMBus Power System Manager Featuring Accurate Output Voltage Measurement
Rev. F
logo
Linear Technology
LTC2977 LINER-LTC2977 Datasheet
927Kb / 92P
   8-Channel PMBus Power System Manager Featuring Accurate Output Voltage Measurement
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com