Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX34440 Datasheet(PDF) 31 Page - Maxim Integrated Products

Part # MAX34440
Description  PMBus 6-Channel Power-Supply Manager
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX34440 Datasheet(HTML) 31 Page - Maxim Integrated Products

Back Button MAX34440 Datasheet HTML 27Page - Maxim Integrated Products MAX34440 Datasheet HTML 28Page - Maxim Integrated Products MAX34440 Datasheet HTML 29Page - Maxim Integrated Products MAX34440 Datasheet HTML 30Page - Maxim Integrated Products MAX34440 Datasheet HTML 31Page - Maxim Integrated Products MAX34440 Datasheet HTML 32Page - Maxim Integrated Products MAX34440 Datasheet HTML 33Page - Maxim Integrated Products MAX34440 Datasheet HTML 34Page - Maxim Integrated Products MAX34440 Datasheet HTML 35Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 43 page
background image
PMBus 6-Channel Power-Supply Manager
31
POWER_GOOD_OFF (5Fh)
The POWER_GOOD_OFF command sets the value of the output voltage that causes the PG output to deassert after it
has been asserted. Any enabled power supply that falls below the associated POWER_GOOD_OFF threshold causes
the PG output to be deasserted. The POWER_GOOD_OFF level is normally set lower than the POWER_GOOD_ON
level. The 2 data bytes are in DIRECT format.
When the VOUT level of a power supply falls from greater than POWER_GOOD_ON to less than POWER_GOOD_OFF,
the device does the following:
1) Sets the NONE OF THE ABOVE bit in STATUS_BYTE.
2) Sets the NONE OF THE ABOVE, POWER_GOOD#, and STATUS_MFR_SPECIFIC bits in STATUS_WORD.
3) Sets the POWER_GOOD# bit in STATUS_MFR_SPECIFIC.
TON_DELAY (60h)
TON_DELAY sets the time, in milliseconds, from when a START condition is received (a valid OPERATION command
or through the CONTROL pin when enabled) until the PSEN output is asserted. The undervoltage fault and warning are
masked off during TON_DELAY. The 2 data bytes are in DIRECT format.
TON_MAX_FAULT_LIMIT (62h)
The TON_MAX_FAULT_LIMIT sets an upper time limit, in milliseconds, from when the TON_DELAY and the PSEN
output are asserted until the output voltage crosses the VOUT_UV_FAULT_LIMIT threshold. The 2 data bytes are in
DIRECT format. If the value is 0, the power supply is not sequenced by the device and the associated PSEN output
remains deasserted; voltage and current monitoring is disabled. In response to the TON_MAX_FAULT_LIMIT being
exceeded, the device does the following:
1) Sets the NONE OF THE ABOVE bit in STATUS_BYTE.
2) Sets the NONE OF THE ABOVE and VOUT bits in STATUS_WORD.
3) Sets the TON_MAX_FAULT bit in STATUS_VOUT.
4) Responds as specified in the MFR_FAULT_RESPONSE.
5) Notifies the host using ALERT assertion (if enabled in MFR_MODE).
TOFF_DELAY (64h)
The TOFF_DELAY sets the time, in milliseconds, from when a STOP condition is received (a soft-off OPERATION com-
mand or through the CONTROL pin when enabled) until the PSEN output is deasserted. When commanded to turn off
immediately (either through the OPERATION command or the CONTROL pin), the TOFF_DELAY value is ignored. The
2 data bytes are in DIRECT format.
Table 15. TON_MAX_FAULT_LIMIT
Note: TON_MAX_FAULT_LIMIT should be set higher than 5ms.
TON_MAX_FAULT_LIMIT VALUE
DEVICE RESPONSE (FOR THE ASSOCIATED PAGE)
8000h to FFFFh
Negative values are invalid.
0000h
Channel off (PSEN remains deasserted with no monitoring).
0001h to 7FFFh
Channel on and sequencing enabled.


Similar Part No. - MAX34440

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX34440 MAXIM-MAX34440 Datasheet
1Mb / 43P
   PMBus 6-Channel Power-Supply Manager
Rev 2; 2/12
MAX34440ETL++ MAXIM-MAX34440ETL+ Datasheet
1Mb / 43P
   PMBus 6-Channel Power-Supply Manager
Rev 2; 2/12
MAX34440ETL++ MAXIM-MAX34440ETL+ Datasheet
705Kb / 43P
   PMBus 6-Channel Power-Supply Manager
2015
MAX34440ETL+T MAXIM-MAX34440ETL+T Datasheet
1Mb / 43P
   PMBus 6-Channel Power-Supply Manager
Rev 2; 2/12
MAX34440ETL+T MAXIM-MAX34440ETL+T Datasheet
705Kb / 43P
   PMBus 6-Channel Power-Supply Manager
2015
More results

Similar Description - MAX34440

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX34440 MAXIM-MAX34440_V01 Datasheet
705Kb / 43P
   PMBus 6-Channel Power-Supply Manager
2015
MAX34440 MAXIM-MAX34440_12 Datasheet
1Mb / 43P
   PMBus 6-Channel Power-Supply Manager
Rev 2; 2/12
logo
Linear Technology
LTC2974CUP-PBF LINER-LTC2974CUP-PBF Datasheet
1Mb / 98P
   4-Channel PMBus Power System Manager
logo
Maxim Integrated Produc...
MAX34441 MAXIM-MAX34441 Datasheet
2Mb / 53P
   PMBus 5-Channel Power-Supply Manager and Intelligent Fan Controller
Rev 0; 8/10
MAX34441 MAXIM-MAX34441_V01 Datasheet
1Mb / 53P
   PMBus 5-Channel Power-Supply Manager and Intelligent Fan Controller
2012
logo
Linear Technology
LTC2979 LINER-LTC2979 Datasheet
243Kb / 20P
   16-Channel PMBus Low-Voltage Power System Manager
LTC2972 LINER-LTC2972 Datasheet
2Mb / 112P
   2-Channel PMBus Power System Manager Featuring Programmable Power Good Outputs
LTC2978A LINER-LTC2978A Datasheet
891Kb / 80P
   8-Channel PMBus Power System Manager Featuring Accurate Output Voltage Measurement
logo
Analog Devices
LTC2977 AD-LTC2977 Datasheet
1Mb / 92P
   8-Channel PMBus Power System Manager Featuring Accurate Output Voltage Measurement
Rev. F
logo
Linear Technology
LTC2977 LINER-LTC2977 Datasheet
927Kb / 92P
   8-Channel PMBus Power System Manager Featuring Accurate Output Voltage Measurement
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com