Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX34440 Datasheet(PDF) 29 Page - Maxim Integrated Products

Part # MAX34440
Description  PMBus 6-Channel Power-Supply Manager
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX34440 Datasheet(HTML) 29 Page - Maxim Integrated Products

Back Button MAX34440 Datasheet HTML 25Page - Maxim Integrated Products MAX34440 Datasheet HTML 26Page - Maxim Integrated Products MAX34440 Datasheet HTML 27Page - Maxim Integrated Products MAX34440 Datasheet HTML 28Page - Maxim Integrated Products MAX34440 Datasheet HTML 29Page - Maxim Integrated Products MAX34440 Datasheet HTML 30Page - Maxim Integrated Products MAX34440 Datasheet HTML 31Page - Maxim Integrated Products MAX34440 Datasheet HTML 32Page - Maxim Integrated Products MAX34440 Datasheet HTML 33Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 43 page
background image
PMBus 6-Channel Power-Supply Manager
29
IOUT_OC_WARN_LIMIT (46h)
The IOUT_OC_WARN_LIMIT command sets the value of the current that causes an overcurrent warning. This value is
typically less than the overcurrent fault threshold in IOUT_OC_FAULT_LIMIT. The 2 data bytes are in DIRECT format.
In response to violation of the IOUT_OC_WARN_LIMIT, the device does the following:
1) Sets the NONE OF THE ABOVE bit in STATUS_BYTE.
2) Sets the NONE OF THE ABOVE, IOUT, and MFR bits in STATUS_WORD.
3) Sets the OC_WARN bit in STATUS_MFR_SPECIFIC.
4) Notifies the host using ALERT assertion (if enabled in MFR_MODE).
IOUT_OC_FAULT_LIMIT (4Ah)
The IOUT_OC_FAULT_LIMIT command sets the value of the current that causes an overcurrent fault. The factory
default value for IOUT_OC_FAULT_LIMIT is 0000h. This value disables the device from measuring current. Any nonzero
positive value written to IOUT_OC_FAULT_LIMIT causes the device to enable current measurement. The 2 data bytes
are in DIRECT format. In response to violation of the IOUT_OC_FAULT_LIMIT, the device does the following:
1) Sets the IOUT_OC bit in STATUS_BYTE.
2) Sets the IOUT, IOUT_OC, and MFR bits in STATUS_WORD.
3) Sets the OC_FAULT bit in STATUS_MFR_SPECIFIC.
4) Responds as specified in the MFR_FAULT_RESPONSE.
5) Notifies the host using ALERT assertion (if enabled in MFR_MODE).
OT_FAULT_LIMIT (4Fh)
The OT_FAULT_LIMIT command sets the temperature, in degrees Celsius, of the selected temperature sensor at which
an overtemperature fault is detected. The 2 data bytes are in DIRECT format. In response to the OT_FAULT_LIMIT being
exceeded, the device does the following:
1) Sets the TEMPERATURE bit in STATUS_BYTE.
2) Sets the TEMPERATURE and MFR bits in STATUS_WORD.
3) Sets the OT_FAULT bit in STATUS_MFR_SPECIFIC.
4) Responds as specified in MFR_FAULT_RESPONSE.
5) Notifies the host using ALERT assertion (if enabled in MFR_MODE).
Table 14. IOUT_OC_FAULT_LIMIT
IOUT_OC_FAULT_LIMIT VALUE
DEVICE RESPONSE (ON THE ASSOCIATED PAGE)
8000h to FFFFh
Negative values are invalid.
0000h
Current measurement disabled.
0001h to 7FFFh
Current measurement enabled.


Similar Part No. - MAX34440

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX34440 MAXIM-MAX34440 Datasheet
1Mb / 43P
   PMBus 6-Channel Power-Supply Manager
Rev 2; 2/12
MAX34440ETL++ MAXIM-MAX34440ETL+ Datasheet
1Mb / 43P
   PMBus 6-Channel Power-Supply Manager
Rev 2; 2/12
MAX34440ETL++ MAXIM-MAX34440ETL+ Datasheet
705Kb / 43P
   PMBus 6-Channel Power-Supply Manager
2015
MAX34440ETL+T MAXIM-MAX34440ETL+T Datasheet
1Mb / 43P
   PMBus 6-Channel Power-Supply Manager
Rev 2; 2/12
MAX34440ETL+T MAXIM-MAX34440ETL+T Datasheet
705Kb / 43P
   PMBus 6-Channel Power-Supply Manager
2015
More results

Similar Description - MAX34440

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX34440 MAXIM-MAX34440_V01 Datasheet
705Kb / 43P
   PMBus 6-Channel Power-Supply Manager
2015
MAX34440 MAXIM-MAX34440_12 Datasheet
1Mb / 43P
   PMBus 6-Channel Power-Supply Manager
Rev 2; 2/12
logo
Linear Technology
LTC2974CUP-PBF LINER-LTC2974CUP-PBF Datasheet
1Mb / 98P
   4-Channel PMBus Power System Manager
logo
Maxim Integrated Produc...
MAX34441 MAXIM-MAX34441 Datasheet
2Mb / 53P
   PMBus 5-Channel Power-Supply Manager and Intelligent Fan Controller
Rev 0; 8/10
MAX34441 MAXIM-MAX34441_V01 Datasheet
1Mb / 53P
   PMBus 5-Channel Power-Supply Manager and Intelligent Fan Controller
2012
logo
Linear Technology
LTC2979 LINER-LTC2979 Datasheet
243Kb / 20P
   16-Channel PMBus Low-Voltage Power System Manager
LTC2972 LINER-LTC2972 Datasheet
2Mb / 112P
   2-Channel PMBus Power System Manager Featuring Programmable Power Good Outputs
LTC2978A LINER-LTC2978A Datasheet
891Kb / 80P
   8-Channel PMBus Power System Manager Featuring Accurate Output Voltage Measurement
logo
Analog Devices
LTC2977 AD-LTC2977 Datasheet
1Mb / 92P
   8-Channel PMBus Power System Manager Featuring Accurate Output Voltage Measurement
Rev. F
logo
Linear Technology
LTC2977 LINER-LTC2977 Datasheet
927Kb / 92P
   8-Channel PMBus Power System Manager Featuring Accurate Output Voltage Measurement
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com