Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX34440 Datasheet(PDF) 27 Page - Maxim Integrated Products

Part # MAX34440
Description  PMBus 6-Channel Power-Supply Manager
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX34440 Datasheet(HTML) 27 Page - Maxim Integrated Products

Back Button MAX34440 Datasheet HTML 23Page - Maxim Integrated Products MAX34440 Datasheet HTML 24Page - Maxim Integrated Products MAX34440 Datasheet HTML 25Page - Maxim Integrated Products MAX34440 Datasheet HTML 26Page - Maxim Integrated Products MAX34440 Datasheet HTML 27Page - Maxim Integrated Products MAX34440 Datasheet HTML 28Page - Maxim Integrated Products MAX34440 Datasheet HTML 29Page - Maxim Integrated Products MAX34440 Datasheet HTML 30Page - Maxim Integrated Products MAX34440 Datasheet HTML 31Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 43 page
background image
PMBus 6-Channel Power-Supply Manager
27
VOUT_MARGIN_LOW (26h)
The VOUT_MARGIN_LOW command loads the device with the voltage to which the power-supply output is to be
changed when the OPERATION command is set to margin low. If the power supply is already operating at margin low,
changing VOUT_MARGIN_LOW has no effect on the output voltage. The device only adjusts the power supply to the
new VOUT_MARGIN_LOW voltage after receiving a new margin low OPERATION command. The 2 data bytes are in
DIRECT format. If the device cannot successfully close-loop margin the power supply, the device keeps attempting to
margin the supply and does the following:
1) Sets the NONE OF THE ABOVE bit in STATUS_BYTE.
2) Sets the NONE OF THE ABOVE and MFR bits in STATUS_WORD.
3) Sets the MARGIN_FAULT bit in STATUS_MFR_SPECIFIC.
4) Notifies the host through ALERT assertion (if enabled in MFR_MODE).
VOUT_SCALE_MONITOR (2Ah)
VOUT_SCALE_MONITOR is used in applications where the measured power-supply voltage is not equal to the voltage
at the ADC input. For example, if the ADC input expects a 1.0V input for a 12V output, VOUT_SCALE_MONITOR =
1.0V/12V = 0.0833. In applications where the power-supply output voltage is greater than the device input range, the
output voltage of the power supply is sensed through a resistive voltage-divider. The resistive voltage-divider reduces
or scales the output voltage. The PMBus commands specify the actual power-supply output voltages and not the input
voltage to the ADC. To allow the device to map between the power-supply voltage (such as 12V) and the voltage at
the ADC input, the VOUT_SCALE_MONITOR command is used. The 2 data bytes are in DIRECT format. This value is
dimensionless. For example, if the required scaling factor is 0.0833, then VOUT_SCALE_MONITOR should be set to
0AABh (2731/32,767 = 0.0833).
IOUT_CAL_GAIN (38h)
The IOUT_CAL_GAIN command is used to set the ratio of the voltage at the ADC input to the sensed current. The units
of the IOUT_CAL_GAIN factor are 0.1mI. The 2 data bytes are in DIRECT format. For example, if a 10mI sense resis-
tor is used with a 50V/V current-sense amplifier, the IOUT_CAL_GAIN should be set to 500mI or 1388h.
USER NOTE: On the device, the full-scale ADC voltage is 1.225V. The value of the sense resistor and current-
sense amplifier gain must be scaled appropriately.
Table 13. VOUT_SCALE_MONITOR
Note: On the device, the full-scale ADC voltage is 1.225V. A scaling factor where a 1.0V ADC input represents a nominal 100%
voltage level is recommended.
NOMINAL VOLTAGE LEVEL
MONITORED (V)
NOMINAL ADC INPUT VOLTAGE
LEVEL (V) (SEE NOTE)
RESISTIVE VOLTAGE-
DIVIDER RATIO
VOUT_SCALE_MONITOR
VALUE (HEX)
1.2
1.0
0.833
6AAAh
1.5
1.0
0.667
5555h
1.8
1.0
0.555
470Ah
2.5
1.0
0.4
3333h
3.3
1.0
0.303
26C8h
5
1.0
0.2
1999h
12
1.0
0.0833
0AABh


Similar Part No. - MAX34440

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX34440 MAXIM-MAX34440 Datasheet
1Mb / 43P
PMBus 6-Channel Power-Supply Manager
Rev 2; 2/12
MAX34440ETL++ MAXIM-MAX34440ETL+ Datasheet
1Mb / 43P
PMBus 6-Channel Power-Supply Manager
Rev 2; 2/12
MAX34440ETL++ MAXIM-MAX34440ETL+ Datasheet
705Kb / 43P
PMBus 6-Channel Power-Supply Manager
2015
MAX34440ETL+T MAXIM-MAX34440ETL+T Datasheet
1Mb / 43P
PMBus 6-Channel Power-Supply Manager
Rev 2; 2/12
MAX34440ETL+T MAXIM-MAX34440ETL+T Datasheet
705Kb / 43P
PMBus 6-Channel Power-Supply Manager
2015
More results

Similar Description - MAX34440

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX34441 MAXIM-MAX34441 Datasheet
2Mb / 53P
PMBus 5-Channel Power-Supply Manager and Intelligent Fan Controller
Rev 0; 8/10
MAX34440 MAXIM-MAX34440_12 Datasheet
1Mb / 43P
PMBus 6-Channel Power-Supply Manager
Rev 2; 2/12
logo
Linear Technology
LTC2977 LINER-LTC2977 Datasheet
927Kb / 92P
8-Channel PMBus Power System Manager Featuring Accurate Output Voltage Measurement
LTC2978A LINER-LTC2978A Datasheet
891Kb / 80P
8-Channel PMBus Power System Manager Featuring Accurate Output Voltage Measurement
LTC2974CUP-PBF LINER-LTC2974CUP-PBF Datasheet
1Mb / 98P
4-Channel PMBus Power System Manager
LTC2972 LINER-LTC2972 Datasheet
2Mb / 112P
2-Channel PMBus Power System Manager Featuring Programmable Power Good Outputs
LTC2979 LINER-LTC2979 Datasheet
243Kb / 20P
16-Channel PMBus Low-Voltage Power System Manager
logo
Maxim Integrated Produc...
MAX34440 MAXIM-MAX34440_V01 Datasheet
705Kb / 43P
PMBus 6-Channel Power-Supply Manager
2015
MAX34441 MAXIM-MAX34441_V01 Datasheet
1Mb / 53P
PMBus 5-Channel Power-Supply Manager and Intelligent Fan Controller
2012
logo
Analog Devices
LTC2977 AD-LTC2977 Datasheet
1Mb / 92P
8-Channel PMBus Power System Manager Featuring Accurate Output Voltage Measurement
Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com