Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX34440 Datasheet(PDF) 26 Page - Maxim Integrated Products

Part # MAX34440
Description  PMBus 6-Channel Power-Supply Manager
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX34440 Datasheet(HTML) 26 Page - Maxim Integrated Products

Back Button MAX34440 Datasheet HTML 22Page - Maxim Integrated Products MAX34440 Datasheet HTML 23Page - Maxim Integrated Products MAX34440 Datasheet HTML 24Page - Maxim Integrated Products MAX34440 Datasheet HTML 25Page - Maxim Integrated Products MAX34440 Datasheet HTML 26Page - Maxim Integrated Products MAX34440 Datasheet HTML 27Page - Maxim Integrated Products MAX34440 Datasheet HTML 28Page - Maxim Integrated Products MAX34440 Datasheet HTML 29Page - Maxim Integrated Products MAX34440 Datasheet HTML 30Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 43 page
background image
PMBus 6-Channel Power-Supply Manager
26
STORE_DEFAULT_ALL (11h)
The STORE_DEFAULT_ALL command instructs the device to transfer the device configuration information to the internal
flash memory array. Not all information is stored. Only configuration data is stored, not any status, or operational data.
If an error occurs during the transfer, ALERT asserts if enabled and the CML bit in STATUS_BYTE and STATUS_WORD
is set to 1. No bits are set in STATUS_CML. It is NOT recommended to use the STORE_DEFAULT_ALL command
while the device is operating power supplies. The device is unresponsive to PMBus commands and does not
monitor power supplies while transferring the configuration. This command is write-only. There is no data byte for this
command.
USER NOTE: VDD must be above 2.9V for the device to perform the STORE_DEFAULT_ALL command.
RESTORE_DEFAULT_ALL (12h)
The RESTORE_DEFAULT_ALL command transfers the default configuration information from the internal flash memory
array to the user memory registers in the device. The RESTORE_DEFAULT_ALL command should only be executed
when the device is not operating the power supplies. Upon a device reset, this command is automatically executed
by the device without PMBus action required. This command is write-only. There is no data byte for this command.
CAPABILITY (19h)
The CAPABILITY command is used to determine some key capabilities of the device. The CAPABILITY command is
read-only. The message content is described in the Table 12.
VOUT_MODE (20h)
The VOUT_MODE command is used to report the data format of the device. The device uses the DIRECT format for all
the voltage-related commands. The value returned is 40h, indicating DIRECT data format. This command is read-only.
If a host attempts to write this command, the CML status bit is asserted. See Table 3 for the m, b, and R values for the
various commands.
VOUT_MARGIN_HIGH (25h)
The VOUT_MARGIN_HIGH command loads the device with the voltage to which the power-supply output is to be
changed when the OPERATION command is set to margin high. If the power supply is already operating at margin
high, changing VOUT_MARGIN_HIGH has no effect on the output voltage. The device only adjusts the power supply to
the new VOUT_MARGIN_HIGH voltage after receiving a new margin high OPERATION command. The 2 data bytes are
in DIRECT format. If the device cannot successfully close-loop margin the power supply, the device keeps attempting
to margin the supply and does the following:
1) Sets the NONE OF THE ABOVE bit in STATUS_BYTE.
2) Sets the NONE OF THE ABOVE and MFR bits in STATUS_WORD.
3) Sets the MARGIN_FAULT bit in STATUS_MFR_SPECIFIC.
4) Notifies the host through ALERT assertion (if enabled in MFR_MODE).
Table 12. CAPABILITY Command Byte
BIT
DESCRIPTION
MEANING
7
Packet-Error Checking
0 = PEC not supported.
6:5
PMBus Speed
00 = Maximum supported bus speed is 100kHz.
4
ALERT
1 = Device supports an ALERT output (if ALERT is enabled in MFR_MODE).
0 = Device does not support ALERT output (ALERT is disabled in MFR_MODE).
3:0
Reserved
Always returns 0000.


Similar Part No. - MAX34440

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX34440 MAXIM-MAX34440 Datasheet
1Mb / 43P
PMBus 6-Channel Power-Supply Manager
Rev 2; 2/12
MAX34440ETL++ MAXIM-MAX34440ETL+ Datasheet
1Mb / 43P
PMBus 6-Channel Power-Supply Manager
Rev 2; 2/12
MAX34440ETL++ MAXIM-MAX34440ETL+ Datasheet
705Kb / 43P
PMBus 6-Channel Power-Supply Manager
2015
MAX34440ETL+T MAXIM-MAX34440ETL+T Datasheet
1Mb / 43P
PMBus 6-Channel Power-Supply Manager
Rev 2; 2/12
MAX34440ETL+T MAXIM-MAX34440ETL+T Datasheet
705Kb / 43P
PMBus 6-Channel Power-Supply Manager
2015
More results

Similar Description - MAX34440

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX34441 MAXIM-MAX34441 Datasheet
2Mb / 53P
PMBus 5-Channel Power-Supply Manager and Intelligent Fan Controller
Rev 0; 8/10
MAX34440 MAXIM-MAX34440_12 Datasheet
1Mb / 43P
PMBus 6-Channel Power-Supply Manager
Rev 2; 2/12
logo
Linear Technology
LTC2977 LINER-LTC2977 Datasheet
927Kb / 92P
8-Channel PMBus Power System Manager Featuring Accurate Output Voltage Measurement
LTC2978A LINER-LTC2978A Datasheet
891Kb / 80P
8-Channel PMBus Power System Manager Featuring Accurate Output Voltage Measurement
LTC2974CUP-PBF LINER-LTC2974CUP-PBF Datasheet
1Mb / 98P
4-Channel PMBus Power System Manager
LTC2972 LINER-LTC2972 Datasheet
2Mb / 112P
2-Channel PMBus Power System Manager Featuring Programmable Power Good Outputs
LTC2979 LINER-LTC2979 Datasheet
243Kb / 20P
16-Channel PMBus Low-Voltage Power System Manager
logo
Maxim Integrated Produc...
MAX34440 MAXIM-MAX34440_V01 Datasheet
705Kb / 43P
PMBus 6-Channel Power-Supply Manager
2015
MAX34441 MAXIM-MAX34441_V01 Datasheet
1Mb / 53P
PMBus 5-Channel Power-Supply Manager and Intelligent Fan Controller
2012
logo
Analog Devices
LTC2977 AD-LTC2977 Datasheet
1Mb / 92P
8-Channel PMBus Power System Manager Featuring Accurate Output Voltage Measurement
Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com