Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX34440 Datasheet(PDF) 25 Page - Maxim Integrated Products

Part # MAX34440
Description  PMBus 6-Channel Power-Supply Manager
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX34440 Datasheet(HTML) 25 Page - Maxim Integrated Products

Back Button MAX34440 Datasheet HTML 21Page - Maxim Integrated Products MAX34440 Datasheet HTML 22Page - Maxim Integrated Products MAX34440 Datasheet HTML 23Page - Maxim Integrated Products MAX34440 Datasheet HTML 24Page - Maxim Integrated Products MAX34440 Datasheet HTML 25Page - Maxim Integrated Products MAX34440 Datasheet HTML 26Page - Maxim Integrated Products MAX34440 Datasheet HTML 27Page - Maxim Integrated Products MAX34440 Datasheet HTML 28Page - Maxim Integrated Products MAX34440 Datasheet HTML 29Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 43 page
background image
PMBus 6-Channel Power-Supply Manager
25
ON_OFF_CONFIG (02h)
The ON_OFF_CONFIG command configures the combination of CONTROL input and PMBus OPERATION commands
needed to turn the power supply on and off. This indicates how the power supply is commanded when power is
applied. Table 10 describes the ON_OFF_CONFIG message content. The host should not modify ON_OFF_CONFIG
while the power supplies are active.
CLEAR_FAULTS (03h)
The CLEAR_FAULTS command is used to clear any fault or warning bits in the status registers that have been set.
This command clears all bits simultaneously. The CLEAR_FAULTS command does not cause a power supply that has
latched off for a fault condition to restart. The status of PSEN under fault conditions is not affected by this command
and changes only if commanded through the OPERATION command or CONTROL pin. If a fault is still present after the
CLEAR_FAULTS command is executed, the fault status bit is set again and the host is also notified by asserting ALERT
(if enabled in MFR_MODE). This command is write-only. There is no data byte for this command.
WRITE_PROTECT (10h)
The WRITE_PROTECT command is used to provide protection against accidental changes to the device operating
memory. All supported commands can have their parameters read, regardless of the WRITE_PROTECT settings. The
WRITE_PROTECT message content is described in Table 11.
Table 10. ON_OFF_CONFIG (02h) Command Byte
Table 11. WRITE_PROTECT Command Byte
Note: No fault or error is generated if the host attempts to write to a protected area.
BIT
PURPOSE
BIT VALUE
MEANING
7:5
Reserved
N/A
Always returns 000.
4
Turn on supplies when bias is
present or use the CONTROL pin
and/or OPERATION command
0
Turn on the supplies (with sequencing, if so configured) as soon
as bias is supplied to the device regardless of the CONTROL pin.
1
Operate the supplies as instructed by the CONTROL pin and/or
the OPERATION command.
3
OPERATION Command Enable
0
Ignore the on/off portion of the OPERATION command.
1
OPERATION command enabled and required for action.
2
CONTROL Pin Enable
0
Ignore the CONTROL pin.
1
CONTROL pin enabled and required for action.
1
CONTROL Pin Polarity
0
Active low (drive low to turn on the power supplies).
1
Active high (drive high to turn on the power supplies).
0
CONTROL Pin Turn-Off Action
0
Use the programmed turn-off delay (soft off).
1
Turn off the power supplies immediately.
COMMAND BYTE
MEANING
80h
Disable all writes except the WRITE_PROTECT command.
40h
Disable all writes except the WRITE_PROTECT, OPERATION, and PAGE commands.
20h
Disable all writes except the WRITE_PROTECT, OPERATION, PAGE, and ON_OFF_CONFIG commands.
00h
Enable writes for all commands (default).


Similar Part No. - MAX34440

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX34440 MAXIM-MAX34440 Datasheet
1Mb / 43P
   PMBus 6-Channel Power-Supply Manager
Rev 2; 2/12
MAX34440ETL++ MAXIM-MAX34440ETL+ Datasheet
1Mb / 43P
   PMBus 6-Channel Power-Supply Manager
Rev 2; 2/12
MAX34440ETL++ MAXIM-MAX34440ETL+ Datasheet
705Kb / 43P
   PMBus 6-Channel Power-Supply Manager
2015
MAX34440ETL+T MAXIM-MAX34440ETL+T Datasheet
1Mb / 43P
   PMBus 6-Channel Power-Supply Manager
Rev 2; 2/12
MAX34440ETL+T MAXIM-MAX34440ETL+T Datasheet
705Kb / 43P
   PMBus 6-Channel Power-Supply Manager
2015
More results

Similar Description - MAX34440

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX34440 MAXIM-MAX34440_V01 Datasheet
705Kb / 43P
   PMBus 6-Channel Power-Supply Manager
2015
MAX34440 MAXIM-MAX34440_12 Datasheet
1Mb / 43P
   PMBus 6-Channel Power-Supply Manager
Rev 2; 2/12
logo
Linear Technology
LTC2974CUP-PBF LINER-LTC2974CUP-PBF Datasheet
1Mb / 98P
   4-Channel PMBus Power System Manager
logo
Maxim Integrated Produc...
MAX34441 MAXIM-MAX34441 Datasheet
2Mb / 53P
   PMBus 5-Channel Power-Supply Manager and Intelligent Fan Controller
Rev 0; 8/10
MAX34441 MAXIM-MAX34441_V01 Datasheet
1Mb / 53P
   PMBus 5-Channel Power-Supply Manager and Intelligent Fan Controller
2012
logo
Linear Technology
LTC2979 LINER-LTC2979 Datasheet
243Kb / 20P
   16-Channel PMBus Low-Voltage Power System Manager
LTC2972 LINER-LTC2972 Datasheet
2Mb / 112P
   2-Channel PMBus Power System Manager Featuring Programmable Power Good Outputs
LTC2978A LINER-LTC2978A Datasheet
891Kb / 80P
   8-Channel PMBus Power System Manager Featuring Accurate Output Voltage Measurement
logo
Analog Devices
LTC2977 AD-LTC2977 Datasheet
1Mb / 92P
   8-Channel PMBus Power System Manager Featuring Accurate Output Voltage Measurement
Rev. F
logo
Linear Technology
LTC2977 LINER-LTC2977 Datasheet
927Kb / 92P
   8-Channel PMBus Power System Manager Featuring Accurate Output Voltage Measurement
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com