Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX34440 Datasheet(PDF) 23 Page - Maxim Integrated Products

Part # MAX34440
Description  PMBus 6-Channel Power-Supply Manager
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX34440 Datasheet(HTML) 23 Page - Maxim Integrated Products

Back Button MAX34440 Datasheet HTML 19Page - Maxim Integrated Products MAX34440 Datasheet HTML 20Page - Maxim Integrated Products MAX34440 Datasheet HTML 21Page - Maxim Integrated Products MAX34440 Datasheet HTML 22Page - Maxim Integrated Products MAX34440 Datasheet HTML 23Page - Maxim Integrated Products MAX34440 Datasheet HTML 24Page - Maxim Integrated Products MAX34440 Datasheet HTML 25Page - Maxim Integrated Products MAX34440 Datasheet HTML 26Page - Maxim Integrated Products MAX34440 Datasheet HTML 27Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 43 page
background image
PMBus 6-Channel Power-Supply Manager
23
Table 7. Page Commands
PMBus Commands
A summary of the PMBus commands supported by the device are described in the following sections.
PAGE (00h)
The device can control up to six power supplies and up to eight temperature sensors using one PMBus (I2C) address.
Send the PAGE command with data 0 to 13 to select which power supply or which temperature sensor is affected by
all the PMBus commands shown in Table 1. Not all commands are supported within each page. If an unsupported
command is received, the CML status bit is set. Some commands are common, meaning that any selected page has
the same effect on and the same response from the device.
PAGE (DEC)
ASSOCIATED CONTROL
0
Power Supply Connected to ADC 0
1
Power Supply Connected to ADC 1
2
Power Supply Connected to ADC 2
3
Power Supply Connected to ADC 3
4
Power Supply Connected to ADC 4
5
Power Supply Connected to ADC 5
6
Internal Temperature Sensor
7
External DS75LV Temperature Sensor with Address 0
8
External DS75LV Temperature Sensor with Address 1
9
External DS75LV Temperature Sensor with Address 2
10
External DS75LV Temperature Sensor with Address 3
11
External MAX6695 Local Temperature Sensor
12
External MAX6695 Remote Diode 1 Temperature Sensor
13
External MAX6695 Remote Diode 2 Temperature Sensor
14 to 254
Reserved
255
Applies to All Pages


Similar Part No. - MAX34440

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX34440 MAXIM-MAX34440 Datasheet
1Mb / 43P
PMBus 6-Channel Power-Supply Manager
Rev 2; 2/12
MAX34440ETL++ MAXIM-MAX34440ETL+ Datasheet
1Mb / 43P
PMBus 6-Channel Power-Supply Manager
Rev 2; 2/12
MAX34440ETL++ MAXIM-MAX34440ETL+ Datasheet
705Kb / 43P
PMBus 6-Channel Power-Supply Manager
2015
MAX34440ETL+T MAXIM-MAX34440ETL+T Datasheet
1Mb / 43P
PMBus 6-Channel Power-Supply Manager
Rev 2; 2/12
MAX34440ETL+T MAXIM-MAX34440ETL+T Datasheet
705Kb / 43P
PMBus 6-Channel Power-Supply Manager
2015
More results

Similar Description - MAX34440

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX34441 MAXIM-MAX34441 Datasheet
2Mb / 53P
PMBus 5-Channel Power-Supply Manager and Intelligent Fan Controller
Rev 0; 8/10
MAX34440 MAXIM-MAX34440_12 Datasheet
1Mb / 43P
PMBus 6-Channel Power-Supply Manager
Rev 2; 2/12
logo
Linear Technology
LTC2977 LINER-LTC2977 Datasheet
927Kb / 92P
8-Channel PMBus Power System Manager Featuring Accurate Output Voltage Measurement
LTC2978A LINER-LTC2978A Datasheet
891Kb / 80P
8-Channel PMBus Power System Manager Featuring Accurate Output Voltage Measurement
LTC2974CUP-PBF LINER-LTC2974CUP-PBF Datasheet
1Mb / 98P
4-Channel PMBus Power System Manager
LTC2972 LINER-LTC2972 Datasheet
2Mb / 112P
2-Channel PMBus Power System Manager Featuring Programmable Power Good Outputs
LTC2979 LINER-LTC2979 Datasheet
243Kb / 20P
16-Channel PMBus Low-Voltage Power System Manager
logo
Maxim Integrated Produc...
MAX34440 MAXIM-MAX34440_V01 Datasheet
705Kb / 43P
PMBus 6-Channel Power-Supply Manager
2015
MAX34441 MAXIM-MAX34441_V01 Datasheet
1Mb / 53P
PMBus 5-Channel Power-Supply Manager and Intelligent Fan Controller
2012
logo
Analog Devices
LTC2977 AD-LTC2977 Datasheet
1Mb / 92P
8-Channel PMBus Power System Manager Featuring Accurate Output Voltage Measurement
Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com