Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX34440 Datasheet(PDF) 22 Page - Maxim Integrated Products

Part # MAX34440
Description  PMBus 6-Channel Power-Supply Manager
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX34440 Datasheet(HTML) 22 Page - Maxim Integrated Products

Back Button MAX34440 Datasheet HTML 18Page - Maxim Integrated Products MAX34440 Datasheet HTML 19Page - Maxim Integrated Products MAX34440 Datasheet HTML 20Page - Maxim Integrated Products MAX34440 Datasheet HTML 21Page - Maxim Integrated Products MAX34440 Datasheet HTML 22Page - Maxim Integrated Products MAX34440 Datasheet HTML 23Page - Maxim Integrated Products MAX34440 Datasheet HTML 24Page - Maxim Integrated Products MAX34440 Datasheet HTML 25Page - Maxim Integrated Products MAX34440 Datasheet HTML 26Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 43 page
background image
PMBus 6-Channel Power-Supply Manager
22
Temperature Sensor Operation
The device can monitor up to eight different temperature
sensors, seven external sensors plus its own internal
temperature sensor. The external temperature sensors
are all connected in parallel to the master I2C port
(MSDA and MSCL pins). The device can support up to
four DS75LV devices plus one MAX6695 device. Each
of the enabled temperature sensors is measured once
a second. The internal temperature sensor is averaged
four times to reduce the affect of noise. Each time the
device attempts to read a temperature sensor it checks
for faults. For the remote diode, a fault is defined as
either an open or short across the diode. For the internal
temperature sensor, a fault is defined as reading greater
than +130NC or less than -60NC. For the I2C temperature
sensors, a fault is defined as a communication access
failure. Temperature sensor faults are reported by set-
ting the temperature reading to 7FFFh. A temperature
sensor fault results in the setting of the TEMPERATURE
bit in STATUS_BYTE and STATUS_WORD and ALERT is
asserted (if enabled in MFR_MODE). No bits are set in
STATUS_MFR_SPECIFIC. Reading disabled tempera-
ture sensors returns a fixed value of 0000h.
The device can control up to four DS75LV digital temper-
ature sensors. The A0, A1, and A2 pins on the DS75LV
should be configured as shown in Table 6. The thermo-
stat function on the DS75LV is not used and thus the O.S.
output should be left open circuit.
The device can control one MAX6695, which consists of
one local temperature sensor and two remote diode tem-
perature sensors. Each of the temperature sensors can
be reinitialized by disabling and re-enabling the sensor
through MFR_TEMP_SENSOR_CONFIG. The valid range
for the MAX6695 temperature sensor is -40°C to +125°C.
The page assignment is shown in Table 6. The ALERT,
OT1, and OT2 pins on the MAX6695 are not used and
should be left open circuit.
Table 6. DS75LV Address Pin Configurations
PAGE
MAX34440 I2C TEMP SENSOR
DS75LV ADDRESS PIN CONFIGURATION
A2
A1
A0
6
MAX34440 Internal
7
DS75LV (Address 0)
0
0
0
8
DS75LV (Address 1)
0
0
1
9
DS75LV (Address 2)
0
1
0
10
DS75LV (Address 3)
0
1
1
11
MAX6695 (Local Sensor)
12
MAX6695 (Remote Diode 1)
13
MAX6695 (Remote Diode 2)


Similar Part No. - MAX34440

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX34440 MAXIM-MAX34440 Datasheet
1Mb / 43P
PMBus 6-Channel Power-Supply Manager
Rev 2; 2/12
MAX34440ETL++ MAXIM-MAX34440ETL+ Datasheet
1Mb / 43P
PMBus 6-Channel Power-Supply Manager
Rev 2; 2/12
MAX34440ETL++ MAXIM-MAX34440ETL+ Datasheet
705Kb / 43P
PMBus 6-Channel Power-Supply Manager
2015
MAX34440ETL+T MAXIM-MAX34440ETL+T Datasheet
1Mb / 43P
PMBus 6-Channel Power-Supply Manager
Rev 2; 2/12
MAX34440ETL+T MAXIM-MAX34440ETL+T Datasheet
705Kb / 43P
PMBus 6-Channel Power-Supply Manager
2015
More results

Similar Description - MAX34440

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX34441 MAXIM-MAX34441 Datasheet
2Mb / 53P
PMBus 5-Channel Power-Supply Manager and Intelligent Fan Controller
Rev 0; 8/10
MAX34440 MAXIM-MAX34440_12 Datasheet
1Mb / 43P
PMBus 6-Channel Power-Supply Manager
Rev 2; 2/12
logo
Linear Technology
LTC2977 LINER-LTC2977 Datasheet
927Kb / 92P
8-Channel PMBus Power System Manager Featuring Accurate Output Voltage Measurement
LTC2978A LINER-LTC2978A Datasheet
891Kb / 80P
8-Channel PMBus Power System Manager Featuring Accurate Output Voltage Measurement
LTC2974CUP-PBF LINER-LTC2974CUP-PBF Datasheet
1Mb / 98P
4-Channel PMBus Power System Manager
LTC2972 LINER-LTC2972 Datasheet
2Mb / 112P
2-Channel PMBus Power System Manager Featuring Programmable Power Good Outputs
LTC2979 LINER-LTC2979 Datasheet
243Kb / 20P
16-Channel PMBus Low-Voltage Power System Manager
logo
Maxim Integrated Produc...
MAX34440 MAXIM-MAX34440_V01 Datasheet
705Kb / 43P
PMBus 6-Channel Power-Supply Manager
2015
MAX34441 MAXIM-MAX34441_V01 Datasheet
1Mb / 53P
PMBus 5-Channel Power-Supply Manager and Intelligent Fan Controller
2012
logo
Analog Devices
LTC2977 AD-LTC2977 Datasheet
1Mb / 92P
8-Channel PMBus Power System Manager Featuring Accurate Output Voltage Measurement
Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com