Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX34440 Datasheet(PDF) 20 Page - Maxim Integrated Products

Part # MAX34440
Description  PMBus 6-Channel Power-Supply Manager
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX34440 Datasheet(HTML) 20 Page - Maxim Integrated Products

Back Button MAX34440 Datasheet HTML 16Page - Maxim Integrated Products MAX34440 Datasheet HTML 17Page - Maxim Integrated Products MAX34440 Datasheet HTML 18Page - Maxim Integrated Products MAX34440 Datasheet HTML 19Page - Maxim Integrated Products MAX34440 Datasheet HTML 20Page - Maxim Integrated Products MAX34440 Datasheet HTML 21Page - Maxim Integrated Products MAX34440 Datasheet HTML 22Page - Maxim Integrated Products MAX34440 Datasheet HTML 23Page - Maxim Integrated Products MAX34440 Datasheet HTML 24Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 43 page
background image
PMBus 6-Channel Power-Supply Manager
20
Sending a DIRECT Format Value
To send a value, the host must use the below equation
to solve for Y:
Y = (mX + b) x 10R
where Y is the 2-byte, two’s complement integer to be
sent to the unit; m is the slope coefficient; X is the real
world value, in units such as volts, to be converted for
transmission; b is the offset; and R is the exponent.
The following example demonstrates how the host can
send and retrieve values from the device. Table 4 shows
the coefficients used in the following parameters.
If a host wants to set the device to change the power-
supply output voltage to 3.465V (or 3465mV), the cor-
responding VOUT_MARGIN_HIGH value is:
Y = (1 x 3465 + 0) x 100 = 3465 (decimal) = 0D89h (hex)
Conversely, if the host received a value of 0D89h on a
READ_VOUT command, this is equivalent to:
X = (1/1) x (0D89h x 10-(-0) - 0) = 3465mV = 3.465V
Power supplies and power converters generally have
no way of knowing how their outputs are connected to
ground. Within the power supply, all output voltages are
most commonly treated as positive. Accordingly, all out-
put voltages and output voltage-related parameters of
PMBus devices are commanded and reported as posi-
tive values. It is up to the system to know that a particular
output is negative if that is of interest to the system. All
output-voltage-related commands use 2 data bytes.
Table 3. PMBus Command Code Coefficients
Table 4. Coefficients for DIRECT Format
Value
PARAMETER
COMMANDS
UNITS
RESOLUTION
MAX
m
b
R
Voltage
VOUT_MARGIN_HIGH
VOUT_MARGIN_LOW
VOUT_OV_FAULT_LIMIT
VOUT_OV_WARN_LIMIT
VOUT_UV_WARN_LIMIT
VOUT_UV_FAULT_LIMIT
POWER_GOOD_ON
POWER_GOOD_OFF
READ_VOUT
MFR_VOUT_PEAK
MFR_VOUT_MIN
mV
1
32,767
1
0
0
Voltage Scaling
VOUT_SCALE_MONITOR
1/32,767
1
32,767
0
0
Current
IOUT_OC_WARN_LIMIT
IOUT_OC_FAULT_LIMIT
READ_IOUT
MFR_IOUT_PEAK
mA
1
32,767
1
0
0
Current Scaling
IOUT_CAL_GAIN
mI
0.1
3276.7
1
0
1
Temperature
OT_FAULT_LIMIT
OT_WARN_LIMIT
READ_TEMPERATURE_1
MFR_TEMPERATURE_PEAK
N
C
0.01
327.67
1
0
2
Timing
TON_DELAY
TON_MAX_FAULT_LIMIT
TOFF_DELAY
MFR_FAULT_RETRY
ms
1
32,767
1
0
0
COMMAND
CODE
COMMAND NAME
m
b
R
25h
VOUT_MARGIN_HIGH
1
0
0
8Bh
READ_VOUT
1
0
0


Similar Part No. - MAX34440

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX34440 MAXIM-MAX34440 Datasheet
1Mb / 43P
   PMBus 6-Channel Power-Supply Manager
Rev 2; 2/12
MAX34440ETL++ MAXIM-MAX34440ETL+ Datasheet
1Mb / 43P
   PMBus 6-Channel Power-Supply Manager
Rev 2; 2/12
MAX34440ETL++ MAXIM-MAX34440ETL+ Datasheet
705Kb / 43P
   PMBus 6-Channel Power-Supply Manager
2015
MAX34440ETL+T MAXIM-MAX34440ETL+T Datasheet
1Mb / 43P
   PMBus 6-Channel Power-Supply Manager
Rev 2; 2/12
MAX34440ETL+T MAXIM-MAX34440ETL+T Datasheet
705Kb / 43P
   PMBus 6-Channel Power-Supply Manager
2015
More results

Similar Description - MAX34440

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX34440 MAXIM-MAX34440_V01 Datasheet
705Kb / 43P
   PMBus 6-Channel Power-Supply Manager
2015
MAX34440 MAXIM-MAX34440_12 Datasheet
1Mb / 43P
   PMBus 6-Channel Power-Supply Manager
Rev 2; 2/12
logo
Linear Technology
LTC2974CUP-PBF LINER-LTC2974CUP-PBF Datasheet
1Mb / 98P
   4-Channel PMBus Power System Manager
logo
Maxim Integrated Produc...
MAX34441 MAXIM-MAX34441 Datasheet
2Mb / 53P
   PMBus 5-Channel Power-Supply Manager and Intelligent Fan Controller
Rev 0; 8/10
MAX34441 MAXIM-MAX34441_V01 Datasheet
1Mb / 53P
   PMBus 5-Channel Power-Supply Manager and Intelligent Fan Controller
2012
logo
Linear Technology
LTC2979 LINER-LTC2979 Datasheet
243Kb / 20P
   16-Channel PMBus Low-Voltage Power System Manager
LTC2972 LINER-LTC2972 Datasheet
2Mb / 112P
   2-Channel PMBus Power System Manager Featuring Programmable Power Good Outputs
LTC2978A LINER-LTC2978A Datasheet
891Kb / 80P
   8-Channel PMBus Power System Manager Featuring Accurate Output Voltage Measurement
logo
Analog Devices
LTC2977 AD-LTC2977 Datasheet
1Mb / 92P
   8-Channel PMBus Power System Manager Featuring Accurate Output Voltage Measurement
Rev. F
logo
Linear Technology
LTC2977 LINER-LTC2977 Datasheet
927Kb / 92P
   8-Channel PMBus Power System Manager Featuring Accurate Output Voltage Measurement
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com