Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX34440 Datasheet(PDF) 15 Page - Maxim Integrated Products

Part # MAX34440
Description  PMBus 6-Channel Power-Supply Manager
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX34440 Datasheet(HTML) 15 Page - Maxim Integrated Products

Back Button MAX34440 Datasheet HTML 11Page - Maxim Integrated Products MAX34440 Datasheet HTML 12Page - Maxim Integrated Products MAX34440 Datasheet HTML 13Page - Maxim Integrated Products MAX34440 Datasheet HTML 14Page - Maxim Integrated Products MAX34440 Datasheet HTML 15Page - Maxim Integrated Products MAX34440 Datasheet HTML 16Page - Maxim Integrated Products MAX34440 Datasheet HTML 17Page - Maxim Integrated Products MAX34440 Datasheet HTML 18Page - Maxim Integrated Products MAX34440 Datasheet HTML 19Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 43 page
background image
PMBus 6-Channel Power-Supply Manager
15
Table 1. PMBus Command Codes (continued)
Note 1: Common commands are shaded. Access through any page results in the same device response.
Note 2: In the Flash Stored column, an “N” indicates that this parameter is not stored in flash memory when the STORE_
DEFAULT_ALL command is executed and the value shown in the Default Value column is automatically loaded upon
power-on reset or when the RST pin is asserted. A “Y” in the Flash Stored column indicates that the currently loaded value
in this parameter is stored in flash memory when the STORE_DEFAULT_ALL command is executed and is automatically
loaded upon power-on reset or when the RST pin is asserted and the value shown in the Default Value column is the
value when shipped from the factory. “FIXED” in the Flash Stored column means this value is fixed at the factory and
cannot be changed.
Note 3: The factory-set default value for this 8-byte block is 3130313031303130h.
Note 4: The factory-set default value for the complete block of the MFR_NV_FAULT_LOG is FFh.
Note 5: The power-on reset value for this 4-byte block is 00000000h.
CODE
COMMAND NAME
TYPE
PAGE
0–5
PAGE
6–13
PAGE
255
NO. OF
BYTES
FLASH
STORED
(NOTE 2)
DEFAULT
VALUE
(NOTE 2)
(NOTE 1)
60h
TON_DELAY
R/W Word
R/W
2
Y
0000h
62h
TON_MAX_FAULT_LIMIT
R/W Word
R/W
2
Y
0000h
64h
TOFF_DELAY
R/W Word
R/W
2
Y
0000h
78h
STATUS_BYTE
Read Byte
R
R
R
1
N
00h
79h
STATUS_WORD
Read Word
R
R
R
2
N
0000h
7Ah
STATUS_VOUT
Read Byte
R
1
N
00h
7Eh
STATUS_CML
Read Byte
R
R
R
1
N
00h
80h
STATUS_MFR_SPECIFIC
Read Byte
R
R
1
N
00h
8Bh
READ_VOUT
Read Word
R
2
N
0000h
8Ch
READ_IOUT
Read Word
R
2
N
0000h
8Dh
READ_TEMPERATURE_1
Read Word
R
2
N
0000h
98h
PMBUS_REVISION
Read Byte
R
R
R
1
FIXED
11h
99h
MFR_ID
Read Byte
R
R
R
1
FIXED
4Dh
9Ah
MFR_MODEL
Read Byte
R
R
R
1
FIXED
51h
9Bh
MFR_REVISION
Read Word
R
R
R
2
FIXED
3030h
9Ch
MFR_LOCATION
Block R/W
R/W
R/W
R/W
8
Y
(Note 3)
9Dh
MFR_DATE
Block R/W
R/W
R/W
R/W
8
Y
(Note 3)
9Eh
MFR_SERIAL
Block R/W
R/W
R/W
R/W
8
Y
(Note 3)
D1h
MFR_MODE
R/W Word
R/W
R/W
R/W
2
Y
0000h
D4h
MFR_VOUT_PEAK
R/W Word
R/W
2
N
0000h
D5h
MFR_IOUT_PEAK
R/W Word
R/W
2
N
0000h
D6h
MFR_TEMPERATURE_PEAK
R/W Word
R/W
2
N
8000h
D7h
MFR_VOUT_MIN
R/W Word
R/W
2
N
7FFFh
D9h
MFR_FAULT_RESPONSE
R/W Word
R/W
2
Y
0000h
DAh
MFR_FAULT_RETRY
R/W Word
R/W
R/W
R/W
2
Y
0000h
DCh
MFR_NV_FAULT_LOG
Block Read
R
R
R
255
Y
(Note 4)
DDh
MFR_TIME_COUNT
Block Read
R
R
R
4
N
(Note 5)
E0h
MFR_MARGIN_CONFIG
R/W Word
R/W
2
Y
0000h
F0h
MFR_TEMP_SENSOR_CONFIG
R/W Word
R/W
2
Y
0000h


Similar Part No. - MAX34440

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX34440 MAXIM-MAX34440 Datasheet
1Mb / 43P
PMBus 6-Channel Power-Supply Manager
Rev 2; 2/12
MAX34440ETL++ MAXIM-MAX34440ETL+ Datasheet
1Mb / 43P
PMBus 6-Channel Power-Supply Manager
Rev 2; 2/12
MAX34440ETL++ MAXIM-MAX34440ETL+ Datasheet
705Kb / 43P
PMBus 6-Channel Power-Supply Manager
2015
MAX34440ETL+T MAXIM-MAX34440ETL+T Datasheet
1Mb / 43P
PMBus 6-Channel Power-Supply Manager
Rev 2; 2/12
MAX34440ETL+T MAXIM-MAX34440ETL+T Datasheet
705Kb / 43P
PMBus 6-Channel Power-Supply Manager
2015
More results

Similar Description - MAX34440

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX34441 MAXIM-MAX34441 Datasheet
2Mb / 53P
PMBus 5-Channel Power-Supply Manager and Intelligent Fan Controller
Rev 0; 8/10
MAX34440 MAXIM-MAX34440_12 Datasheet
1Mb / 43P
PMBus 6-Channel Power-Supply Manager
Rev 2; 2/12
logo
Linear Technology
LTC2977 LINER-LTC2977 Datasheet
927Kb / 92P
8-Channel PMBus Power System Manager Featuring Accurate Output Voltage Measurement
LTC2978A LINER-LTC2978A Datasheet
891Kb / 80P
8-Channel PMBus Power System Manager Featuring Accurate Output Voltage Measurement
LTC2974CUP-PBF LINER-LTC2974CUP-PBF Datasheet
1Mb / 98P
4-Channel PMBus Power System Manager
LTC2972 LINER-LTC2972 Datasheet
2Mb / 112P
2-Channel PMBus Power System Manager Featuring Programmable Power Good Outputs
LTC2979 LINER-LTC2979 Datasheet
243Kb / 20P
16-Channel PMBus Low-Voltage Power System Manager
logo
Maxim Integrated Produc...
MAX34440 MAXIM-MAX34440_V01 Datasheet
705Kb / 43P
PMBus 6-Channel Power-Supply Manager
2015
MAX34441 MAXIM-MAX34441_V01 Datasheet
1Mb / 53P
PMBus 5-Channel Power-Supply Manager and Intelligent Fan Controller
2012
logo
Analog Devices
LTC2977 AD-LTC2977 Datasheet
1Mb / 92P
8-Channel PMBus Power System Manager Featuring Accurate Output Voltage Measurement
Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com