Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX34440 Datasheet(PDF) 12 Page - Maxim Integrated Products

Part # MAX34440
Description  PMBus 6-Channel Power-Supply Manager
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX34440 Datasheet(HTML) 12 Page - Maxim Integrated Products

Back Button MAX34440 Datasheet HTML 8Page - Maxim Integrated Products MAX34440 Datasheet HTML 9Page - Maxim Integrated Products MAX34440 Datasheet HTML 10Page - Maxim Integrated Products MAX34440 Datasheet HTML 11Page - Maxim Integrated Products MAX34440 Datasheet HTML 12Page - Maxim Integrated Products MAX34440 Datasheet HTML 13Page - Maxim Integrated Products MAX34440 Datasheet HTML 14Page - Maxim Integrated Products MAX34440 Datasheet HTML 15Page - Maxim Integrated Products MAX34440 Datasheet HTML 16Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 43 page
background image
PMBus 6-Channel Power-Supply Manager
12
Block Diagram
Note: All pins except VDD, VSS, REG18, REG25, ADC, and the EP are high impedance with a 50µA pullup during device power-up
and reset. After device reset, the weak pullup is removed, and the pin is configured as input or output.
Pin Description (continued)
ADC
TEMP
SENSOR
FLASH
RAM
A1/PG
A0/MUXSEL
MSDA
VSS
VSS
VSS
VDD
REG18
REG25
MSCL
SDA
SCL
ALERT
FAULT
RST
CONTROL
POWER
CONTROL
2.5V
VREG
1.8V
VREG
4MHz
OSCILLATOR
SMBus
MASTER
INTERFACE
SMBus
SLAVE
INTERFACE
16-BIT
MAXQ
RISC CORE
SYSTEM
CONTROL
SIGNALS
PULSE-
WIDTH
MODULATOR
PWM0
PWM1
PWM2
PWM3
PWM4
PWM5
PSEN0
PSEN1
PSEN2
PSEN3
PSEN4
RS+0
RS-0
RS+1
RS-1
RS+2
RS-2
RS+3
RS-3
RS+4
RS-4
RS+5
RS-5
POWER-
SUPPLY
OUTPUT
ENABLES
PSEN5
MAX34440
PIN
NAME
FUNCTION
39
RS-5
Ground Reference for ADC5 Voltage Measurement
40
RS+5
Power-Supply ADC Voltage-Sense Input, Measurement Relative to RS-5
EP
Exposed Pad (Bottom Side of Package). Connect EP to VSS.


Similar Part No. - MAX34440

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX34440 MAXIM-MAX34440 Datasheet
1Mb / 43P
PMBus 6-Channel Power-Supply Manager
Rev 2; 2/12
MAX34440ETL++ MAXIM-MAX34440ETL+ Datasheet
1Mb / 43P
PMBus 6-Channel Power-Supply Manager
Rev 2; 2/12
MAX34440ETL++ MAXIM-MAX34440ETL+ Datasheet
705Kb / 43P
PMBus 6-Channel Power-Supply Manager
2015
MAX34440ETL+T MAXIM-MAX34440ETL+T Datasheet
1Mb / 43P
PMBus 6-Channel Power-Supply Manager
Rev 2; 2/12
MAX34440ETL+T MAXIM-MAX34440ETL+T Datasheet
705Kb / 43P
PMBus 6-Channel Power-Supply Manager
2015
More results

Similar Description - MAX34440

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX34440 MAXIM-MAX34440_V01 Datasheet
705Kb / 43P
PMBus 6-Channel Power-Supply Manager
2015
MAX34440 MAXIM-MAX34440_12 Datasheet
1Mb / 43P
PMBus 6-Channel Power-Supply Manager
Rev 2; 2/12
logo
Linear Technology
LTC2974CUP-PBF LINER-LTC2974CUP-PBF Datasheet
1Mb / 98P
4-Channel PMBus Power System Manager
logo
Maxim Integrated Produc...
MAX34441 MAXIM-MAX34441 Datasheet
2Mb / 53P
PMBus 5-Channel Power-Supply Manager and Intelligent Fan Controller
Rev 0; 8/10
MAX34441 MAXIM-MAX34441_V01 Datasheet
1Mb / 53P
PMBus 5-Channel Power-Supply Manager and Intelligent Fan Controller
2012
logo
Linear Technology
LTC2979 LINER-LTC2979 Datasheet
243Kb / 20P
16-Channel PMBus Low-Voltage Power System Manager
LTC2972 LINER-LTC2972 Datasheet
2Mb / 112P
2-Channel PMBus Power System Manager Featuring Programmable Power Good Outputs
LTC2978A LINER-LTC2978A Datasheet
891Kb / 80P
8-Channel PMBus Power System Manager Featuring Accurate Output Voltage Measurement
logo
Analog Devices
LTC2977 AD-LTC2977 Datasheet
1Mb / 92P
8-Channel PMBus Power System Manager Featuring Accurate Output Voltage Measurement
Rev. F
logo
Linear Technology
LTC2977 LINER-LTC2977 Datasheet
927Kb / 92P
8-Channel PMBus Power System Manager Featuring Accurate Output Voltage Measurement
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com