Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS3065WP Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # DS3065WP
Description  3.3V, 8Mb, Nonvolatile SRAM with Clock
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS3065WP Datasheet(HTML) 2 Page - Maxim Integrated Products

  DS3065WP Datasheet HTML 1Page - Maxim Integrated Products DS3065WP Datasheet HTML 2Page - Maxim Integrated Products DS3065WP Datasheet HTML 3Page - Maxim Integrated Products DS3065WP Datasheet HTML 4Page - Maxim Integrated Products DS3065WP Datasheet HTML 5Page - Maxim Integrated Products DS3065WP Datasheet HTML 6Page - Maxim Integrated Products DS3065WP Datasheet HTML 7Page - Maxim Integrated Products DS3065WP Datasheet HTML 8Page - Maxim Integrated Products DS3065WP Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
3.3V, 8Mb, Nonvolatile SRAM with Clock
2
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
Voltage Range on Any Pin Relative to Ground....-0.3V to +4.6V
Operating Temperature Range.......................... -40NC to +85NC
Storage Temperature Range............................ -55NC to +125NC
Lead Temperature (soldering, 10s) ................................+260NC
(intended for minor rework/touchup purposes only)
Soldering Temperature (reflow) ......................................+260NC
RECOMMENDED OPERATING CONDITIONS
(TA = -40NC to +85NC, unless otherwise noted.) (Note 1)
DC ELECTRICAL CHARACTERISTICS
(VCC = 3.3V Q0.3V, TA = -40NC to +85NC, unless otherwise noted.)
PIN CAPACITANCE
(TA = +25NC, unless otherwise noted.)
AC ELECTRICAL CHARACTERISTICS
(VCC = 3.3V Q0.3V, TA = -40NC to +85NC, unless otherwise noted.)
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Voltage
VCC
3.0
3.3
3.6
V
Logic 1 Input
VIH
2.2
VCC
V
Logic 0 Input
VIL
0.0
0.4
V
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Input Leakage Current
IIL
-1.0
+1.0
F
A
I/O Leakage Current
IIO
VCE = VCS = VCC
-1.0
+1.0
F
A
Output-Current High
IOH
VOH = 2.4V
-1.0
mA
Output-Current Low
IOL
VOL = 0.4V
2.0
mA
Standby Current
ICCS1
VCE = VCS = 2.2V
0.6
2.0
mA
ICCS2
VCE = VCS = VCC - 0.2V
0.6
1.5
Operating Current
ICCO1
tRC = 200ns, outputs open
50
mA
Write-Protection Voltage
VTP
2.8
2.9
3.0
V
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Input Capacitance
CIN
Not production tested
15
pF
Input/Output Capacitance
COUT
Not production tested
15
pF
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Read Cycle Time
tRC
100
ns
Access Time
tACC
100
ns
OE to Output Valid
tOE
50
ns
RTC OE to Output Valid
tOEC
60
ns
CE or CS to Output Valid
tCO
100
ns
OE or CE or CS to Output Active
tCOE
(Note 2)
5
ns


Similar Part No. - DS3065WP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS3065W MAXIM-DS3065W Datasheet
321Kb / 18P
   3.3V Single-Piece 8Mb Nonvolatile SRAM with Clock
Rev 0; 4/05
DS3065W-100 MAXIM-DS3065W-100 Datasheet
321Kb / 18P
   3.3V Single-Piece 8Mb Nonvolatile SRAM with Clock
Rev 0; 4/05
More results

Similar Description - DS3065WP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS3065W MAXIM-DS3065W Datasheet
321Kb / 18P
   3.3V Single-Piece 8Mb Nonvolatile SRAM with Clock
Rev 0; 4/05
logo
Dallas Semiconductor
DS1265W DALLAS-DS1265W_10 Datasheet
192Kb / 8P
   3.3V 8Mb Nonvolatile SRAM
logo
Maxim Integrated Produc...
DS1265W MAXIM-DS1265W Datasheet
192Kb / 8P
   3.3V 8Mb Nonvolatile SRAM
19-5617; Rev 11/10
logo
Dallas Semiconductor
DS1265W DALLAS-DS1265W Datasheet
155Kb / 8P
   3.3V 8Mb Nonvolatile SRAM
logo
Maxim Integrated Produc...
DS2065W MAXIM-DS2065W Datasheet
180Kb / 12P
   3.3V Single-Piece 8Mb Nonvolatile SRAM
Rev 0; 1/05
DS3045W MAXIM-DS3045W Datasheet
551Kb / 18P
   3.3V Single-Piece 1Mb Nonvolatile SRAM with Clock
Rev 0; 6/05
DS3070W MAXIM-DS3070W Datasheet
275Kb / 18P
   3.3V Single-Piece 16Mb Nonvolatile SRAM with Clock
Rev 1; 10/06
DS3030W MAXIM-DS3030W Datasheet
282Kb / 18P
   3.3V Single-Piece 256kb Nonvolatile SRAM with Clock
Rev 2; 10/06
logo
Dallas Semiconductor
DS3030W DALLAS-DS3030W Datasheet
549Kb / 18P
   3.3V Single-Piece 256kb Nonvolatile SRAM with Clock
logo
Maxim Integrated Produc...
DS3050W MAXIM-DS3050W Datasheet
555Kb / 18P
   3.3V Single-Piece 4Mb Nonvolatile SRAM with Clock
Rev 0; 4/05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com