Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS3065WP Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # DS3065WP
Description  3.3V, 8Mb, Nonvolatile SRAM with Clock
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS3065WP Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button DS3065WP Datasheet HTML 6Page - Maxim Integrated Products DS3065WP Datasheet HTML 7Page - Maxim Integrated Products DS3065WP Datasheet HTML 8Page - Maxim Integrated Products DS3065WP Datasheet HTML 9Page - Maxim Integrated Products DS3065WP Datasheet HTML 10Page - Maxim Integrated Products DS3065WP Datasheet HTML 11Page - Maxim Integrated Products DS3065WP Datasheet HTML 12Page - Maxim Integrated Products DS3065WP Datasheet HTML 13Page - Maxim Integrated Products DS3065WP Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
3.3V, 8Mb, Nonvolatile SRAM with Clock
10
Detailed Description
The DS3065WP is an 8Mb (1024k x 8 bits), fully static,
nonvolatile (NV) memory similar in function and organiza-
tion to the DS1265W NV SRAM, but containing an RTC.
The device NV SRAM constantly monitors VCC for an out-
of-tolerance condition. When such a condition occurs,
the lithium energy source is automatically switched on
and write protection is unconditionally enabled to prevent
data corruption. There is no limit to the number of write
cycles that can be executed, and no additional support
circuitry is required for microprocessor interfacing. This
device can be used in place of SRAM, EEPROM, or flash
components.
User access to either the SRAM or the RTC registers is
accomplished with a byte-wide interface and discrete
control inputs, allowing for a direct interface to many
3.3V microprocessor devices.
The RTC contains a full-function clock/calendar with an
RTC alarm, battery monitor, and power monitor. RTC
registers contain century, year, month, date, day, hours,
minutes, and seconds data in a 24-hour BCD format.
Corrections for day of the month and leap year are made
automatically.
The RTC registers are double-buffered into an internal
and external set. The user has direct access to the exter-
nal set. Clock/calendar updates to the external set of
registers can be disabled and enabled to allow the user
to access static data. Assuming the internal oscillator is
on, the internal registers are continually updated, regard-
less of the state of the external registers, assuring that
accurate RTC information is always maintained.
The device constantly monitors the voltage of the internal
battery. The battery-low flag (BLF) in the RTC FLAGS
register is not writable and should always be a 0 when
read. Should a 1 ever be present, the battery voltage is
below ~ 2V and the contents of the clock and SRAM are
questionable.
The device module is constructed on a standard 34-pin
PowerCap substrate.
SRAM Read Mode
The device executes an SRAM read cycle whenever CS
(RTC chip select) and WE (write enable) are inactive
(high) and CE (SRAM chip enable) is active (low). The
unique address specified by the 20 address inputs
(A0–A19) defines which of the 1,048,576 bytes of SRAM
data is to be accessed. Valid data is available to the
eight data-output drivers within tACC (access time) after
the last address input signal is stable, provided that CE
and OE (output enable) access times are also satisfied.
If CE and OE access times are not satisfied, data access
must be measured from the later occurring signal (CE or
OE), and the limiting parameter is either tCO for CE or
tOE for OE rather than address access.
SRAM Write Mode
The device executes an SRAM write cycle whenever CS
is inactive (high) and the CE and WE signals are active
(low) after address inputs are stable. The later-occurring
falling edge of CE or WE determines the start of the write
cycle. The write cycle is terminated by the earlier rising
edge of CE or WE. All address inputs must be kept valid
throughout the write cycle. WE must return to the high
state for a minimum recovery time (tWR) before another
cycle can be initiated. The CS and OE control signal
should be kept inactive (high) during SRAM write cycles
to avoid bus contention. However, if the output drivers
have been enabled (CE and OE active), WE disables the
outputs in tODW from its falling edge.
Table 1. RTC/Memory Operational Truth Table
X = Don’t care.
CS
WE
CE
OE
MODE
ICC
OUTPUTS
0
1
1
0
RTC Read
Active
Active
0
1
1
1
RTC Read
Active
High Impedance
0
0
1
X
RTC Write
Active
High Impedance
1
1
0
0
SRAM Read
Active
Active
1
1
0
1
SRAM Read
Active
High Impedance
1
0
0
X
SRAM Write
Active
High Impedance
1
X
1
X
Standby
Standby
High Impedance
0
X
0
X
Invalid
(see Figure 2)
Active
Invalid


Similar Part No. - DS3065WP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS3065W MAXIM-DS3065W Datasheet
321Kb / 18P
   3.3V Single-Piece 8Mb Nonvolatile SRAM with Clock
Rev 0; 4/05
DS3065W-100 MAXIM-DS3065W-100 Datasheet
321Kb / 18P
   3.3V Single-Piece 8Mb Nonvolatile SRAM with Clock
Rev 0; 4/05
More results

Similar Description - DS3065WP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS3065W MAXIM-DS3065W Datasheet
321Kb / 18P
   3.3V Single-Piece 8Mb Nonvolatile SRAM with Clock
Rev 0; 4/05
logo
Dallas Semiconductor
DS1265W DALLAS-DS1265W_10 Datasheet
192Kb / 8P
   3.3V 8Mb Nonvolatile SRAM
logo
Maxim Integrated Produc...
DS1265W MAXIM-DS1265W Datasheet
192Kb / 8P
   3.3V 8Mb Nonvolatile SRAM
19-5617; Rev 11/10
logo
Dallas Semiconductor
DS1265W DALLAS-DS1265W Datasheet
155Kb / 8P
   3.3V 8Mb Nonvolatile SRAM
logo
Maxim Integrated Produc...
DS2065W MAXIM-DS2065W Datasheet
180Kb / 12P
   3.3V Single-Piece 8Mb Nonvolatile SRAM
Rev 0; 1/05
DS3045W MAXIM-DS3045W Datasheet
551Kb / 18P
   3.3V Single-Piece 1Mb Nonvolatile SRAM with Clock
Rev 0; 6/05
DS3070W MAXIM-DS3070W Datasheet
275Kb / 18P
   3.3V Single-Piece 16Mb Nonvolatile SRAM with Clock
Rev 1; 10/06
DS3030W MAXIM-DS3030W Datasheet
282Kb / 18P
   3.3V Single-Piece 256kb Nonvolatile SRAM with Clock
Rev 2; 10/06
logo
Dallas Semiconductor
DS3030W DALLAS-DS3030W Datasheet
549Kb / 18P
   3.3V Single-Piece 256kb Nonvolatile SRAM with Clock
logo
Maxim Integrated Produc...
DS3050W MAXIM-DS3050W Datasheet
555Kb / 18P
   3.3V Single-Piece 4Mb Nonvolatile SRAM with Clock
Rev 0; 4/05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com