Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5019124590 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 5019124590
Description  0.30mm (.012") Pitch Easy-On FPC Connector, Right Angle, SMT, Bottom Contact Style, 1.80mm (.071")
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

5019124590 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  5019124590 Datasheet HTML 1Page - Molex Electronics Ltd. 5019124590 Datasheet HTML 2Page - Molex Electronics Ltd. 5019124590 Datasheet HTML 3Page - Molex Electronics Ltd. 5019124590 Datasheet HTML 4Page - Molex Electronics Ltd. 5019124590 Datasheet HTML 5Page - Molex Electronics Ltd. 5019124590 Datasheet HTML 6Page - Molex Electronics Ltd. 5019124590 Datasheet HTML 7Page - Molex Electronics Ltd. 5019124590 Datasheet HTML 8Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
This document was generated on 04/19/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 5019124590

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
5019124190 MOLEX11-5019124190 Datasheet
583Kb / 8P
0.30mm (.012") Pitch Easy-On FPC Connector, Right Angle, SMT, Bottom Contact Style, 1.80mm (.071")
5019124790 MOLEX11-5019124790 Datasheet
583Kb / 8P
0.30mm (.012") Pitch Easy-On FPC Connector, Right Angle, SMT, Bottom Contact Style
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com