Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SD600 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # 2SD600
Description  100V/120V, 1A Low-Frequency Power Amp Applications
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SD600 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  2SD600 Datasheet HTML 1Page - Sanyo Semicon Device 2SD600 Datasheet HTML 2Page - Sanyo Semicon Device 2SD600 Datasheet HTML 3Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SANYO Electric Co.,Ltd. Semiconductor Bussiness Headquaters
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
Any and all SANYO products described or contained herein do not have specifications that can handle
applications that require extremely high levels of reliability, such as life-support systems, aircraft’s
control systems, or other applications whose failure can be reasonably expected to result in serious
physical and/or material damage. Consult with your SANYO representative nearest you before using
any SANYO products described or contained herein in such applications.
SANYO assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges,or other
parameters) listed in products specifications of any and all SANYO products described or contained
herein.
PNP/NPN Epitaxial Planar Silicon Transistor
100V/120V, 1A Low-Frequency
Power Amplifier Applications
Ordering number:346G
2SB631,631K/2SD600,600K
91098HA (KT)/72195MO (KOTO)/4017KI/D144MW, TS/E107, 8-2338/9286 No.346–1/4
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
C0
0
6
D
,
1
3
6
B
S
2K
0
0
6
D
,
K
1
3
6
B
S
2t
i
n
U
e
g
a
t
l
o
V
e
s
a
B
-
o
t
-
r
o
t
c
e
ll
o
CV
O
B
C
0
0
1
)
(0
2
1
)
(V
e
g
a
t
l
o
V
r
e
t
t
i
m
E
-
o
t
-
r
o
t
c
e
ll
o
CV
O
E
C
0
0
1
)
(0
2
1
)
(V
e
g
a
t
l
o
V
e
s
a
B
-
o
t
-
r
e
t
t
i
m
EV
O
B
E
5
)
(V
t
n
e
r
r
u
C
r
o
t
c
e
ll
o
CIC
1
)
(A
)
e
s
l
u
P
(
t
n
e
r
r
u
C
r
o
t
c
e
ll
o
CI P
C
2
)
(A
n
o
i
t
a
p
i
s
s
i
D
r
o
t
c
e
ll
o
CPC
1W
8W
e
r
u
t
a
r
e
p
m
e
T
n
o
i
t
c
n
u
Jj
T
0
5
1
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
Sg
t
s
T
0
5
1
+
o
t
5
5
( ) : 2SB631, 631K
Specifications
Absolute Maximum Ratings at Ta = 25˚C
Package Dimensions
unit:mm
2009B
[2SB631, 631K/2SD600, 600K]
Features
· High breakdown voltage VCEO 100/120V, High
current 1A.
· Low saturation voltage, excellent hFE linearity.
˚C
˚C
Electrical Characteristics at Ta = 25˚C
1 : Emitter
2 : Collector
3 : Base
JEDEC : TO-126
Tc=25˚C
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
C
s
g
n
i
t
a
R
t
i
n
U
n
i
mp
y
tx
a
m
e
g
a
t
l
o
V
n
w
o
d
k
a
e
r
B
e
s
a
B
-
o
t
-
r
o
t
c
e
ll
o
CV
O
B
C
)
R
B
(
IC
I
,
A
µ
0
1
)
(
=
E 0
=
0
0
6
D
,
1
3
6
B0
0
1
)
(V
K
0
0
6
D
,
K
1
3
6
B0
2
1
)
(V
e
g
a
t
l
o
V
n
w
o
d
k
a
r
B
r
e
t
t
i
m
E
-
o
t
-
r
o
t
c
e
ll
o
CV
O
E
C
)
R
B
(
IC
R
,
A
m
1
)
(
=
E
B =∞
0
0
6
D
,
1
3
6
B0
0
1
)
(V
K
0
0
6
D
,
K
1
3
6
B0
2
1
)
(V
e
g
a
t
l
o
V
n
w
o
d
k
a
e
r
B
e
s
a
B
-
o
t
-
r
e
t
t
i
m
EV
O
B
E
)
R
B
(
IE
I
,
A
µ
0
1
)
(
=
C 0
=5
)
(V
t
n
e
r
r
u
C
f
f
o
t
u
C
r
o
t
c
e
ll
o
CI
O
B
C
V B
C
I
,
V
0
5
)
(
=
E 0
=1
)
(A
µ
t
n
e
r
r
u
C
f
f
o
t
u
C
r
e
t
t
i
m
EI
O
B
E
V B
E
I
,
V
4
)
(
=
C 0
=1
)
(A
µ


Similar Part No. - 2SD600

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SD600 SANYO-2SD600 Datasheet
126Kb / 4P
   100V/120V, 1A Low-Frequency Power Amplifier Applications
logo
Inchange Semiconductor ...
2SD600 ISC-2SD600 Datasheet
168Kb / 3P
   isc Silicon NPN Power Transistor
2SD600 ISC-2SD600 Datasheet
201Kb / 4P
   Silicon NPN Power Transistors
logo
Savantic, Inc.
2SD600 SAVANTIC-2SD600 Datasheet
156Kb / 4P
   Silicon NPN Power Transistors
logo
ON Semiconductor
2SD600 ONSEMI-2SD600 Datasheet
94Kb / 4P
   Power Amplifier Applications
Jan-2011, Rev. 0
More results

Similar Description - 2SD600

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SB631 SANYO-2SB631 Datasheet
126Kb / 4P
   100V/120V, 1A Low-Frequency Power Amplifier Applications
2SB560 SANYO-2SB560 Datasheet
405Kb / 5P
   Low-Frequency Power Amp Applications
logo
List of Unclassifed Man...
2SB511 ETC-2SB511 Datasheet
48Kb / 1P
   LOW FREQUENCY POWER AMP APPLICATIONS
logo
Sanyo Semicon Device
2SA1705 SANYO-2SA1705 Datasheet
133Kb / 4P
   Low-Frequency Power Amp Applications
2SD2028 SANYO-2SD2028 Datasheet
83Kb / 3P
   Low-Frequency Power Amp Applications
2SB1122 SANYO-2SB1122 Datasheet
117Kb / 4P
   Low-Frequency Power Amp Applications?
2SD1912 SANYO-2SD1912 Datasheet
701Kb / 8P
   LOW FREQUENCY POWER AMP APPLICATIONS
2SD331 SANYO-2SD331 Datasheet
740Kb / 9P
   Low Frequency Power Amp Applications
logo
List of Unclassifed Man...
2SA984K ETC-2SA984K Datasheet
42Kb / 1P
   LOW FREQUENCY POWER AMP APPLICATIONS
logo
Sanyo Semicon Device
2SK304 SANYO-2SK304 Datasheet
70Kb / 3P
   Low-Frequency Amp Applications?
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com