Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0891779260 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 0891779260
Description  1.27mm (.050) Pitch Compact PCI Slot, Board-to-Board Edge Card Connector, Vertical, Double-Sided, Dual Read-Out, White, with Metal Peg, Gold (Au) Flash
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX10 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX10 - Molex Electronics Ltd.

0891779260 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  0891779260 Datasheet HTML 1Page - Molex Electronics Ltd. 0891779260 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image


Similar Part No. - 0891779260

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0891779234 MOLEX10-0891779234 Datasheet
314Kb / 6P
1.27mm (.050) Pitch Compact PCI Slot, Board-to-Board Edge Card Connector, Vertical, Double-Sided, Dual Read-Out, White, with Plastic Peg
0891779250 MOLEX10-0891779250 Datasheet
314Kb / 5P
1.27mm (.050) Pitch Compact PCI Slot, Board-to-Board Edge Card Connector, Vertical, Double-Sided, Dual Read-Out, White, with Metal Peg, Gold (Au) Flash
More results

Similar Description - 0891779260

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0891779250 MOLEX10-0891779250 Datasheet
314Kb / 5P
1.27mm (.050) Pitch Compact PCI Slot, Board-to-Board Edge Card Connector, Vertical, Double-Sided, Dual Read-Out, White, with Metal Peg, Gold (Au) Flash
0482009260 MOLEX6-0482009260 Datasheet
295Kb / 5P
1.27mm (.050") Pitch Compact PCI Slot, Board-to-Board Edge Card Connector,Vertical, Double-Sided, Dual Read-Out, White, with Metal Peg, Gold (Au) Flash, Voltage 3.3V
0891779234 MOLEX10-0891779234 Datasheet
314Kb / 6P
1.27mm (.050) Pitch Compact PCI Slot, Board-to-Board Edge Card Connector, Vertical, Double-Sided, Dual Read-Out, White, with Plastic Peg
0482006012 MOLEX6-0482006012 Datasheet
154Kb / 3P
1.27mm (.050") Pitch Compact PCI Slot, Board-to-Board Edge Card Connector, Vertical, Double-Sided, Dual Read-Out
0482009250 MOLEX6-0482009250 Datasheet
295Kb / 5P
1.27mm (.050") Pitch Compact PCI Slot, Board-to-Board Edge Card Connector,Vertical, Double-Sided, Dual Read-Out, White, with Metal Peg, Gold (Au) Flash,Voltage 5V, 184 Circuits, Lead Free
0482009263 MOLEX6-0482009263 Datasheet
296Kb / 6P
1.27mm (.050") Pitch Compact PCI Slot, Board-to-Board Edge Card Connector,Vertical, Double-Sided, Dual Read-Out, White, with Metal Peg, 0.76關m (30關") Gold
0482006030 MOLEX6-0482006030 Datasheet
133Kb / 2P
1.27mm (.050") Pitch Compact PCI Slot, Board-to-Board Edge Card Connector,Vertical, Double-Sided, Dual Read-Out, White, with Plastic Peg, Two End Cuts, Gold (Au) Flash, 120 Circuits
0482009262 MOLEX6-0482009262 Datasheet
295Kb / 5P
1.27mm (.050") Pitch Compact PCI Slot, Board-to-Board Edge Card Connector,Vertical, Double-Sided, Dual Read-Out, White, with Metal Peg, 0.38關m (15關") Gold (Au) Plating
0482009210 MOLEX6-0482009210 Datasheet
295Kb / 5P
1.27mm (.050") Pitch Compact PCI Slot, Board-to-Board Edge Card Connector, Vertical, Double-Sided, Dual Read-Out, White, with Plastic Peg, Gold (Au) Flash, Voltage 5V, 184 Circuits, Lead Free
0482009221 MOLEX6-0482009221 Datasheet
295Kb / 5P
1.27mm (.050") Pitch Compact PCI Slot, Board-to-Board Edge Card Connector,Vertical, Double-Sided, Dual Read-Out, White, with Plastic Peg, 0.25關m (10關") Gold (Au) Plating
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com