Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0891779260 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0891779260
Description  1.27mm (.050) Pitch Compact PCI Slot, Board-to-Board Edge Card Connector, Vertical, Double-Sided, Dual Read-Out, White, with Metal Peg, Gold (Au) Flash
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX10 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX10 - Molex Electronics Ltd.

0891779260 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0891779260 Datasheet HTML 1Page - Molex Electronics Ltd. 0891779260 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 06/04/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0891779260
Status:
Active
Overview:
Description:
1.27mm (.050") Pitch Compact PCI Slot, Board-to-Board Edge Card Connector,
Vertical, Double-Sided, Dual Read-Out, White, with Metal Peg, Gold (Au) Flash,
Voltage 3.3V, 184 Circuits
Replacement Part
Number:
48200-9260
General
Product Family
Edge Card Connectors
Series
89177
Comments
3V Card Configuration
Component Type
Edgecard to PCB
Obsolete Date
2006/04/01
Overview
edge_card_connectors
Product Name
Edge Card
Replacement Part Number
48200-9260
Physical
Circuits (Loaded)
184
Circuits (maximum)
184
Circuits Detail
All Signal
Durability (mating cycles max)
50
Entry Angle
Vertical (Top Entry)
Keying to Mating Part
Yes
Material - Plating Mating
Gold
Material - Plating Termination
Tin-Lead
PC Tail Length (in)
0.118 In
PC Tail Length (mm)
3.00 mm
PCB Locator
Yes
PCB Retention
Yes
PCB Thickness Recommended (in)
0.062 In
PCB Thickness Recommended (mm)
1.60 mm
Packaging Type
Tray
Pitch - Mating Interface (in)
0.050 In
Pitch - Mating Interface (mm)
1.27 mm
Polarized to Mating Part
Yes
Temperature Range - Operating
-55°C to +105°C
Termination Interface: Style
Through Hole
Electrical
Current - Maximum per Contact
1A
Voltage - Maximum
500V
Material Info
Reference - Drawing Numbers
Packaging Specification
SPK-89177
Product Specification
PS-89177
EU RoHS
China RoHS
Not RoHS Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
89177Series
Mates With
64-bit PCI card
This document was generated on 06/04/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0891779260

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0891779234 MOLEX10-0891779234 Datasheet
314Kb / 6P
   1.27mm (.050) Pitch Compact PCI Slot, Board-to-Board Edge Card Connector, Vertical, Double-Sided, Dual Read-Out, White, with Plastic Peg
0891779250 MOLEX10-0891779250 Datasheet
314Kb / 5P
   1.27mm (.050) Pitch Compact PCI Slot, Board-to-Board Edge Card Connector, Vertical, Double-Sided, Dual Read-Out, White, with Metal Peg, Gold (Au) Flash
More results

Similar Description - 0891779260

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0891779250 MOLEX10-0891779250 Datasheet
314Kb / 5P
   1.27mm (.050) Pitch Compact PCI Slot, Board-to-Board Edge Card Connector, Vertical, Double-Sided, Dual Read-Out, White, with Metal Peg, Gold (Au) Flash
0482009260 MOLEX6-0482009260 Datasheet
295Kb / 5P
   1.27mm (.050") Pitch Compact PCI Slot, Board-to-Board Edge Card Connector,Vertical, Double-Sided, Dual Read-Out, White, with Metal Peg, Gold (Au) Flash, Voltage 3.3V
0891779234 MOLEX10-0891779234 Datasheet
314Kb / 6P
   1.27mm (.050) Pitch Compact PCI Slot, Board-to-Board Edge Card Connector, Vertical, Double-Sided, Dual Read-Out, White, with Plastic Peg
0482006012 MOLEX6-0482006012 Datasheet
154Kb / 3P
   1.27mm (.050") Pitch Compact PCI Slot, Board-to-Board Edge Card Connector, Vertical, Double-Sided, Dual Read-Out
0482009250 MOLEX6-0482009250 Datasheet
295Kb / 5P
   1.27mm (.050") Pitch Compact PCI Slot, Board-to-Board Edge Card Connector,Vertical, Double-Sided, Dual Read-Out, White, with Metal Peg, Gold (Au) Flash,Voltage 5V, 184 Circuits, Lead Free
0482009263 MOLEX6-0482009263 Datasheet
296Kb / 6P
   1.27mm (.050") Pitch Compact PCI Slot, Board-to-Board Edge Card Connector,Vertical, Double-Sided, Dual Read-Out, White, with Metal Peg, 0.76關m (30關") Gold
0482006030 MOLEX6-0482006030 Datasheet
133Kb / 2P
   1.27mm (.050") Pitch Compact PCI Slot, Board-to-Board Edge Card Connector,Vertical, Double-Sided, Dual Read-Out, White, with Plastic Peg, Two End Cuts, Gold (Au) Flash, 120 Circuits
0482009262 MOLEX6-0482009262 Datasheet
295Kb / 5P
   1.27mm (.050") Pitch Compact PCI Slot, Board-to-Board Edge Card Connector,Vertical, Double-Sided, Dual Read-Out, White, with Metal Peg, 0.38關m (15關") Gold (Au) Plating
0482009210 MOLEX6-0482009210 Datasheet
295Kb / 5P
   1.27mm (.050") Pitch Compact PCI Slot, Board-to-Board Edge Card Connector, Vertical, Double-Sided, Dual Read-Out, White, with Plastic Peg, Gold (Au) Flash, Voltage 5V, 184 Circuits, Lead Free
0482009221 MOLEX6-0482009221 Datasheet
295Kb / 5P
   1.27mm (.050") Pitch Compact PCI Slot, Board-to-Board Edge Card Connector,Vertical, Double-Sided, Dual Read-Out, White, with Plastic Peg, 0.25關m (10關") Gold (Au) Plating
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com