Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0797580003 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0797580003
Description  SL Female (Sn) 22 AWG,UL1061,150MM
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX9 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX9 - Molex Electronics Ltd.

0797580003 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0797580003 Datasheet HTML 1Page - Molex Electronics Ltd. 0797580003 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 06/07/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0797580003
Status:
Active
Overview:
cgrid__sl_products
Description:
SL Female (Sn) 22 AWG,UL1061,150MM
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
Cable Assemblies
Series
79758
Connector to Connector
SL™ Crimp Terminals
Overview
cgrid__sl_products
Product Name
SL™
Physical
Cable Length
0.15m (5.91")
Circuits (Loaded)
1
Gender
Female-Female
Material - Metal
Phosphor Bronze
Material - Plating Mating
Tin
Material - Plating Termination
Tin
Packaging Type
Bag
Single Ended
No
Wire Size AWG
22
Wire/Cable Type
UL 1061
Material Info
Reference - Drawing Numbers
Sales Drawing
SD-797580001
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
79758Series
Use With
SL™ Housings 70066 , 70450 , 74130
This document was generated on 06/07/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0797580003

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0797580003 MOLEX1-0797580003 Datasheet
40Kb / 1P
Pre-Crimped Lead SL Female-to-SL Female, 150mm, 22 AWG
0797580003 MOLEX1-0797580003_18 Datasheet
40Kb / 1P
Pre-Crimped Lead SL Female-to-SL Female, 150mm, 22 AWG
More results

Similar Description - 0797580003

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0797580006 MOLEX9-0797580006 Datasheet
156Kb / 2P
PicoBlade 26 AWG,UL1061,150MM
0797580008 MOLEX9-0797580008 Datasheet
156Kb / 2P
Pico-SPOX Female (Sn) 24 AWG,UL1061,150MM
0797580004 MOLEX9-0797580004 Datasheet
157Kb / 2P
Micro-Fit Female (Au) 20 AWG,UL1061,150MM
0797580002 MOLEX9-0797580002 Datasheet
157Kb / 2P
Micro-Fit Female (Sn) 20 AWG,UL1061,150MM
0797580007 MOLEX9-0797580007 Datasheet
157Kb / 2P
KK Hot Tin (Sn) 22 AWG,UL1061,150MM
0797580005 MOLEX9-0797580005 Datasheet
157Kb / 2P
Mini-Fit Male Tin (Sn) 18 AWG,UL1061,150MM
0797580011 MOLEX9-0797580011 Datasheet
157Kb / 2P
SL Female (Sn) 22 AWG,UL1061,300MM
0700584102 MOLEX1-0700584102_17 Datasheet
32Kb / 1P
SL Crimp Terminal, Series 70058, Female, 22-24 AWG, with Tin (Sn) Plated Contact
0797580003 MOLEX1-0797580003_18 Datasheet
40Kb / 1P
Pre-Crimped Lead SL Female-to-SL Female, 150mm, 22 AWG
0797580011 MOLEX1-0797580011_18 Datasheet
40Kb / 1P
Pre-Crimped Lead SL Female-to-SL Female, 300mm, 22 AWG
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com