Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S1D2518X01 Datasheet(PDF) 3 Page - Samsung semiconductor

Part # S1D2518X01
Description  I2C BUS CONTROLLED R/G/B VIDEO AMPLIFIER
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S1D2518X01 Datasheet(HTML) 3 Page - Samsung semiconductor

  S1D2518X01 Datasheet HTML 1Page - Samsung semiconductor S1D2518X01 Datasheet HTML 2Page - Samsung semiconductor S1D2518X01 Datasheet HTML 3Page - Samsung semiconductor S1D2518X01 Datasheet HTML 4Page - Samsung semiconductor S1D2518X01 Datasheet HTML 5Page - Samsung semiconductor S1D2518X01 Datasheet HTML 6Page - Samsung semiconductor S1D2518X01 Datasheet HTML 7Page - Samsung semiconductor S1D2518X01 Datasheet HTML 8Page - Samsung semiconductor S1D2518X01 Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 38 page
background image
S1D2518X01
I2C BUS CONTROLLED R/G/B VIDEO AMPLIFIER FOR MONITORS
2
Preliminary
BLOCK DIAGRAM
Figure 1. Block Diagram
Interface & Control
1
2
3
9
5
6
7
8
30
12
4
20
10
21
11
VI/
OSD_SW
OSD
Interface
CLPB
Video
OSD
Switch
OSD
Contrast
Video
Contrast
+
SUB
Contrast
ROSD
GOSD
BOSD
VCC3
RIN
VCC1
GND1
GIN
INT
ABL
CLP
BIN
BLK
GND3
gm1
gm2
28
29
19
25
24
23
25
22
17
26
27
18
14
13
+
BLKB
CLPB
OSD
Intensity
ABL
Clamp
Gate
Video/OSD
Switch
Blank
Gate
HALF-TONE
Control
I2C Bus Control
ROUT
RCLP
RCT
VCC
GND
BOUT
BCLP
BCT
GOUT
GCLP
SDA
SCL
GCT
16
DAC OUT
IS 1/2 (D1, D2: 0AH)
Soft Blank
(D7 : 01H)
Clamp Polarity Select D3 (0BH)
One (red)
Of Three Channels
+
1.9V
Main
Amp
HT (D0 : 0AH)
No Signal
Control
15
VDD


Similar Part No. - S1D2518X01

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S1D2511B01 SAMSUNG-S1D2511B01 Datasheet
330Kb / 34P
   DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
S1D2511B01-A0 SAMSUNG-S1D2511B01-A0 Datasheet
330Kb / 34P
   DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
S1D2511B01-A0B0 SAMSUNG-S1D2511B01-A0B0 Datasheet
330Kb / 34P
   DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
S1D2512X01 SAMSUNG-S1D2512X01 Datasheet
376Kb / 36P
   DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
S1D2512X01-A0B0 SAMSUNG-S1D2512X01-A0B0 Datasheet
376Kb / 36P
   DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
More results

Similar Description - S1D2518X01

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S1D2500A01-D0 SAMSUNG-S1D2500A01-D0 Datasheet
210Kb / 27P
   I2C BUS CONTROLLED R/G/B VIDEO AMPLIFIER
S1D2504A01 SAMSUNG-S1D2504A01 Datasheet
887Kb / 23P
   I2C BUS CONTROLLED R/G/B VIDEO AMPLIFIER
KA2504 SAMSUNG-KA2504 Datasheet
889Kb / 23P
   I2C BUS CONTROLLED R/G/B VIDEO AMPLIFIER
S1D2506A01-D0B1 SAMSUNG-S1D2506A01-D0B1 Datasheet
267Kb / 26P
   I2C BUS CONTROLLED R/G/B VIDEO AMPLIFIER FOR MONITORS
KA2500 SAMSUNG-KA2500 Datasheet
276Kb / 28P
   I2C BUS CONTROLLED R/G/B VIDEO AMPLIFIER FOR MONITORS
KA2506-01 SAMSUNG-KA2506-01 Datasheet
271Kb / 27P
   I2C BUS CONTROLLED R/G/B VIDEO AMPLIFIER FOR MONITORS
S1D2503X01-D0B0 SAMSUNG-S1D2503X01-D0B0 Datasheet
269Kb / 26P
   I2C BUS CONTROLLED R/G/B VIDEO AMPLIFIER FOR MONITORS
KA2141 SAMSUNG-KA2141 Datasheet
116Kb / 15P
   R/G/B VIDEO AMPLIFIER FOR MONITORS
S1D2141X01 SAMSUNG-S1D2141X01 Datasheet
110Kb / 14P
   R/G/B VIDEO AMPLIFIER FOR MONITORS
KA2143B SAMSUNG-KA2143B Datasheet
108Kb / 12P
   R/G/B VIDEO AMPLIFIER WITH OSD INTERFACE FOR MONITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com