Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S1D2502B01 Datasheet(PDF) 31 Page - Samsung semiconductor

Part # S1D2502B01
Description  VIDEO AMP MERGED OSD PROCESSOR FOR MONITORS
Download  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S1D2502B01 Datasheet(HTML) 31 Page - Samsung semiconductor

Back Button S1D2502B01 Datasheet HTML 27Page - Samsung semiconductor S1D2502B01 Datasheet HTML 28Page - Samsung semiconductor S1D2502B01 Datasheet HTML 29Page - Samsung semiconductor S1D2502B01 Datasheet HTML 30Page - Samsung semiconductor S1D2502B01 Datasheet HTML 31Page - Samsung semiconductor S1D2502B01 Datasheet HTML 32Page - Samsung semiconductor S1D2502B01 Datasheet HTML 33Page - Samsung semiconductor S1D2502B01 Datasheet HTML 34Page - Samsung semiconductor S1D2502B01 Datasheet HTML 35Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 61 page
background image
S1D2502B01
VIDEO AMP MERGED OSD PROCESSOR FOR MONITORS
30
Preliminary
V-AMP Control
Registers - 8
(Row 15,
Column 11)
BWB7 — BWB0
(bit7 — 0)
B channel cut-off control.
The cut-off adjustment B used to adjust the raster white balance.
V-AMP Control
Registers - 9
(Row 15,
Column 12)
CUT7 — CUT0
(bit7 — 0)
The cut-off brightness adjustment is made by simultaneously controlling
the external cut-off current.
V-AMP Control
Registers - 10
(Row 15,
Column 13)
HT
(bit 0)
Video & OSD half tone enable.
If you set this bit to ’1’, the half tone function is on.
Then you can see the video signal & OSD raster.
HS3 — HS1
(bit3 — 1)
HS3 — HS1 bits select OSD raster color 1 to be half tone.
To carry out half tone function, set the HT bit to ’1’.
HS6 — HS4
(bit6 — 4)
HS6 — HS4 bits select OSD raster color 2 to be half tone.
To carry out half tone function, set the HT bit to ’1’.
SB
(bit 7)
Soft blanking enable
If you set this bit ’1’, the R/G/B outputs go to GND.
Tabel 4. Register Description (Continued)
Registers
Bits
Description
HS3
HS2
HS1
OSD
Raster
Color 1
POR
G
R
B
0
0
0
0
0
0
Black
O
0
0
1
0
0
1
Blue
0
1
0
0
1
0
Red
0
1
1
0
1
1
Magenta
1
0
0
1
0
0
Green
1
0
1
1
0
1
Cyan
1
1
0
1
1
0
Yellow
1
1
1
1
1
1
White
HS6
HS5
HS4
OSD
Raster
Color 2
POR
G
R
B
0
0
0
0
0
0
Black
O
0
0
1
0
0
1
Blue
0
1
0
0
1
0
Red
0
1
1
0
1
1
Magenta
1
0
0
1
0
0
Green
1
0
1
1
0
1
Cyan
1
1
0
1
1
0
Yellow
1
1
1
1
1
1
White


Similar Part No. - S1D2502B01

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S1D2502A01-D0B0 SAMSUNG-S1D2502A01-D0B0 Datasheet
742Kb / 57P
   VIDEO AMP MERGED OSD PROCESSOR FOR MONITORS
More results

Similar Description - S1D2502B01

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
DS_S1D2502A01 SAMSUNG-DS_S1D2502A01 Datasheet
742Kb / 57P
   VIDEO AMP MERGED OSD PROCESSOR FOR MONITORS
KB2514 SAMSUNG-KB2514 Datasheet
563Kb / 55P
   VIDEO AMP MERGED OSD PROCESSOR FOR MONITORS
KB2502 SAMSUNG-KB2502 Datasheet
724Kb / 62P
   VIDEO AMP MERGED OSD PROCESSOR
S5D2501F SAMSUNG-S5D2501F Datasheet
394Kb / 23P
   OSD PROCESSOR FOR MONITORS
logo
Analog Devices
ADV8002KBCZ-7B AD-ADV8002KBCZ-7B Datasheet
85Kb / 2P
   Video Signal Processor with Bitmap OSD
Rev. SpA
logo
Samsung semiconductor
KA2143B SAMSUNG-KA2143B Datasheet
108Kb / 12P
   R/G/B VIDEO AMPLIFIER WITH OSD INTERFACE FOR MONITORS
S1D2140B03 SAMSUNG-S1D2140B03 Datasheet
102Kb / 11P
   R/G/B VIDEO AMPLIFIER WITH OSD INTERFACE FOR MONITORS
KA2140B SAMSUNG-KA2140B Datasheet
44Kb / 3P
   R/G/B VIDEO AMPLIFIER WITH OSD INTERFACE FOR MONITORS
logo
STMicroelectronics
STV9212 STMICROELECTRONICS-STV9212 Datasheet
335Kb / 34P
   Video Processor for CRT Monitors with PictureBooST
logo
Samsung semiconductor
KS2508 SAMSUNG-KS2508 Datasheet
224Kb / 22P
   OSD PROCESSOR FOR MONITOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com