Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S1D2502B01 Datasheet(PDF) 39 Page - Samsung semiconductor

Part # S1D2502B01
Description  VIDEO AMP MERGED OSD PROCESSOR FOR MONITORS
Download  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S1D2502B01 Datasheet(HTML) 39 Page - Samsung semiconductor

Back Button S1D2502B01 Datasheet HTML 35Page - Samsung semiconductor S1D2502B01 Datasheet HTML 36Page - Samsung semiconductor S1D2502B01 Datasheet HTML 37Page - Samsung semiconductor S1D2502B01 Datasheet HTML 38Page - Samsung semiconductor S1D2502B01 Datasheet HTML 39Page - Samsung semiconductor S1D2502B01 Datasheet HTML 40Page - Samsung semiconductor S1D2502B01 Datasheet HTML 41Page - Samsung semiconductor S1D2502B01 Datasheet HTML 42Page - Samsung semiconductor S1D2502B01 Datasheet HTML 43Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 61 page
background image
S1D2502B01
VIDEO AMP MERGED OSD PROCESSOR FOR MONITORS
38
Preliminary
Other Color Effet
The row attribute register's 'BREN' bit's function is shown in the Figure below. If you set the 'BREN' bit of the
row with the letter A as '0' after selecting A and B's raster color as black, the raster color black will be
displayed. But if you set the 'BREN' bit of the row with the letter B as '1', the raster color black becomes
invisible, so the back raster color (gray) is displayed as if it is the raster color.
Color blinking is using a selective control bit in blink mode to replace normal blinking with 8 different colors
appearing in order on the font's character. Color blinking only replaces normal blinking, and blink time and blink
duty are still applied at the same time. Therefore, if the blink duty is not set to off, only 3 ~ 4 colors may appear
according to the blink duty, instead of all 8.
SIZING/POSITIONING
Character Size
Row attribute register's HZ bit[3:2] and VZ bit[1:0] control the character's vertical and horizontal size by factors
of 1/2/3/4 in units of row. VZ is correctly expressed without regard to size since the next line is just pushed
down in order, but HZ decides the column that the font occupies according to the size. For example, if HZ [1:0]
= 0, 1, the font doubles in the horizontal direction, and one font takes up 2 columns. Therefore, the column
address must move in the same amount as the HZ for the next font to be expressed correctly. in other words, if
the horizontal size is doubled and takes up 2 columns, the next font must be put 2 columns back.
Figure 14. Color Effect by BREN Bit
Figure 15. Character Size by VZ, HZ Bits
BREN bit = 0 & Rastor Color = Black
BREN bit = 1 & Rastor Color = Black
BREN bit = 1 & Rastor Color = Light Blue
Gray
Original
VZ
× 2
HZ
× 2


Similar Part No. - S1D2502B01

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S1D2502A01-D0B0 SAMSUNG-S1D2502A01-D0B0 Datasheet
742Kb / 57P
   VIDEO AMP MERGED OSD PROCESSOR FOR MONITORS
More results

Similar Description - S1D2502B01

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
DS_S1D2502A01 SAMSUNG-DS_S1D2502A01 Datasheet
742Kb / 57P
   VIDEO AMP MERGED OSD PROCESSOR FOR MONITORS
KB2514 SAMSUNG-KB2514 Datasheet
563Kb / 55P
   VIDEO AMP MERGED OSD PROCESSOR FOR MONITORS
KB2502 SAMSUNG-KB2502 Datasheet
724Kb / 62P
   VIDEO AMP MERGED OSD PROCESSOR
S5D2501F SAMSUNG-S5D2501F Datasheet
394Kb / 23P
   OSD PROCESSOR FOR MONITORS
logo
Analog Devices
ADV8002KBCZ-7B AD-ADV8002KBCZ-7B Datasheet
85Kb / 2P
   Video Signal Processor with Bitmap OSD
Rev. SpA
logo
Samsung semiconductor
KA2143B SAMSUNG-KA2143B Datasheet
108Kb / 12P
   R/G/B VIDEO AMPLIFIER WITH OSD INTERFACE FOR MONITORS
S1D2140B03 SAMSUNG-S1D2140B03 Datasheet
102Kb / 11P
   R/G/B VIDEO AMPLIFIER WITH OSD INTERFACE FOR MONITORS
KA2140B SAMSUNG-KA2140B Datasheet
44Kb / 3P
   R/G/B VIDEO AMPLIFIER WITH OSD INTERFACE FOR MONITORS
logo
STMicroelectronics
STV9212 STMICROELECTRONICS-STV9212 Datasheet
335Kb / 34P
   Video Processor for CRT Monitors with PictureBooST
logo
Samsung semiconductor
KS2508 SAMSUNG-KS2508 Datasheet
224Kb / 22P
   OSD PROCESSOR FOR MONITOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com