Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S1D2502B01 Datasheet(PDF) 32 Page - Samsung semiconductor

Part # S1D2502B01
Description  VIDEO AMP MERGED OSD PROCESSOR FOR MONITORS
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S1D2502B01 Datasheet(HTML) 32 Page - Samsung semiconductor

Back Button S1D2502B01 Datasheet HTML 28Page - Samsung semiconductor S1D2502B01 Datasheet HTML 29Page - Samsung semiconductor S1D2502B01 Datasheet HTML 30Page - Samsung semiconductor S1D2502B01 Datasheet HTML 31Page - Samsung semiconductor S1D2502B01 Datasheet HTML 32Page - Samsung semiconductor S1D2502B01 Datasheet HTML 33Page - Samsung semiconductor S1D2502B01 Datasheet HTML 34Page - Samsung semiconductor S1D2502B01 Datasheet HTML 35Page - Samsung semiconductor S1D2502B01 Datasheet HTML 36Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 61 page
background image
VIDEO AMP MERGED OSD PROCESSOR FOR MONITORS
S1D2502B01
31
Preliminary
V-AMP Control
Registers - 11
(Row 15,
Column 14)
CS2 — CS1
(bit1 — bit0)
Cut-off offset current control
BPW2 — BPW1
(bit4 — bit3)
Generated clamp pulse width control
To carry out this function, set the CLPS bit to " 0 "
BLKP
(bit 5)
Polarity of horizontral fly back signal
If this bit is ’0’, HFLB’s polarity is negative, and if ’1’, it is positive.
CLPP
(bit 6)
Polarity of clamp pulse signal
If this bit is ’0’, CLP’s polarity is positive, and if ’1’, it is negative.
This bit has meaning only if the CLPS bit is set to ’1’.
CLPS
(bit 7)
Clamp pulse generation enable
If this bit is ’0’, clamp signal is made using the HFLB signal, so there is
no need to supply the clamp signal.
and if ’1’you must supply external clamp signal.
V-AMP Control
Registers - 12
(Row 15,
Column 15)
HS9 — HS7
(bit2 — bit 0)
HS9 — HS7 bits select OSD raster color 3 to be half tone.
To carry out half tone function, set the HT bit to " 1 ".
Tabel 4. Register Description (Continued)
Registers
Bits
Description
CS2
CS1
Cut-off Offset Current
POR
0
0
0
O
0
1
50
µA
1
0
100
µA
1
1
150
µA
BPW2
BPW1
Width
POR
0
0
0.33
µs
0
1
0.66
µs
1
0
1.00
µs
O
1
1
1.33
µs
HS9
HS8
HS7
OSD
Raster
Color 3
POR
G
R
B
0
0
0
0
0
0
Black
O
0
0
1
0
0
1
Blue
0
1
0
0
1
0
Red
0
1
1
0
1
1
Magenta
1
0
0
1
0
0
Green
1
0
1
1
0
1
Cyan
1
1
0
1
1
0
Yellow
1
1
1
1
1
1
White


Similar Part No. - S1D2502B01

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S1D2502A01-D0B0 SAMSUNG-S1D2502A01-D0B0 Datasheet
742Kb / 57P
VIDEO AMP MERGED OSD PROCESSOR FOR MONITORS
More results

Similar Description - S1D2502B01

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KA2143B SAMSUNG-KA2143B Datasheet
108Kb / 12P
R/G/B VIDEO AMPLIFIER WITH OSD INTERFACE FOR MONITORS
KB2502 SAMSUNG-KB2502 Datasheet
724Kb / 62P
VIDEO AMP MERGED OSD PROCESSOR
KB2514 SAMSUNG-KB2514 Datasheet
563Kb / 55P
VIDEO AMP MERGED OSD PROCESSOR FOR MONITORS
KS2508 SAMSUNG-KS2508 Datasheet
224Kb / 22P
OSD PROCESSOR FOR MONITOR
S1D2140B03 SAMSUNG-S1D2140B03 Datasheet
102Kb / 11P
R/G/B VIDEO AMPLIFIER WITH OSD INTERFACE FOR MONITORS
S5D2501F SAMSUNG-S5D2501F Datasheet
394Kb / 23P
OSD PROCESSOR FOR MONITORS
KA2140B SAMSUNG-KA2140B Datasheet
44Kb / 3P
R/G/B VIDEO AMPLIFIER WITH OSD INTERFACE FOR MONITORS
DS_S1D2502A01 SAMSUNG-DS_S1D2502A01 Datasheet
742Kb / 57P
VIDEO AMP MERGED OSD PROCESSOR FOR MONITORS
logo
STMicroelectronics
STV9212 STMICROELECTRONICS-STV9212 Datasheet
335Kb / 34P
Video Processor for CRT Monitors with PictureBooST
logo
Analog Devices
ADV8002KBCZ-7B AD-ADV8002KBCZ-7B Datasheet
85Kb / 2P
Video Signal Processor with Bitmap OSD
Rev. SpA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com