Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S1D2502B01 Datasheet(PDF) 30 Page - Samsung semiconductor

Part # S1D2502B01
Description  VIDEO AMP MERGED OSD PROCESSOR FOR MONITORS
Download  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S1D2502B01 Datasheet(HTML) 30 Page - Samsung semiconductor

Back Button S1D2502B01 Datasheet HTML 26Page - Samsung semiconductor S1D2502B01 Datasheet HTML 27Page - Samsung semiconductor S1D2502B01 Datasheet HTML 28Page - Samsung semiconductor S1D2502B01 Datasheet HTML 29Page - Samsung semiconductor S1D2502B01 Datasheet HTML 30Page - Samsung semiconductor S1D2502B01 Datasheet HTML 31Page - Samsung semiconductor S1D2502B01 Datasheet HTML 32Page - Samsung semiconductor S1D2502B01 Datasheet HTML 33Page - Samsung semiconductor S1D2502B01 Datasheet HTML 34Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 61 page
background image
VIDEO AMP MERGED OSD PROCESSOR FOR MONITORS
S1D2502B01
29
Preliminary
Tabel 4. Register Description (Continued)
Registers
Bits
Description
Frame Control
Registers — 2
(Row 15,
Column 02)
VP7 — VP0
Vertical start position control ( = VP[7:0]
× 4)
Signifies top margin height from the V-Sync reference edge.
HP7 — HP0
Horizontal start position control ( = HP[7:0]
× 6)
Signifies delay of the horizontal display from the H-Sync reference edge
to the character's 1st pixel location.
V-AMP Control
Registers — 0
(Row 15,
Column 03)
VC7 — VC0
(bit7 — 0)
The contrast adjustment is made by contrdling simultaneously the gain
of three internal variable gain amplifiers.
The contrast adjustment allows to cover a typical range of 38dB.
V-AMP Control
Registers — 1
(Row 15,
Column 04)
BRT7 — BRT0
(bit7 — 0)
The brightness adjustment controls to add the same black level
(pedestal) to the 3-channel R/G/B signals after contrast amplifier.
V-AMP Control
Registers — 2
(Row 15,
Column 05)
RSB7 — RSB0
(bit7 — 0)
R channel SUB contrast control.
The SUB contrast adjustment is used to adjust the white balance, and
the gain of each channel is controlled.
The SUB contrast adjustment allows you to cover a typical tange of
12dB.
V-AMP Control
Registers - 3
(Row 15,
Column 06)
GSB7 — GSB0
(bit7 — 0)
G channel SUB contrast control.
The SUB contrast adjustment is used to adjust the white balance, and
the gain of each channel is controlled.
The SUB contrast adjustment allows you to cover a typical tange of
12dB.
V-AMP Control
Registers - 4
(Row 15,
Column 07)
BSB7 — BSB0
(bit7 — 0)
B channel SUB contrast control.
The SUB contrast adjustment is used to adjust the white balance, and
the gain of each channel is controlled.
The SUB contrast adjustment allows you to cover a typical tange of
12dB.
V-AMP Control
Registers - 5
(Row 15,
Column 08)
OSD7 — OSD0
(bit7 — 0)
The OSD contrast adjustment is made by contrdling simultaneously the
gain of three internal variable gain amplifiers.
The OSD contrast adjustment allows to cover a typical range of 38dB.
V-AMP Control
Registers - 6
(Row 15,
Column 09)
RWB7 — RWB0
(bit7 — 0)
R channel cut-off control.
The cut-off adjustment is used to adjust the raster white balance.
V-AMP Control
Registers - 7
(Row 15,
Column 10)
GWB7 — GWB0
(bit7 — 0)
G channel cut-off control.
The cut-off adjustment is used to adjust the raster white balance.


Similar Part No. - S1D2502B01

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S1D2502A01-D0B0 SAMSUNG-S1D2502A01-D0B0 Datasheet
742Kb / 57P
   VIDEO AMP MERGED OSD PROCESSOR FOR MONITORS
More results

Similar Description - S1D2502B01

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
DS_S1D2502A01 SAMSUNG-DS_S1D2502A01 Datasheet
742Kb / 57P
   VIDEO AMP MERGED OSD PROCESSOR FOR MONITORS
KB2514 SAMSUNG-KB2514 Datasheet
563Kb / 55P
   VIDEO AMP MERGED OSD PROCESSOR FOR MONITORS
KB2502 SAMSUNG-KB2502 Datasheet
724Kb / 62P
   VIDEO AMP MERGED OSD PROCESSOR
S5D2501F SAMSUNG-S5D2501F Datasheet
394Kb / 23P
   OSD PROCESSOR FOR MONITORS
logo
Analog Devices
ADV8002KBCZ-7B AD-ADV8002KBCZ-7B Datasheet
85Kb / 2P
   Video Signal Processor with Bitmap OSD
Rev. SpA
logo
Samsung semiconductor
KA2143B SAMSUNG-KA2143B Datasheet
108Kb / 12P
   R/G/B VIDEO AMPLIFIER WITH OSD INTERFACE FOR MONITORS
S1D2140B03 SAMSUNG-S1D2140B03 Datasheet
102Kb / 11P
   R/G/B VIDEO AMPLIFIER WITH OSD INTERFACE FOR MONITORS
KA2140B SAMSUNG-KA2140B Datasheet
44Kb / 3P
   R/G/B VIDEO AMPLIFIER WITH OSD INTERFACE FOR MONITORS
logo
STMicroelectronics
STV9212 STMICROELECTRONICS-STV9212 Datasheet
335Kb / 34P
   Video Processor for CRT Monitors with PictureBooST
logo
Samsung semiconductor
KS2508 SAMSUNG-KS2508 Datasheet
224Kb / 22P
   OSD PROCESSOR FOR MONITOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com