Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S1D2502B01 Datasheet(PDF) 28 Page - Samsung semiconductor

Part # S1D2502B01
Description  VIDEO AMP MERGED OSD PROCESSOR FOR MONITORS
Download  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S1D2502B01 Datasheet(HTML) 28 Page - Samsung semiconductor

Back Button S1D2502B01 Datasheet HTML 24Page - Samsung semiconductor S1D2502B01 Datasheet HTML 25Page - Samsung semiconductor S1D2502B01 Datasheet HTML 26Page - Samsung semiconductor S1D2502B01 Datasheet HTML 27Page - Samsung semiconductor S1D2502B01 Datasheet HTML 28Page - Samsung semiconductor S1D2502B01 Datasheet HTML 29Page - Samsung semiconductor S1D2502B01 Datasheet HTML 30Page - Samsung semiconductor S1D2502B01 Datasheet HTML 31Page - Samsung semiconductor S1D2502B01 Datasheet HTML 32Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 61 page
background image
VIDEO AMP MERGED OSD PROCESSOR FOR MONITORS
S1D2502B01
27
Preliminary
Tabel 4. Register Description (Continued)
Registers
Bits
Description
Frame Control
Registers — 1
(Row 15,
Column 01)
CH5 — CH0
(bit 5 — 0)
Character height control
While the purpose of VZ[1:0] (vertical character height) is to control the
absolute size of the character, the purpose of CH[5:0] (Character Height) is
to output OSD of a uniform size even if the resolution changes. If you adjust
the value in the range of CH = 18 — CH = 63, each line's repeating number
is decided (standard height CH = 18 is the reference value), by which the
line is repeated. For more information on repeating number selection, refer
to character height.
FBLK
(bit 6)
Selection of the FBLK output pin's configuration
Unlike pin description's FBLK, if this bit is '0', the FBLK pin output is high
while the character and raster are being displayed and the character and
raster are output as they are. If this bit is '1', the FBLK pin output becomes
high only when character is being displayed, so only the character is
output. Refer to 'Figure 11. Character/raster signal part.
dot1, dot0
(bit 9, 8)
Resolution control (dots/line)
As shown above, the number of dots per horizontal line is decided by a
combination of these two bits.
HF2— HF0
(bit C — A)
Horizontal frequency
PLL's horizontal frequency is decided by the combination of these 3 bits.
This is related to the selection of DOT[1:0], so you can't numerically
express the frequency range with only the HF[2:0] selection. For more
information, please refer to HF Bits Selection.
FPLL
(bit D)
Full range PLL
If this bit is '1', the OSD_PLL block's VCO operates at full range (4.8MHz -
96MHz). If it is ’0', it operates within the region decided by the HF bit [C:A]
explained above. if you can’t optimize OSD screen decided by the HF bit in
the high region, you may set the FPLL bit to ‘1’.
Dot1
Dot0
No. of Dots
0
0
320 dots/line
0
1
480 dots/line
1
0
640 dots/line
1
1
800 dots/line


Similar Part No. - S1D2502B01

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S1D2502A01-D0B0 SAMSUNG-S1D2502A01-D0B0 Datasheet
742Kb / 57P
   VIDEO AMP MERGED OSD PROCESSOR FOR MONITORS
More results

Similar Description - S1D2502B01

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
DS_S1D2502A01 SAMSUNG-DS_S1D2502A01 Datasheet
742Kb / 57P
   VIDEO AMP MERGED OSD PROCESSOR FOR MONITORS
KB2514 SAMSUNG-KB2514 Datasheet
563Kb / 55P
   VIDEO AMP MERGED OSD PROCESSOR FOR MONITORS
KB2502 SAMSUNG-KB2502 Datasheet
724Kb / 62P
   VIDEO AMP MERGED OSD PROCESSOR
S5D2501F SAMSUNG-S5D2501F Datasheet
394Kb / 23P
   OSD PROCESSOR FOR MONITORS
logo
Analog Devices
ADV8002KBCZ-7B AD-ADV8002KBCZ-7B Datasheet
85Kb / 2P
   Video Signal Processor with Bitmap OSD
Rev. SpA
logo
Samsung semiconductor
KA2143B SAMSUNG-KA2143B Datasheet
108Kb / 12P
   R/G/B VIDEO AMPLIFIER WITH OSD INTERFACE FOR MONITORS
S1D2140B03 SAMSUNG-S1D2140B03 Datasheet
102Kb / 11P
   R/G/B VIDEO AMPLIFIER WITH OSD INTERFACE FOR MONITORS
KA2140B SAMSUNG-KA2140B Datasheet
44Kb / 3P
   R/G/B VIDEO AMPLIFIER WITH OSD INTERFACE FOR MONITORS
logo
STMicroelectronics
STV9212 STMICROELECTRONICS-STV9212 Datasheet
335Kb / 34P
   Video Processor for CRT Monitors with PictureBooST
logo
Samsung semiconductor
KS2508 SAMSUNG-KS2508 Datasheet
224Kb / 22P
   OSD PROCESSOR FOR MONITOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com