Electronic Components Datasheet Search |
|
S1D2502B01 Datasheet(PDF) 27 Page - Samsung semiconductor |
|
|
S1D2502B01 Datasheet(HTML) 27 Page - Samsung semiconductor |
27 / 61 page S1D2502B01 VIDEO AMP MERGED OSD PROCESSOR FOR MONITORS 26 Preliminary The purpose of bits 'HPOL', and 'VPOL' is to provide flexibility when using the S1D2502B01 IC. No matter which polarity you choose for the input signal, the IC will handle them identically, so you can select active high or active low according to your convenience. Frame Control Registers — 0 (Row 15, Column 00) HPOL (Bit B) Polarity of horizontal fly back signal If this bit is '1', HFLB's polarity is positive, and if '0', it is negative. In other words, this bit is set to '1' if active high, and '0' if active low. VPOL (Bit C) Polarity of vertical fly back signal If this bit is '1', VFLB's polarity is positive, and if '0', it is negative. In other words, this bit is set to '1' if active high, and '0' if active low. FdeT (Bit D) Fade-in and fade-out time control If this bit is '1', fade-in/fade-out time is 0.5sec. If not, it is 1sec. Fde (Bit E) Fade-in and fade-out enable This feature is enabled when this bit is '1'. The effect where the display goes from the center to the outside, or from the outside to the center in units of font, is called fade-in/fade-out. Refer to fade-in/fade-out. You must remember that fade-in/fade-out, like scrolling on/off, only occurs when OSD enabled/disabled. Bit F Reserved. Table 11. Register Description (Continued) Registers Bits Description |
Similar Part No. - S1D2502B01 |
|
Similar Description - S1D2502B01 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |